전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

8T73S208B-01NLGI 데이터시트(PDF) 5 Page - Integrated Device Technology

부품명 8T73S208B-01NLGI
상세설명  2.5 V, 3.3 V Differential LVPECL Clock Divider and Fanout Buffer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IDT [Integrated Device Technology]
홈페이지  http://www.idt.com
Logo IDT - Integrated Device Technology

8T73S208B-01NLGI 데이터시트(HTML) 5 Page - Integrated Device Technology

  8T73S208B-01NLGI Datasheet HTML 1Page - Integrated Device Technology 8T73S208B-01NLGI Datasheet HTML 2Page - Integrated Device Technology 8T73S208B-01NLGI Datasheet HTML 3Page - Integrated Device Technology 8T73S208B-01NLGI Datasheet HTML 4Page - Integrated Device Technology 8T73S208B-01NLGI Datasheet HTML 5Page - Integrated Device Technology 8T73S208B-01NLGI Datasheet HTML 6Page - Integrated Device Technology 8T73S208B-01NLGI Datasheet HTML 7Page - Integrated Device Technology 8T73S208B-01NLGI Datasheet HTML 8Page - Integrated Device Technology 8T73S208B-01NLGI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
5
©2016 Integrated Device Technology, Inc.
April 28, 2016
8T73S208B-01 Datasheet
Table 4B. LVCMOS/LVTTL Input DC Characteristics, VCC = VCCO = 2.5V ± 5% or 3.3V ± 5%, VEE = 0V, TA = -40°C to 85°C
Table 4C. Differential Input DC Characteristics, VCC = VCCO = 2.5V ± 5% or 3.3V ± 5%, VEE = 0V, TA = -40°C to 85°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VIH
Input
High Voltage1
NOTE 1: VIL should not be lower than -0.3V and VIH should not be higher than VCC + 0.3V.
FSEL[1:0], ADR[1:0]
VCC = 3.3V ± 5%
2.2
VCC + 0.3V
V
SCL, SDA
VCC = 3.3V ± 5%
2.4
VCC + 0.3V
V
FSEL[1:0], ADR[1:0]
VCC = 2.5V ± 5%
1.7
VCC + 0.3V
V
SCL, SDA
VCC = 2.5V ± 5%
1.9
VCC + 0.3V
V
VIL
Input
Low Voltage1
FSEL[1:0], ADR[1:0]
VCC = 3.3V ± 5%
-0.3
0.8
V
SCL, SDA
VCC = 3.3V ± 5%
-0.3
0.8
V
FSEL[1:0], ADR[1:0]
VCC = 2.5V ± 5%
-0.3
0.7
V
SCL, SDA
VCC = 2.5V ± 5%
-0.3
0.5
V
IIH
Input
High Current
FSEL[1:0], ADR[1:0]
VCC = VIN = 2.625 or 3.465V
150
µA
SCL, SDA
VCC = VIN = 2.625 or 3.465V
10
µA
IIL
Input
Low Current
FSEL[1:0], ADR[1:0]
VCC = 2.625 or 3.465V, VIN = 0V
-10
µA
SCL, SDA
VCC = 2.625 or 3.465V, VIN = 0V
-150
µA
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VIN
Input Voltage Swing1
NOTE 1: VIL should not be less than -0.3V and VIH should not be greater than VCC
IN, nIN
0.15
1.2
V
VCMR
Common Mode Input Voltage1, 2
NOTE 2: Common Mode Input Voltage is defined as the cross point.
1.2
VCC – (VIN/2)
V
VDIFF_IN
Differential Input Voltage Swing
0.3
2.4
V
RIN
Input Resistance
IN, nIN
IN, nIN to VT
40
50
60
RIN_DIFF
Differential
Input Resistance
IN, nIN
IN to nIN, VT = Open
80
100
120


유사한 부품 번호 - 8T73S208B-01NLGI

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
8T73S208B-01 RENESAS-8T73S208B-01 Datasheet
590Kb / 19P
   2.5 V, 3.3 V Differential LVPECL Clock Divider and Fanout Buffer
April 8, 2020
More results

유사한 설명 - 8T73S208B-01NLGI

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
8T73S208 RENESAS-8T73S208 Datasheet
837Kb / 23P
   2.5 V, 3.3 V Differential LVPECL Clock Divider and Fanout Buffer
June 15, 2016
8T73S208B-01 RENESAS-8T73S208B-01 Datasheet
590Kb / 19P
   2.5 V, 3.3 V Differential LVPECL Clock Divider and Fanout Buffer
April 8, 2020
logo
Integrated Device Techn...
8T73S208 IDT-8T73S208_16 Datasheet
532Kb / 22P
   2.5 V, 3.3 V Differential LVPECL Clock Divider and Fanout Buffer
logo
Renesas Technology Corp
8T74S208C-01 RENESAS-8T74S208C-01 Datasheet
666Kb / 21P
   2.5 V Differential LVDS Clock Divider and Fanout Buffer
August 22, 2016
logo
Integrated Device Techn...
8T74S208C-01 IDT-8T74S208C-01 Datasheet
469Kb / 20P
   2.5 V Differential LVDS Clock Divider and Fanout Buffer
logo
Renesas Technology Corp
MPC9456 RENESAS-MPC9456 Datasheet
451Kb / 14P
   2.5 V and 3.3 V LVCMOS Clock Fanout Buffer
2019
logo
Analog Devices
ADCLK944 AD-ADCLK944 Datasheet
227Kb / 12P
   2.5 V/3.3 V, Four LVPECL Outputs, SiGe Clock Fanout Buffer
REV. 0
logo
Freescale Semiconductor...
MPC9446 FREESCALE-MPC9446 Datasheet
330Kb / 12P
   2.5 V and 3.3 V LVCMOS Clock Fanout Buffer
logo
ON Semiconductor
NB6L14 ONSEMI-NB6L14 Datasheet
153Kb / 10P
   2.5 V/3.3 V 3.0 GHz Differential 1:4 LVPECL Fanout Buffer
December, 2006 ??Rev. 0
NB6L14 ONSEMI-NB6L14_07 Datasheet
113Kb / 10P
   2.5 V/3.3 V 3.0 GHz Differential 1:4 LVPECL Fanout Buffer
May, 2007 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com