전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CAT25128 데이터시트(PDF) 9 Page - ON Semiconductor

부품명 CAT25128
상세설명  128-Kb SPI Serial CMOS EEPROM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT25128 데이터시트(HTML) 9 Page - ON Semiconductor

Back Button CAT25128 Datasheet HTML 5Page - ON Semiconductor CAT25128 Datasheet HTML 6Page - ON Semiconductor CAT25128 Datasheet HTML 7Page - ON Semiconductor CAT25128 Datasheet HTML 8Page - ON Semiconductor CAT25128 Datasheet HTML 9Page - ON Semiconductor CAT25128 Datasheet HTML 10Page - ON Semiconductor CAT25128 Datasheet HTML 11Page - ON Semiconductor CAT25128 Datasheet HTML 12Page - ON Semiconductor CAT25128 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
CAT25128
http://onsemi.com
9
Byte Write
Once the WEL bit is set, the user may execute a write
sequence, by sending a WRITE instruction, a 16−bit address
and data as shown in Figure 5. Only 14 significant address
bits are used by the CAT25128. The rest are don’t care bits,
as shown in Table 14. Internal programming will start after
the low to high CS transition. During an internal write cycle,
all commands, except for RDSR (Read Status Register) will
be ignored. The RDY bit will indicate if the internal write
cycle is in progress (RDY high), or the device is ready to
accept commands (RDY low).
Page Write
After sending the first data byte to the CAT25128, the host
may continue sending data, up to a total of 64 bytes,
according to timing shown in Figure 6. After each data byte,
the lower order address bits are automatically incremented,
while the higher order address bits (page address) remain
unchanged. If during this process the end of page is
exceeded, then loading will “roll over” to the first byte in the
page, thus possibly overwriting previously loaded data.
Following completion of the write cycle, the CAT25128 is
automatically returned to the write disable state.
Write Identification Page
The additional 64−byte Identification Page (IP) can be
written with user data using the same Write commands
sequence as used for Page Write to the main memory array
(Figure 6). The IPL bit from the Status Register must be set
(IPL = 1) using the WRSR instruction, before attempting
to write to the IP.
The address bits [A15:A6] are Don’t Care and the
[A5:A0] bits define the byte address within the
Identification Page. In addition, the Byte Address must point
to a location outside the protected area defined by the BP1,
BP0 bits from the Status Register. When the full memory
array is write protected (BP1, BP0 = 1,1), the write
instruction to the IP is not accepted and not executed.
Also, the write to the IP is not accepted if the LIP bit from
the Status Register is set to 1 (the page is locked in
Read−only mode).
Table 14. BYTE ADDRESS
Address Significant Bits
Address Don’t Care Bits
# Address Clock Pulses
Main Memory Array
A13 − A0
A15 − A14
16
Identification Page*
A5 − A0
A15 − A6
16
*New Product only.
Figure 5. Byte WRITE Timing
SCK
SI
SO
00
0
0
0
1
0
D7 D6 D5 D4 D3 D2 D1 D0
012
345
67
8
OPCODE
DATA IN
HIGH IMPEDANCE
BYTE ADDRESS*
21 22 23 24 25 26 27 28 29 30 31
Dashed Line = mode (1, 1)
CS
A0
AN
0
* Please check the Byte Address Table (Table 14)
Figure 6. Page WRITE Timing
SCK
SI
SO
00
00
0
1
0
BYTE ADDRESS*
Data
Byte 1
0123
456
78
21 22 23 24−31 32−39
Data Byte N
OPCODE
7..1
0
24+(N−1)x8−1 .. 24+(N−1)x8
24+Nx8−1
DATA IN
HIGH IMPEDANCE
Dashed Line = mode (1, 1)
CS
AN
A0
Data
Byte 3
Data
Byte 2
0
* Please check the Byte Address Table (Table 14)


유사한 부품 번호 - CAT25128

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
CAT25128 ONSEMI-CAT25128 Datasheet
186Kb / 16P
   128-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 2
CAT25128 ONSEMI-CAT25128 Datasheet
216Kb / 20P
   128-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25128 ONSEMI-CAT25128 Datasheet
388Kb / 22P
   EEPROM Serial 128-Kb SPI
June, 2018 ??Rev. 9
CAT25128HU4E-GT3 ONSEMI-CAT25128HU4E-GT3 Datasheet
216Kb / 20P
   128-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25128HU4E-GT3 ONSEMI-CAT25128HU4E-GT3 Datasheet
388Kb / 22P
   EEPROM Serial 128-Kb SPI
June, 2018 ??Rev. 9
More results

유사한 설명 - CAT25128

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
CAT25128 ONSEMI-CAT25128 Datasheet
186Kb / 16P
   128-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 2
CAT25128LI-G ONSEMI-CAT25128LI-G Datasheet
216Kb / 20P
   128-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25128VI-G ONSEMI-CAT25128VI-G Datasheet
216Kb / 20P
   128-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25128 ONSEMI-CAT25128_12 Datasheet
216Kb / 20P
   128-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25128 ONSEMI-CAT25128_18 Datasheet
388Kb / 22P
   EEPROM Serial 128-Kb SPI
June, 2018 ??Rev. 9
NV25128WF ONSEMI-NV25128WF Datasheet
211Kb / 13P
   EEPROM Serial 128-Kb SPI
June, 2018 ??Rev. 1
CAV25128 ONSEMI-CAV25128_18 Datasheet
279Kb / 15P
   EEPROM Serial 128-Kb SPI
June, 2018 ??Rev. 1
CAT24C128 ONSEMI-CAT24C128 Datasheet
166Kb / 14P
   128 kb I2C CMOS Serial EEPROM
September, 2009 ??Rev. 11
logo
Catalyst Semiconductor
CAT24C128 CATALYST-CAT24C128 Datasheet
520Kb / 17P
   128-Kb I2C CMOS Serial EEPROM
CAT24C128 CATALYST-CAT24C128_07 Datasheet
433Kb / 18P
   128-Kb I2C CMOS Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com