전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CAT25128LI-G 데이터시트(PDF) 7 Page - ON Semiconductor

부품명 CAT25128LI-G
상세설명  128-Kb SPI Serial CMOS EEPROM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT25128LI-G 데이터시트(HTML) 7 Page - ON Semiconductor

Back Button CAT25128LI-G Datasheet HTML 3Page - ON Semiconductor CAT25128LI-G Datasheet HTML 4Page - ON Semiconductor CAT25128LI-G Datasheet HTML 5Page - ON Semiconductor CAT25128LI-G Datasheet HTML 6Page - ON Semiconductor CAT25128LI-G Datasheet HTML 7Page - ON Semiconductor CAT25128LI-G Datasheet HTML 8Page - ON Semiconductor CAT25128LI-G Datasheet HTML 9Page - ON Semiconductor CAT25128LI-G Datasheet HTML 10Page - ON Semiconductor CAT25128LI-G Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
CAT25128
http://onsemi.com
7
Status Register
The Status Register, as shown in Table 11, contains a
number of status and control bits.
The RDY (Ready) bit indicates whether the device is busy
with a write operation. This bit is automatically set to 1 during
an internal write cycle, and reset to 0 when the device is ready
to accept commands. For the host, this bit is read only.
The WEL (Write Enable Latch) bit is set/reset by the
WREN/WRDI commands. When set to 1, the device is in a
Write Enable state and when set to 0, the device is in a Write
Disable state.
The BP0 and BP1 (Block Protect) bits determine which
blocks are currently write protected. They are set by the user
with the WRSR command and are non−volatile. The user is
allowed to protect a quarter, one half or the entire memory,
by setting these bits according to Table 12. The protected
blocks then become read−only.
The WPEN (Write Protect Enable) bit acts as an enable for
the WP pin. Hardware write protection is enabled when the
WP pin is low and the WPEN bit is 1. This condition
prevents writing to the status register and to the block
protected sections of memory. While hardware write
protection is active, only the non−block protected memory
can be written. Hardware write protection is disabled when
the WP pin is high or the WPEN bit is 0. The WPEN bit, WP
pin and WEL bit combine to either permit or inhibit Write
operations, as detailed in Table 13.
The IPL (Identification Page Latch) bit determines
whether the additional Identification Page (IPL = 1) or main
memory array (IPL = 0) can be accessed both for Read and
Write operations. The IPL bit is set by the user with the
WRSR command and is volatile. The IPL bit is
automatically reset after read/write operations.
The LIP bit is set by the user with the WRSR command
and is non−volatile. When set to 1, the Identification Page is
permanently write protected (locked in Read−only mode).
Note: The IPL and LIP bits cannot be set to 1 using the
same WRSR instruction. If the user attempts to set (“1”)
both the IPL and LIP bit in the same time, these bits cannot
be written and therefore they will remain unchanged.
Table 11. STATUS REGISTER
7
6
5
4
3
2
1
0
WPEN
IPL*
0
LIP*
BP1
BP0
WEL
RDY
*The IPL and LIP bits are available for the New Product only. The Status Register bit 6 and bit 4 are set to “0” for the older product revisions.
Table 12. BLOCK PROTECTION BITS
Status Register Bits
Array Address Protected
Protection
BP1
BP0
0
0
None
No Protection
0
1
3000−3FFF
Quarter Array Protection
1
0
2000−3FFF
Half Array Protection
1
1
0000−3FFF
Full Array Protection
Table 13. WRITE PROTECT CONDITIONS
WPEN
WP
WEL
Protected Blocks
Unprotected Blocks
Status Register
0
X
0
Protected
Protected
Protected
0
X
1
Protected
Writable
Writable
1
Low
0
Protected
Protected
Protected
1
Low
1
Protected
Writable
Protected
X
High
0
Protected
Protected
Protected
X
High
1
Protected
Writable
Writable


유사한 부품 번호 - CAT25128LI-G

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
CAT25128LI-G ONSEMI-CAT25128LI-G Datasheet
216Kb / 20P
   128-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25128LI-G ONSEMI-CAT25128LI-G Datasheet
216Kb / 20P
   128-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25128LI-GT3 ONSEMI-CAT25128LI-GT3 Datasheet
186Kb / 16P
   128-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 2
More results

유사한 설명 - CAT25128LI-G

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
CAT25128 ONSEMI-CAT25128 Datasheet
186Kb / 16P
   128-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 2
CAT25128LI-G ONSEMI-CAT25128LI-G Datasheet
216Kb / 20P
   128-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25128VI-G ONSEMI-CAT25128VI-G Datasheet
216Kb / 20P
   128-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25128 ONSEMI-CAT25128_12 Datasheet
216Kb / 20P
   128-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25128 ONSEMI-CAT25128_18 Datasheet
388Kb / 22P
   EEPROM Serial 128-Kb SPI
June, 2018 ??Rev. 9
NV25128WF ONSEMI-NV25128WF Datasheet
211Kb / 13P
   EEPROM Serial 128-Kb SPI
June, 2018 ??Rev. 1
CAV25128 ONSEMI-CAV25128_18 Datasheet
279Kb / 15P
   EEPROM Serial 128-Kb SPI
June, 2018 ??Rev. 1
CAT24C128 ONSEMI-CAT24C128 Datasheet
166Kb / 14P
   128 kb I2C CMOS Serial EEPROM
September, 2009 ??Rev. 11
logo
Catalyst Semiconductor
CAT24C128 CATALYST-CAT24C128 Datasheet
520Kb / 17P
   128-Kb I2C CMOS Serial EEPROM
CAT24C128 CATALYST-CAT24C128_07 Datasheet
433Kb / 18P
   128-Kb I2C CMOS Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com