전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI4542DY 데이터시트(PDF) 2 Page - Vishay Siliconix

부품명 SI4542DY
상세설명  N- and P-Channel 30-V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4542DY 데이터시트(HTML) 2 Page - Vishay Siliconix

  SI4542DY Datasheet HTML 1Page - Vishay Siliconix SI4542DY Datasheet HTML 2Page - Vishay Siliconix SI4542DY Datasheet HTML 3Page - Vishay Siliconix SI4542DY Datasheet HTML 4Page - Vishay Siliconix SI4542DY Datasheet HTML 5Page - Vishay Siliconix SI4542DY Datasheet HTML 6Page - Vishay Siliconix SI4542DY Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.vishay.com
2
Document Number: 70666
S09-0868-Rev. G, 18-May-09
Vishay Siliconix
Si4542DY
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
N-Ch
1.0
V
VDS = VGS, ID = - 250 µA
P-Ch
- 1.0
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
N-Ch
± 100
nA
P-Ch
± 100
Zero Gate Voltage Drain Current
IDSS
VDS = 30 V, VGS = 0 V
N-Ch
1
µA
VDS = - 30 V, VGS = 0 V
P-Ch
- 1
VDS = 30 V, VGS = 0 V, TJ = 55 °C
N-Ch
25
VDS = - 30 V, VGS = 0 V, TJ = 55 °C
P-Ch
- 25
On-State Drain Currenta
ID(on)
VDS ≥ 5 V, VGS = 10 V
N-Ch
20
A
VDS ≤ - 5 V, VGS = - 10 V
P-Ch
- 20
Drain-Source On-State Resistancea
RDS(on)
VGS = 10 V, ID = 6.9 A
N-Ch
0.020
0.025
Ω
VGS = - 10 V, ID = - 6.1 A
P-Ch
0.026
0.032
VGS = 4.5 V, ID = 5.8 A
N-Ch
0.026
0.035
VGS = - 4.5 V, ID = - 5.1 A
P-Ch
0.036
0.045
Forward Transconductancea
gfs
VDS = 15 V, ID = 6.9 A
N-Ch
25
S
VDS = - 15 V, ID = - 6.1 A
P-Ch
16
Diode Forward Voltagea
VSD
IS = 1.7 A, VGS = 0 V
N-Ch
1.2
V
IS = - 1.7 A, VGS = 0 V
P-Ch
- 1.2
Dynamicb
Total Gate Charge
Qg
N-Channel
VDS = 15 V, VGS = 10 V, ID = 6.9 A
P-Channel
VDS = - 15 V, VGS = - 10 V, ID = - 6.1 A
N-Ch
30
50
nC
P-Ch
32
50
Gate-Source Charge
Qgs
N-Ch
7.5
P-Ch
7.0
Gate-Drain Charge
Qgd
N-Ch
3.5
P-Ch
5.0
Gate Resistance
Rg
N-Ch
0.5
2
3.4
Ω
P-Ch
2
4
6.8
Turn-On Delay Time
td(on)
N-Channel
VDD = 15 V, RL = 10 Ω
ID ≅ 1 A, VGEN = 10 V, Rg = 6 Ω
P-Channel
VDD = - 15 V, RL = 10 Ω
ID ≅ - 1 A, VGEN = - 10 V, Rg = 6 Ω
N-Ch
12
20
ns
P-Ch
10
20
Rise Time
tr
N-Ch
10
20
P-Ch
10
20
Turn-Off Delay Time
td(off)
N-Ch
60
90
P-Ch
55
80
Fall Time
tf
N-Ch
15
30
P-Ch
25
40
Source-Drain
Reverse Recovery Time
trr
IF = 1.7 A, dI/dt = 100 A/µs
N-Ch
50
90
IF = - 1.7 A, dI/dt = 100 A/µs
P-Ch
50
90
Reverse Recovery Time
Qrr
IF = 1.7 A, dI/dt = 100 A/µs
N-Ch
45
nC
IF = - 1.7 A, dI/dt = 100 A/µs
P-Ch
55


유사한 부품 번호 - SI4542DY

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
SI4542DY FAIRCHILD-SI4542DY Datasheet
56Kb / 4P
   30V Complementary PowerTrench MOSFET
logo
Vishay Siliconix
SI4542DY VISHAY-SI4542DY Datasheet
120Kb / 7P
   N- and P-Channel 30-V (D-S) MOSFET
01-Jan-2022
Si4542DY-T1-E3 VISHAY-Si4542DY-T1-E3 Datasheet
261Kb / 10P
   N-and P-Channel 30-V (D-S) MOSFET
Rev. G, 18-May-09
logo
VBsemi Electronics Co.,...
SI4542DY-T1-E3 VBSEMI-SI4542DY-T1-E3 Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
logo
Vishay Siliconix
SI4542DY-T1-GE3 VISHAY-SI4542DY-T1-GE3 Datasheet
261Kb / 10P
   N-and P-Channel 30-V (D-S) MOSFET
Rev. G, 18-May-09
More results

유사한 설명 - SI4542DY

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI4532DY VISHAY-SI4532DY Datasheet
123Kb / 7P
   N- and P-Channel 30-V (D-S) MOSFET
Rev. D, 23-Nov-93
SI3590DV VISHAY-SI3590DV_09 Datasheet
232Kb / 13P
   N- and P-Channel 30-V (D-S) MOSFET
Rev. C, 28-Sep-09
SI6544BDQ VISHAY-SI6544BDQ Datasheet
66Kb / 8P
   N-and P-Channel 30-V (D-S) MOSFET
Rev. A, 16-Jun-03
SI5511DC VISHAY-SI5511DC Datasheet
164Kb / 12P
   N- and P-Channel 30-V (D-S) MOSFET
Rev. B, 22-Oct-07
SI5504BDC VISHAY-SI5504BDC_10 Datasheet
152Kb / 12P
   N- and P-Channel 30 V (D-S) MOSFET
Rev. B, 08-Mar-10
logo
Guangdong Kexin Industr...
KI4544DY KEXIN-KI4544DY Datasheet
56Kb / 2P
   N- and P-Channel 30-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
AO4606A VBSEMI-AO4606A Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
FDS8960C-NL VBSEMI-FDS8960C-NL Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
logo
Vishay Telefunken
SI3590DV TFUNK-SI3590DV Datasheet
233Kb / 13P
   N- and P-Channel 30-V (D-S) MOSFET
SI4532CDY TFUNK-SI4532CDY Datasheet
296Kb / 15P
   N- and P-Channel 30 V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
SH8M4TB VBSEMI-SH8M4TB Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com