전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BA-15D15UD 데이터시트(PDF) 1 Page - List of Unclassifed Manufacturers

부품명 BA-15D15UD
상세설명  LED LIGHT BAR & BAR GRAPH ARRAYS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

BA-15D15UD 데이터시트(HTML) 1 Page - List of Unclassifed Manufacturers

  BA-15D15UD Datasheet HTML 1Page - List of Unclassifed Manufacturers BA-15D15UD Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Part No.
Chip
Absolute Maximum
Ratings
Electro-optical
Data(At 10mA)
Vf
(v)
Digit Size
Common
Anode
Common
Cathode
Material/Emitted
Color
Peak
Wave
Length
p(nm)
(nm)
Pd
(mw)
If
(mA)
Ifp
(mA)
Typ. Max.
Iv. Typ.
Per.Seg.
(mcd)
Drawing
No.
BA-10R1UD
GaAsP/Red
655
40
80
40
200
1.7
2.0
1.4
BA-10H1UD
GaP/ Bright Red
700
90
40
15
50
2.2
2.5
2.0
BA-10G1UD
GaP/ Green
568
30
80
30
150
2.2
2.5
5.0
BA-10Y1UD
GaAsP/GaP/ Yellow
585
35
80
30
150
2.1
2.5
4.5
GaAsP/GaP/ Hi-Eff.Red
BA-10E1UD
GaAsP/GaP/ Orange
635
45
80
30
150
2.0
2.5
5.0
BA-10S1UD
GaAlAs/ SH Super Red
660
20
80
30
150
1.7
2.5
8.0
1.78*5.10mm
10Bar
Graph Array
BA-10D1UD
GaAlAs/ DH Super Red
660
20
80
30
150
1.7
2.5
9.0
AD-01
BA-5R5UD
GaAsP/Red
655
40
80
40
200
1.7
2.0
1.4
BA-5H5UD
GaP/ Bright Red
700
90
40
15
50
2.2
2.5
2.0
BA-5G5UD
GaP/ Green
568
30
80
30
150
2.2
2.5
5.0
BA-5Y5UD
GaAsP/GaP/ Yellow
585
35
80
30
150
2.1
2.5
4.5
GaAsP/GaP/ Hi-Eff.Red
BA-5E5UD
GaAsP/GaP/ Orange
635
45
80
30
150
2.0
2.5
5.0
BA-5S5UD
GaAlAs/ SH Super Red
660
20
80
30
150
1.7
2.5
8.0
1.70*5.00mm
5Bar
Graph Array
BA-5D5UD
GaAlAs/ DH Super Red
660
20
80
30
150
1.7
2.5
9.0
AD-02
BA-12R3UD
GaAsP/Red
655
40
80
40
200
1.7
2.0
1.2
BA-12H3UD
GaP/ Bright Red
700
90
40
15
50
2.2
2.5
1.8
BA-12G3UD
GaP/ Green
568
30
80
30
150
2.2
2.5
4.5
BA-12Y3UD
GaAsP/GaP/ Yellow
585
35
80
30
150
2.1
2.5
3.5
GaAsP/GaP/ Hi-Eff.Red
BA-12E3UD
GaAsP/GaP/ Orange
635
45
80
30
150
2.0
2.5
4.5
BA-12S3UD
GaAlAs/ SH Super Red
660
20
80
30
150
1.7
2.5
10.0
BA-12D3UD
GaAlAs/ DH Super Red
660
20
80
30
150
1.7
2.5
12.0
AD-03
BA-12R3UD-A
GaAsP/Red
655
40
80
40
200
1.7
2.0
1.2
BA-12H3UD-A
GaP/ Bright Red
700
90
40
15
50
2.2
2.5
1.8
BA-12G3UD-A
GaP/ Green
568
30
80
30
150
2.2
2.5
4.5
BA-12Y3UD-A
GaAsP/GaP/ Yellow
585
35
80
30
150
2.1
2.5
3.5
GaAsP/GaP/ Hi-Eff.Red
BA-12E3UD-A
GaAsP/GaP/ Orange
635
45
80
30
150
2.0
2.5
4.5
BA-12S3UD-A
GaAlAs/ SH Super Red
660
20
80
30
150
1.7
2.5
10.0
1.50*4.00mm
12Bar
Graph Array
BA-12D3UD-A
GaAlAs/ DH Super Red
660
20
80
30
150
1.7
2.5
12.0
AD-04
BA-9R4AD
BA-9R4CD
GaAsP/Red
655
40
80
40
200
1.7
2.0
1.2
BA-9H4AD
BA-9H4CD
GaP/ Bright Red
700
90
40
15
50
2.2
2.5
1.8
BA-9G4AD
BA-9G4CD
GaP/ Green
568
30
80
30
150
2.2
2.5
4.5
BA-9Y4AD
BA-9Y4CD
GaAsP/GaP/ Yellow
585
35
80
30
150
2.1
2.5
3.5
GaAsP/GaP/ Hi-Eff.Red
BA-9E4AD
BA-9E4CD
GaAsP/GaP/ Orange
635
45
80
30
150
2.0
2.5
4.5
BA-9S4AD
BA-9S4CD
GaAlAs/ SH Super Red
660
20
80
30
150
1.7
2.5
10.0
2.50*7.00mm
9Bar
Graph Array
BA-9D4AD
BA-9D4CD
GaAlAs/ DH Super Red
660
20
80
30
150
1.7
2.5
12.0
AD-05
BA-15R15UD
GaAsP/Red
655
40
80
40
200
1.7
2.0
1.2
BA-15H15UD
GaP/ Bright Red
700
90
40
15
50
2.2
2.5
1.8
BA-15G15UD
GaP/ Green
568
30
80
30
150
2.2
2.5
4.5
BA-15Y15UD
GaAsP/GaP/ Yellow
585
35
80
30
150
2.1
2.5
3.5
GaAsP/GaP/ Hi-Eff.Red
BA-15E15UD
GaAsP/GaP/ Orange
635
45
80
30
150
2.0
2.5
4.5
BA-15S15UD
GaAlAs/ SH Super Red
660
20
80
30
150
1.7
2.5
10.0
1.78*5.10mm
15Bar
Graph Array
BA-15D15UD
GaAlAs/ DH Super Red
660
20
80
30
150
1.7
2.5
12.0
AD-06
Yellow Stone corp.
www.ystone.com.tw
886-2-28221522 FAX:886-2-28202309 YELLOW STONE CORP. Specifications subject to change without notice.


유사한 부품 번호 - BA-15D15UD

제조업체부품명데이터시트상세설명
logo
BRIGHT LED ELECTRONICS ...
BA-15Y15UD BRIGHT-BA-15Y15UD Datasheet
158Kb / 3P
   15BAR GRAPH ARRAY
More results

유사한 설명 - BA-15D15UD

제조업체부품명데이터시트상세설명
logo
Yellow Stone Corp
BA-2R2UW YSTONE-BA-2R2UW Datasheet
144Kb / 2P
   LED LIGHT BAR & BAR GRAPH ARRAYS
logo
Kingbright Corporation
DD-12HWB KINGBRIGHT-DD-12HWB Datasheet
124Kb / 4P
   12SEGMENT BAR GRAPH ARRAYS
logo
Lucky Light Electronic
KWL-401UX LUCKY-LIGHT-KWL-401UX Datasheet
44Kb / 1P
   Light Bar Graph Array Display
KWL-801UX LUCKY-LIGHT-KWL-801UX Datasheet
45Kb / 1P
   Light Bar Graph Array Display
KWL-1001UX LUCKY-LIGHT-KWL-1001UX Datasheet
46Kb / 1P
   Light Bar Graph Array Display
KWL-201UX LUCKY-LIGHT-KWL-201UX Datasheet
43Kb / 1P
   Light Bar Graph Array Display
logo
LIGITEK electronics co....
LBD1301-24S-XX LIGITEK-LBD1301-24S-XX Datasheet
141Kb / 8P
   BAR GRAPH LED DISPLAY
logo
Lucky Light Electronic
KWL-701UX LUCKY-LIGHT-KWL-701UX Datasheet
46Kb / 1P
   Light Bar Graph Array Display
logo
NTE Electronics
NTE3113 NTE-NTE3113 Datasheet
71Kb / 2P
   Bar Graph Display
logo
P-tec Corporation
PB65-BGA10G13 P-TEC-PB65-BGA10G13 Datasheet
30Kb / 1P
   LED Rectangular Bar Graph Array
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com