전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BTA08-800CWRG 데이터시트(PDF) 3 Page - Inchange Semiconductor Company Limited

부품명 BTA08-800CWRG
상세설명  isc Triacs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ISC [Inchange Semiconductor Company Limited]
홈페이지  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BTA08-800CWRG 데이터시트(HTML) 3 Page - Inchange Semiconductor Company Limited

  BTA08-800CWRG Datasheet HTML 1Page - Inchange Semiconductor Company Limited BTA08-800CWRG Datasheet HTML 2Page - Inchange Semiconductor Company Limited BTA08-800CWRG Datasheet HTML 3Page - Inchange Semiconductor Company Limited BTA08-800CWRG Datasheet HTML 4Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
isc&iscsemi is registered trademark
3
isc Triacs
BTA08-800CWRG
\


유사한 부품 번호 - BTA08-800CWRG

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
BTA08-800CWRG STMICROELECTRONICS-BTA08-800CWRG Datasheet
129Kb / 11P
   8A TRIACS
BTA08-800CWRG STMICROELECTRONICS-BTA08-800CWRG Datasheet
151Kb / 12P
   Snubberless?? logic level and standard 8 A Triacs
BTA08-800CWRG STMICROELECTRONICS-BTA08-800CWRG Datasheet
274Kb / 21P
   Snubberless™, logic level and standard 8 A Triacs
DS2114 - Rev 15 - August 2018
More results

유사한 설명 - BTA08-800CWRG

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
Q8006DH4 ISC-Q8006DH4 Datasheet
163Kb / 1P
   isc Triacs
TPDV1240RG ISC-TPDV1240RG Datasheet
221Kb / 1P
   isc Triacs
BTA12-600 ISC-BTA12-600 Datasheet
211Kb / 1P
   isc Triacs
BTA10-600 ISC-BTA10-600 Datasheet
210Kb / 1P
   isc Triacs
BTA20-600 ISC-BTA20-600 Datasheet
198Kb / 1P
   isc Triacs
BTB04-600 ISC-BTB04-600 Datasheet
211Kb / 1P
   isc Triacs
BTA16-600SWRG ISC-BTA16-600SWRG Datasheet
234Kb / 1P
   isc Triacs
BTA208-600 ISC-BTA208-600 Datasheet
234Kb / 1P
   isc Triacs
ISCC1896 ISC-ISCC1896 Datasheet
374Kb / 2P
   isc Triacs
TIC225M ISC-TIC225M Datasheet
108Kb / 1P
   isc Triacs
BT136 ISC-BT136 Datasheet
207Kb / 1P
   isc Triacs
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com