전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC74AC540 데이터시트(PDF) 8 Page - ON Semiconductor

부품명 MC74AC540
상세설명  Octal Buffer/Line Driver with 3-State Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74AC540 데이터시트(HTML) 8 Page - ON Semiconductor

Back Button MC74AC540_15 Datasheet HTML 2Page - ON Semiconductor MC74AC540_15 Datasheet HTML 3Page - ON Semiconductor MC74AC540_15 Datasheet HTML 4Page - ON Semiconductor MC74AC540_15 Datasheet HTML 5Page - ON Semiconductor MC74AC540_15 Datasheet HTML 6Page - ON Semiconductor MC74AC540_15 Datasheet HTML 7Page - ON Semiconductor MC74AC540_15 Datasheet HTML 8Page - ON Semiconductor MC74AC540_15 Datasheet HTML 9Page - ON Semiconductor MC74AC540_15 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
MC74AC540, MC74ACT540, MC74AC541, MC74ACT541
www.onsemi.com
8
ORDERING INFORMATION
Device
Package
Shipping
MC74AC540DWG
SOIC−20
(Pb−Free)
38 Units / Rail
MC74AC540DWR2G
SOIC−20
(Pb−Free)
1000 / Tape & Reel
MC74ACT540DWG
SOIC−20
(Pb−Free)
38 Units / Rail
MC74ACT540DWR2G
SOIC−20
(Pb−Free)
1000 / Tape & Reel
MC74ACT540DTR2G
TSSOP−20
(Pb−Free)
2500 / Tape & Reel
MC74AC541DWG
SOIC−20
(Pb−Free)
38 Units / Rail
MC74AC541DWR2G
SOIC−20
(Pb−Free)
1000 / Tape & Reel
MC74ACT541DWG
SOIC−20
(Pb−Free)
38 Units / Rail
MC74ACT541DWR2G
SOIC−20
(Pb−Free)
1000 / Tape & Reel
MC74AC541DTR2G
TSSOP−20
(Pb−Free)
2500 / Tape & Reel
MC74ACT541DTG
TSSOP−20
(Pb−Free)
75 Units / Rail
MC74ACT541DTR2G
TSSOP−20
(Pb−Free)
2500 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*These packages are inherently Pb−Free.
MARKING DIAGRAMS
SOIC−20W
TSSOP−20
1
20
AC
54x
ALYW
G
G
x
= 0 or 1
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W
= Work Week
G or
G
= Pb−Free Package
(Note: Microdot may be in either location)
1
20
ACT
54x
ALYW
G
G
20
1
ACT54x
AWLYYWWG
20
1
AC54x
AWLYYWWG


유사한 부품 번호 - MC74AC540_15

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MC74AC540DW MOTOROLA-MC74AC540DW Datasheet
220Kb / 7P
   OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC74AC540DW ONSEMI-MC74AC540DW Datasheet
131Kb / 12P
   Octal Buffer/Line Driver with 3?뭆tate Outputs
December, 2006 ??Rev. 8
MC74AC540DWG ONSEMI-MC74AC540DWG Datasheet
131Kb / 12P
   Octal Buffer/Line Driver with 3?뭆tate Outputs
December, 2006 ??Rev. 8
MC74AC540DWR2 ONSEMI-MC74AC540DWR2 Datasheet
131Kb / 12P
   Octal Buffer/Line Driver with 3?뭆tate Outputs
December, 2006 ??Rev. 8
MC74AC540DWR2G ONSEMI-MC74AC540DWR2G Datasheet
131Kb / 12P
   Octal Buffer/Line Driver with 3?뭆tate Outputs
December, 2006 ??Rev. 8
More results

유사한 설명 - MC74AC540_15

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74VHC244 FAIRCHILD-74VHC244 Datasheet
84Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74AC244 FAIRCHILD-74AC244 Datasheet
111Kb / 10P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
Motorola, Inc
SN54LS240 MOTOROLA-SN54LS240 Datasheet
191Kb / 6P
   OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244_15 Datasheet
93Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 8
MC74ACT241 ONSEMI-MC74ACT241_15 Datasheet
89Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 6
logo
Fairchild Semiconductor
74AC540 FAIRCHILD-74AC540_05 Datasheet
97Kb / 7P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244 Datasheet
91Kb / 8P
   Octal Buffer/Line Driver with 3-State Outputs
May, 2001 ??Rev. 5
74AC244 ONSEMI-74AC244 Datasheet
396Kb / 14P
   Octal Buffer/Line Driver with 3-STATE Outputs
January 2008 Rev. 1.4.0
74VHC240 ONSEMI-74VHC240 Datasheet
263Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
April 2007 Rev. 1.3
logo
Fairchild Semiconductor
74ABT240 FAIRCHILD-74ABT240 Datasheet
105Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74ABT244 FAIRCHILD-74ABT244 Datasheet
125Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com