전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC74ACT161DR2G 데이터시트(PDF) 6 Page - ON Semiconductor

부품명 MC74ACT161DR2G
상세설명  Synchronous Presettable Binary Counter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74ACT161DR2G 데이터시트(HTML) 6 Page - ON Semiconductor

Back Button MC74ACT161DR2G Datasheet HTML 2Page - ON Semiconductor MC74ACT161DR2G Datasheet HTML 3Page - ON Semiconductor MC74ACT161DR2G Datasheet HTML 4Page - ON Semiconductor MC74ACT161DR2G Datasheet HTML 5Page - ON Semiconductor MC74ACT161DR2G Datasheet HTML 6Page - ON Semiconductor MC74ACT161DR2G Datasheet HTML 7Page - ON Semiconductor MC74ACT161DR2G Datasheet HTML 8Page - ON Semiconductor MC74ACT161DR2G Datasheet HTML 9Page - ON Semiconductor MC74ACT161DR2G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MC74AC161, MC74ACT161, MC74AC163, MC74ACT163
www.onsemi.com
6
AC OPERATING REQUIREMENTS
Symbol
Parameter
VCC*
(V)
74AC161
74AC161
Unit
Fig.
No.
TA = +25°C
CL = 50 pF
TA = −40°C
to +85
°C
CL = 50 pF
Typ
Guaranteed Minimum
ts
Setup Time, HIGH or LOW
3.3
6.0
13.5
16.0
ns
3−9
Pn to CP
5.0
3.5
8.5
10.5
th
Hold Time, HIGH or LOW
3.3
−7.0
−1.0
−0.5
ns
3−9
Pn to CP
5.0
−4.0
0
0
ts
Setup Time, HIGH or LOW
3.3
6.5
11.5
14.0
ns
3−9
PE to CP
5.0
4.0
7.5
8.5
th
Hold Time, HIGH or LOW
3.3
−6.0
0
0
ns
3−9
PE to CP
5.0
−3.5
0.5
1.0
ts
Setup Time, HIGH or LOW
3.3
3.0
6.0
7.0
ns
3−9
CEP or CET to CP
5.0
2.0
4.5
5.0
th
Hold Time, HIGH or LOW
3.3
−3.5
0
0
ns
3−9
CEP or CET to CP
5.0
−2.0
0
0.5
tw
Clock Pulse Width (Load)
3.3
2.0
3.5
4.0
ns
3−6
HIGH or LOW
5.0
2.0
2.5
3.0
tw
Clock Pulse Width (Count)
3.3
2.0
4.0
4.5
ns
3−6
HIGH or LOW
5.0
2.0
3.0
3.5
tw
MR Pulse Width, LOW
3.3
3.0
5.5
7.5
ns
3−6
5.0
2.5
4.5
6.0
trec
Recovery TIme
3.3
−2.0
−0.5
0
ns
3−9
MR to CP
5.0
−1.0
0
0.5
*Voltage Range 3.3 V is 3.3 V
±0.3 V.
*Voltage Range 5.0 V is 5.0 V
±0.5 V.


유사한 부품 번호 - MC74ACT161DR2G

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC74ACT161DR2 ONSEMI-MC74ACT161DR2 Datasheet
192Kb / 15P
   Synchronous Presettable Binary Counter
March, 2006 ??Rev. 7
More results

유사한 설명 - MC74ACT161DR2G

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74AC163 FAIRCHILD-74AC163 Datasheet
112Kb / 11P
   Synchronous Presettable Binary Counter
logo
Renesas Technology Corp
HD74ACT161 RENESAS-HD74ACT161 Datasheet
221Kb / 9P
   Synchronous Presettable Binary Counter
logo
Fairchild Semiconductor
74F161A FAIRCHILD-74F161A Datasheet
96Kb / 8P
   Synchronous Presettable Binary Counter
logo
ON Semiconductor
MC74AC161 ONSEMI-MC74AC161 Datasheet
192Kb / 15P
   Synchronous Presettable Binary Counter
March, 2006 ??Rev. 7
logo
Fairchild Semiconductor
74163 FAIRCHILD-74163 Datasheet
112Kb / 11P
   Synchronous Presettable Binary Counter
logo
AVG Semiconductors(HITE...
DV74ACT163 AVG-DV74ACT163 Datasheet
438Kb / 5P
   Synchronous Presettable Binary counter
logo
National Semiconductor ...
54AC161 NSC-54AC161 Datasheet
192Kb / 12P
   Synchronous Presettable Binary Counter
logo
Fairchild Semiconductor
74AC161 FAIRCHILD-74AC161_03 Datasheet
155Kb / 11P
   Synchronous Presettable Binary Counter
logo
Hitachi Semiconductor
HD74ACT161 HITACHI-HD74ACT161 Datasheet
70Kb / 14P
   Synchronous Presettable Binary Counter
logo
National Semiconductor ...
54AC163 NSC-54AC163 Datasheet
190Kb / 12P
   Synchronous Presettable Binary Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com