전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC74ACT241 데이터시트(PDF) 1 Page - ON Semiconductor

부품명 MC74ACT241
상세설명  Octal Buffer/Line Driver with 3-State Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74ACT241 데이터시트(HTML) 1 Page - ON Semiconductor

  MC74ACT241_15 Datasheet HTML 1Page - ON Semiconductor MC74ACT241_15 Datasheet HTML 2Page - ON Semiconductor MC74ACT241_15 Datasheet HTML 3Page - ON Semiconductor MC74ACT241_15 Datasheet HTML 4Page - ON Semiconductor MC74ACT241_15 Datasheet HTML 5Page - ON Semiconductor MC74ACT241_15 Datasheet HTML 6Page - ON Semiconductor MC74ACT241_15 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2015
February, 2015 − Rev. 6
1
Publication Order Number:
MC74ACT241/D
MC74ACT241
Octal Buffer/Line Driver
with 3-State Outputs
The MC74ACT241 is an octal buffer and line driver designed to be
employed as a memory address driver, clock driver and bus oriented
transmitter or receiver which provides improved PC board density.
Features
3−State Outputs Drive Bus Lines or Buffer Memory Address
Registers
Outputs Source/Sink 24 mA
TTL Compatible Inputs
These are Pb−Free Devices
19
20
18
17
16
15
14
2
1
34567
VCC
13
8
12
9
11
10
OE2
YA1
DB4
YA2
DB3
YA3
DB2
YA4
DB1
OE1
DA1
YB4
DA2
YB3
DA3
YB2
DA4
YB1
GND
Figure 1. Pinout: 20−Lead Packages Conductors
(Top View)
TRUTH TABLE
Inputs
Outputs
OE1
D
(Pins 12, 14, 16, 18)
L
L
L
L
H
H
H
X
Z
H = HIGH Voltage Level
L = LOW Voltage Level
X = Immaterial
Z = High Impedance
TRUTH TABLE
Inputs
Outputs
OE2
D
(Pins 3, 5, 7, 9)
H
L
L
H
H
H
L
X
Z
H = HIGH Voltage Level
L = LOW Voltage Level
X = Immaterial
Z = High Impedance
www.onsemi.com
SOIC−20W
DW SUFFIX
CASE 751D
TSSOP−20
DT SUFFIX
CASE 948E
1
1
See detailed ordering and shipping information in the package
dimensions section on page 5 of this data sheet.
ORDERING INFORMATION
MARKING
DIAGRAMS
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W
= Work Week
G or
G
= Pb−Free Package
(Note: Microdot may be in either location)
20
1
ACT241
AWLYYWWG
1
20
ACT
241
ALYW
G
G


유사한 부품 번호 - MC74ACT241_15

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC74ACT241DTR2 ONSEMI-MC74ACT241DTR2 Datasheet
94Kb / 8P
   Octal Buffer/Line Driver with 3?뭆tate Outputs
December, 2006 ??Rev. 5
MC74ACT241DTR2G ONSEMI-MC74ACT241DTR2G Datasheet
94Kb / 8P
   Octal Buffer/Line Driver with 3?뭆tate Outputs
December, 2006 ??Rev. 5
MC74ACT241DW ONSEMI-MC74ACT241DW Datasheet
94Kb / 8P
   Octal Buffer/Line Driver with 3?뭆tate Outputs
December, 2006 ??Rev. 5
MC74ACT241DWG ONSEMI-MC74ACT241DWG Datasheet
94Kb / 8P
   Octal Buffer/Line Driver with 3?뭆tate Outputs
December, 2006 ??Rev. 5
MC74ACT241DWR2 ONSEMI-MC74ACT241DWR2 Datasheet
94Kb / 8P
   Octal Buffer/Line Driver with 3?뭆tate Outputs
December, 2006 ??Rev. 5
More results

유사한 설명 - MC74ACT241_15

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74VHC244 FAIRCHILD-74VHC244 Datasheet
84Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74AC244 FAIRCHILD-74AC244 Datasheet
111Kb / 10P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
Motorola, Inc
SN54LS240 MOTOROLA-SN54LS240 Datasheet
191Kb / 6P
   OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244_15 Datasheet
93Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 8
logo
Fairchild Semiconductor
74AC540 FAIRCHILD-74AC540_05 Datasheet
97Kb / 7P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244 Datasheet
91Kb / 8P
   Octal Buffer/Line Driver with 3-State Outputs
May, 2001 ??Rev. 5
74AC244 ONSEMI-74AC244 Datasheet
396Kb / 14P
   Octal Buffer/Line Driver with 3-STATE Outputs
January 2008 Rev. 1.4.0
74VHC240 ONSEMI-74VHC240 Datasheet
263Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
April 2007 Rev. 1.3
logo
Fairchild Semiconductor
74ABT240 FAIRCHILD-74ABT240 Datasheet
105Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74ABT244 FAIRCHILD-74ABT244 Datasheet
125Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com