전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC14536B 데이터시트(PDF) 8 Page - ON Semiconductor

부품명 MC14536B
상세설명  Programmable Timer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14536B 데이터시트(HTML) 8 Page - ON Semiconductor

Back Button MC14536B Datasheet HTML 4Page - ON Semiconductor MC14536B Datasheet HTML 5Page - ON Semiconductor MC14536B Datasheet HTML 6Page - ON Semiconductor MC14536B Datasheet HTML 7Page - ON Semiconductor MC14536B Datasheet HTML 8Page - ON Semiconductor MC14536B Datasheet HTML 9Page - ON Semiconductor MC14536B Datasheet HTML 10Page - ON Semiconductor MC14536B Datasheet HTML 11Page - ON Semiconductor MC14536B Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
MC14536B
http://onsemi.com
8
Figure 7. Power Dissipation Test
Circuit and Waveform
Figure 8. Switching Time Test Circuit and Waveforms
VDD
0.01
mF
CERAMIC
500
mF
ID
CL
CL
CL
VSS
PULSE
GENERATOR
SET
RESET
8-BYPASS
IN1
C INH
MONO-IN
OSC INH
C
B
A
D
OUT 1
OUT
2
DECODE
OUT
20 ns
20 ns
90%
10%
50%
50%
DUTY CYCLE
PULSE
GENERATOR
SET
RESET
8-BYPASS
IN1
C INH
MONO-IN
OSC INH
C
B
A
D
OUT 1
OUT
2
DECODE
OUT
CL
VSS
VDD
20 ns
20 ns
50%
IN1
tWL
tWH
50%
tPHL
90%
10%
tPLH
tTLH
tTHL
OUT
FUNCTIONAL TEST SEQUENCE
Test function (Figure 9) has been included for the
reduction of test time required to exercise all 24 counter
stages. This test function divides the counter into three
8−stage sections and 255 counts are loaded in each of the
8−stage sections in parallel. All flip−flops are now at a “1”.
The counter is now returned to the normal 24−stages in
series configuration. One more pulse is entered into In1
which will cause the counter to ripple from an all “1” state
to an all “0” state.
Figure 9. Functional
Test Circuit
VDD
VSS
PULSE
GENERATOR
SET
RESET
8-BYPASS
IN1
C INH
MONO-IN
OSC INH
C
B
A
D
OUT 1
OUT
2
DECODE
OUT
FUNCTIONAL TEST SEQUENCE
Inputs
Outputs
Comments
In1
Set
Reset
8−Bypass
Decade Out
Q1 thru Q24
All 24 stages are in Reset mode.
1
0
1
1
0
1
1
1
1
0
Counter is in three 8 stage sections in parallel mode.
0
1
1
1
0
First “1” to “0” transition of clock.
1
0
1
1
1
255 “1” to “0” transitions are clocked in the counter.
0
1
1
1
1
The 255 “1” to “0” transition.
0
0
0
0
1
Counter converted back to 24 stages in series mode.
Set and Reset must be connected together and simultaneously
go from “1” to “0”.
1
0
0
0
1
In1 Switches to a “1”.
0
0
0
0
0
Counter Ripples from an all “1” state to an all “0” state.


유사한 부품 번호 - MC14536B

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC14536B ONSEMI-MC14536B Datasheet
294Kb / 16P
   Programmable Timer
March, 2000 ??Rev. 5
logo
Motorola, Inc
MC14536B MOTOROLA-MC14536B Datasheet
333Kb / 13P
   PROGRAMMABLE TIMER
logo
ON Semiconductor
MC14536B ONSEMI-MC14536B Datasheet
150Kb / 14P
   Programmable Timer
April, 2006 ??Rev. 9
logo
Motorola, Inc
MC14536BCL MOTOROLA-MC14536BCL Datasheet
333Kb / 13P
   PROGRAMMABLE TIMER
logo
ON Semiconductor
MC14536BCP ONSEMI-MC14536BCP Datasheet
294Kb / 16P
   Programmable Timer
March, 2000 ??Rev. 5
More results

유사한 설명 - MC14536B

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC14541B ONSEMI-MC14541B Datasheet
195Kb / 8P
   Programmable Timer
March, 2000 ??Rev. 6
logo
NXP Semiconductors
HEF4541B PHILIPS-HEF4541B Datasheet
144Kb / 8P
   Programmable timer
January 1995
logo
Fairchild Semiconductor
CD4541BC FAIRCHILD-CD4541BC_02 Datasheet
86Kb / 8P
   Programmable Timer
logo
SELEC Controls Pvt. Ltd
XT532 SELEC-XT532 Datasheet
135Kb / 2P
   PROGRAMMABLE TIMER
logo
Motorola, Inc
MC14536B MOTOROLA-MC14536B Datasheet
333Kb / 13P
   PROGRAMMABLE TIMER
logo
Unisonic Technologies
CD4541 UTC-CD4541_12 Datasheet
262Kb / 7P
   PROGRAMMABLE TIMER
logo
Fairchild Semiconductor
CD4541BC FAIRCHILD-CD4541BC Datasheet
77Kb / 8P
   Programmable Timer
logo
ON Semiconductor
MC14536B ONSEMI-MC14536B_06 Datasheet
150Kb / 14P
   Programmable Timer
April, 2006 ??Rev. 9
logo
System Logic Semiconduc...
SL4541B SLS-SL4541B Datasheet
47Kb / 5P
   Programmable Timer
logo
ON Semiconductor
MC14536B ONSEMI-MC14536B Datasheet
294Kb / 16P
   Programmable Timer
March, 2000 ??Rev. 5
logo
STMicroelectronics
HCC4536B STMICROELECTRONICS-HCC4536B Datasheet
351Kb / 17P
   PROGRAMMABLE TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com