전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRLH7134PBF 데이터시트(PDF) 1 Page - Infineon Technologies AG

부품명 IRLH7134PBF
상세설명  HEXFET짰 Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IRLH7134PBF 데이터시트(HTML) 1 Page - Infineon Technologies AG

  IRLH7134PBF Datasheet HTML 1Page - Infineon Technologies AG IRLH7134PBF Datasheet HTML 2Page - Infineon Technologies AG IRLH7134PBF Datasheet HTML 3Page - Infineon Technologies AG IRLH7134PBF Datasheet HTML 4Page - Infineon Technologies AG IRLH7134PBF Datasheet HTML 5Page - Infineon Technologies AG IRLH7134PBF Datasheet HTML 6Page - Infineon Technologies AG IRLH7134PBF Datasheet HTML 7Page - Infineon Technologies AG IRLH7134PBF Datasheet HTML 8Page - Infineon Technologies AG IRLH7134PBF Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
IRLH7134PbF
HEXFET® Power MOSFET
VDSS
40
V
RDS(on) max
(@ VGS = 10V)
3.3
m

Qg (typical)
39
nC
ID
(@TC (Bottom) = 25°C)
50
A
 
 
PQFN 5X6 mm
Notes  through  are on page 9
Orderable Part Number  
Package Type  
Standard Pack
Form
Quantity
IRLH7134TRPbF
PQFN 5mm x 6 mm
Tape and Reel
4000
IRLH7134TR2PbF
PQFN 5mm x 6 mm
Tape and Reel
400
EOL notice # 259
Note
Features
Benefits
Low RDS(ON) (< 4.7m@ VGS = 4.5V)
Lower Conduction Losses
Low Thermal Resistance to PCB (<1.2°C/W)
Enables better thermal dissipation
Low Profile (<0.9mm)
results in Increased Power Density
Industry-Standard Pinout

Multi-Vendor Compatibility
Compatible with Existing Surface Mount Techniques
Easier Manufacturing
RoHS Compliant Containing no Lead, no Bromide and no Halogen
Environmentally Friendlier
MSL1, Industrial Qualification
Increased Reliability
Applications
 Secondary Side Synchronous Rectification
 Inverters for DC Motors
 DC-DC Brick Applications
 Boost Converters
Absolute Maximum Ratings
  
Parameter
Max.
Units
VDS
Drain-to-Source Voltage
40
VGS
Gate-to-Source Voltage
± 16
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
26
A
ID @ TC(Bottom) = 25°C
Continuous Drain Current, VGS @ 10V
134
ID @ TC(Bottom) = 100°C Continuous Drain Current, VGS @ 10V
85
IDM
Pulsed Drain Current 
640
PD @TA = 25°C
Power Dissipation 
3.6
W
PD @TC(Bottom) = 25°C
Power Dissipation 
104
Linear Derating Factor 
0.029
W/°C
TJ
Operating Junction and
-55 to + 150
°C
TSTG
Storage Temperature Range
V
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
21
ID @ TC(Bottom) = 25°C
Continuous Drain Current, VGS @ 10V (Package Limited)
50
1
2016-08-01


유사한 부품 번호 - IRLH7134PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRLH7134PBF IRF-IRLH7134PBF Datasheet
254Kb / 9P
   Secondary Side Synchronous Rectification
IRLH7134PBF IRF-IRLH7134PBF Datasheet
263Kb / 9P
   Secondary Side Synchronous Rectification
IRLH7134PBF IRF-IRLH7134PBF_15 Datasheet
263Kb / 9P
   Secondary Side Synchronous Rectification
More results

유사한 설명 - IRLH7134PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFBA1405PPBF IRF-IRFBA1405PPBF Datasheet
153Kb / 10P
   HEXFET짰 Power MOSFET
IRFR3707PBF IRF-IRFR3707PBF Datasheet
221Kb / 9P
   HEXFET짰 Power MOSFET
IRFZ44EPBF IRF-IRFZ44EPBF Datasheet
147Kb / 8P
   HEXFET짰 Power MOSFET
IRLZ44NSPBF IRF-IRLZ44NSPBF Datasheet
336Kb / 10P
   HEXFET짰 Power MOSFET
IRF520VPBF IRF-IRF520VPBF Datasheet
150Kb / 8P
   HEXFET짰 Power MOSFET
IRFBC40SPBF IRF-IRFBC40SPBF Datasheet
360Kb / 10P
   HEXFET짰 Power MOSFET
IRLIZ24NPBF IRF-IRLIZ24NPBF Datasheet
843Kb / 8P
   HEXFET짰 Power MOSFET
IRF1010EPBF IRF-IRF1010EPBF Datasheet
231Kb / 8P
   HEXFET짰 Power MOSFET
IRFI1010NPBF IRF-IRFI1010NPBF Datasheet
234Kb / 9P
   HEXFET짰 Power MOSFET
IRFD014PBF IRF-IRFD014PBF Datasheet
2Mb / 8P
   HEXFET짰 Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com