전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF7480MPBF 데이터시트(PDF) 1 Page - Infineon Technologies AG

부품명 IRF7480MPBF
상세설명  DirectFET짰 N-Channel Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IRF7480MPBF 데이터시트(HTML) 1 Page - Infineon Technologies AG

  IRF7480MPBF Datasheet HTML 1Page - Infineon Technologies AG IRF7480MPBF Datasheet HTML 2Page - Infineon Technologies AG IRF7480MPBF Datasheet HTML 3Page - Infineon Technologies AG IRF7480MPBF Datasheet HTML 4Page - Infineon Technologies AG IRF7480MPBF Datasheet HTML 5Page - Infineon Technologies AG IRF7480MPBF Datasheet HTML 6Page - Infineon Technologies AG IRF7480MPBF Datasheet HTML 7Page - Infineon Technologies AG IRF7480MPBF Datasheet HTML 8Page - Infineon Technologies AG IRF7480MPBF Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
StrongIRFET™
IRF7480MTRPbF
Application
 Brushed Motor drive applications
 BLDC Motor drive applications

Battery powered circuits
Half-bridge and full-bridge topologies
Synchronous rectifier applications
Resonant mode power supplies
OR-ing and redundant power switches
DC/DC and AC/DC converters
DC/AC Inverters
Benefits
 Improved Gate, Avalanche and Dynamic dv/dt Ruggedness
 Fully Characterized Capacitance and Avalanche SOA
 Enhanced body diode dv/dt and di/dt Capability
 Lead-Free, RoHS Compliant
Base part number
Package Type
Standard Pack
Form
Quantity
IRF7480MPbF
DirectFET® ME
Tape and Reel
4800
IRF7480MTRPbF
Orderable Part Number
VDSS
40V
RDS(on) typ.
0.95m

max
1.20m

ID (Silicon Limited)
217A
ID (double-sided cooling)
330A
Fig 1. Typical On-Resistance vs. Gate Voltage
Fig 2. Maximum Drain Current vs. Case Temperature
DirectFET® ISOMETRIC
 
 
ME
DirectFET® N-Channel Power MOSFET 
1
2016-5-4
DD
S
G
SS
SS
S
4
6
8
10
12
14
16
18
20
VGS, Gate -to -Source Voltage (V)
0.5
1.0
1.5
2.0
2.5
3.0
ID = 132A
TJ = 25°C
TJ = 125°C
25
50
75
100
125
150
TC , Case Temperature (°C)
0
25
50
75
100
125
150
175
200
225


유사한 부품 번호 - IRF7480MPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7480M IRF-IRF7480M Datasheet
518Kb / 12P
   Brushed Motor drive applications
IRF7480MTRPBF IRF-IRF7480MTRPBF Datasheet
518Kb / 12P
   Synchronous rectifier applications
IRF7480M IRF-IRF7480M_15 Datasheet
518Kb / 12P
   Brushed Motor drive applications
More results

유사한 설명 - IRF7480MPBF

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
IRL7472L1PBF INFINEON-IRL7472L1PBF Datasheet
534Kb / 12P
   DirectFET짰 N-Channel Power MOSFET
2016-8-9
logo
International Rectifier
IRF7580MTRPBF IRF-IRF7580MTRPBF Datasheet
515Kb / 11P
   DirectFET짰 N-Channel Power MOSFET
IRF6810SPBF IRF-IRF6810SPBF Datasheet
283Kb / 9P
   DirectFET짰Power MOSFET
AUIRF7759L2TR IRF-AUIRF7759L2TR Datasheet
255Kb / 12P
   Automotive DirectFET짰Power MOSFET 
AUIRF8736M2TR IRF-AUIRF8736M2TR Datasheet
494Kb / 12P
   Automotive DirectFET짰 Power MOSFET
AUIRF7799L2TR IRF-AUIRF7799L2TR Datasheet
272Kb / 12P
   Automotive DirectFET짰 Power MOSFET
IRF6893MPBF IRF-IRF6893MPBF Datasheet
220Kb / 9P
   DirectFET짰 MOSFET with Schottky Diode
IRF6892SPBF IRF-IRF6892SPBF Datasheet
243Kb / 9P
   DirectFET짰 MOSFET with Schottky Diode
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com