전자부품 데이터시트 검색엔진 |
|
CS8401A-CP 데이터시트(PDF) 3 Page - List of Unclassifed Manufacturers |
|
CS8401A-CP 데이터시트(HTML) 3 Page - List of Unclassifed Manufacturers |
3 / 34 page SWITCHING CHARACTERISTICS - CS8401A PARALLEL PORT (TA = 25 °C for suffixes ’-CP’ and ’-CS’; TA = -40 to 85 °C for suffixes ’-IP’ and ’-IS’) Parameter Symbol Min Typ Max Units ADDRESS valid to CS low tadcss 13.5 ns CS high to ADDRESS invalid tcsadh 0ns RD/WR valid to CS low trwcss 10 ns CS low to RD/WR invalid tcsrwi 35 ns CS low tcsl 35 ns DATA valid to CS rising RD/WR low (writing) tdcssw 32 ns CS high to DATA invalid RD/WR low (writing) tcsdhw 0ns CS falling to DATA valid RD/WR high (reading) tcsddr 35 ns CS rising to DATA Hi-Z RD/WR high (reading) tcsdhr 5ns A4 - A0 D7 - D0 RD/WR Writing Reading adcss t csddr t csl t dcssw t csdhw t csdhr t csadh t CS D7 - D0 RD/WR csrwi t rwcss t CS8401A Parallel Port Timing DIGITAL CHARACTERISTICS - RS422 DRIVERS (TXP, TXN pins only; VD+ = 5V ±10%) Parameter Symbol Min Typ Max Units Output High Voltage IOH = -30 mA VOH VD+- 0.7 VD+ - 0.4 V Output Low Voltage IOL = 30 mA VOL 0.4 0.7 V CS8401A CS8402A DS60F1 3 |
유사한 부품 번호 - CS8401A-CP |
|
유사한 설명 - CS8401A-CP |