전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL1550IRZ-EVALZ 데이터시트(PDF) 6 Page - Intersil Corporation

부품명 ISL1550IRZ-EVALZ
상세설명  Single Port, VDSL2 Differential Line Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL1550IRZ-EVALZ 데이터시트(HTML) 6 Page - Intersil Corporation

Back Button ISL1550IRZ-EVALZ Datasheet HTML 2Page - Intersil Corporation ISL1550IRZ-EVALZ Datasheet HTML 3Page - Intersil Corporation ISL1550IRZ-EVALZ Datasheet HTML 4Page - Intersil Corporation ISL1550IRZ-EVALZ Datasheet HTML 5Page - Intersil Corporation ISL1550IRZ-EVALZ Datasheet HTML 6Page - Intersil Corporation ISL1550IRZ-EVALZ Datasheet HTML 7Page - Intersil Corporation ISL1550IRZ-EVALZ Datasheet HTML 8Page - Intersil Corporation ISL1550IRZ-EVALZ Datasheet HTML 9Page - Intersil Corporation ISL1550IRZ-EVALZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
ISL1550
6
FN6795.0
March 16, 2012
FIGURE 10. 10MHz HARMONIC DISTORTION vs OUTPUT VOLTAGE
FIGURE 11. 20MHz HARMONIC DISTORTION vs OUTPUT VOLTAGE
FIGURE 12. MBPR 8b US1
FIGURE 13. MBPR 17a US2
FIGURE 14. DIFFERENTIAL OUTPUT NOISE
Typical Performance Curves V
CC = ±6V, See Figure 1, TA = +25°C, C0 = C1 = 0V (Full power), Unless otherwise
noted. (Continued)
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
-40
110
100
Ω RLOAD
THD
3rd HD
2nd HD
VOP-P-LOAD (V)
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
-40
110
VOP-P-LOAD (V)
100
Ω RLOAD
THD
3rd HD
2nd HD
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
3.78M 3.98M 4.18M 4.38M 4.58M 4.78M 4.98M 5.18M
FREQUENCY (Hz)
PAR = 5.32/V
18dBm LINE POWER, RL = 25Ω,
AVG. MBPR = -66dBc
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
8.48M
8.98M
9.48M
9.98M
10.5M
11M
11.5M
FREQUENCY (Hz)
PAR = 6.3/V
14.5dBm LINE POWER, RL = 25Ω,
AVG. MBPR = -60dBc
10
100
10k
100k
1M
10M
100M
FREQUENCY (Hz)
FULL POWER
MEDIUM POWER
LOW POWER
Fig. 1 at transformer inputs


유사한 부품 번호 - ISL1550IRZ-EVALZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL1550IRZ-EVALZ INTERSIL-ISL1550IRZ-EVALZ Datasheet
709Kb / 13P
   Single Port, VDSL2 Differential Line Driver
March 16, 2012
logo
Renesas Technology Corp
ISL1550IRZ-EVALZ RENESAS-ISL1550IRZ-EVALZ Datasheet
934Kb / 13P
   Single Port, VDSL2 Differential Line Driver
More results

유사한 설명 - ISL1550IRZ-EVALZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL1550IRZ INTERSIL-ISL1550IRZ Datasheet
709Kb / 13P
   Single Port, VDSL2 Differential Line Driver
March 16, 2012
logo
Renesas Technology Corp
ISL1550 RENESAS-ISL1550 Datasheet
934Kb / 13P
   Single Port, VDSL2 Differential Line Driver
logo
Texas Instruments
THS6214 TI-THS6214 Datasheet
1Mb / 41P
[Old version datasheet]   Dual-Port, Differential, VDSL2 Line Driver Amplifiers
THS6204 TI-THS6204 Datasheet
1Mb / 43P
[Old version datasheet]   Dual-Port, Differential VDSL2 Line Driver Amplifiers
THS6204 TI1-THS6204 Datasheet
1Mb / 43P
[Old version datasheet]   Dual-Port, Differential VDSL2 Line Driver Amplifiers
logo
Renesas Technology Corp
ISL1539 RENESAS-ISL1539 Datasheet
763Kb / 11P
   Dual Channel Differential VDSL2 Line Driver
June 21, 2013
logo
Analog Devices
AD8398A AD-AD8398A_16 Datasheet
375Kb / 13P
   Single Port VDSL2 Line Driver with Shutdown
AD8398A AD-AD8398A Datasheet
87Kb / 2P
   Single Port VDSL2 Line Driver with Shutdown
Rev. Sp0
AD8398A AD-AD8398A_17 Datasheet
368Kb / 12P
   Single Port VDSL2 Line Driver with Shutdown
logo
Intersil Corporation
ISL1539IRZ INTERSIL-ISL1539IRZ Datasheet
569Kb / 11P
   Dual Channel Differential VDSL2 Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com