전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL33354E 데이터시트(PDF) 10 Page - Intersil Corporation

부품명 ISL33354E
상세설명  Full fail-safe (open/short) RS-485/422 port 2 Rx
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL33354E 데이터시트(HTML) 10 Page - Intersil Corporation

Back Button ISL33354E Datasheet HTML 6Page - Intersil Corporation ISL33354E Datasheet HTML 7Page - Intersil Corporation ISL33354E Datasheet HTML 8Page - Intersil Corporation ISL33354E Datasheet HTML 9Page - Intersil Corporation ISL33354E Datasheet HTML 10Page - Intersil Corporation ISL33354E Datasheet HTML 11Page - Intersil Corporation ISL33354E Datasheet HTML 12Page - Intersil Corporation ISL33354E Datasheet HTML 13Page - Intersil Corporation ISL33354E Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
ISL33354E, ISL33357E
10
FN8775.1
October 21, 2016
Submit Document Feedback
FIGURE 4A. TEST CIRCUIT
FIGURE 4B. MEASUREMENT POINTS
FIGURE 4. RS-485 DRIVER ENABLE AND DISABLE TIMES
FIGURE 5A. TEST CIRCUIT
FIGURE 5B. MEASUREMENT POINTS
FIGURE 5. RS-485 RECEIVER PROPAGATION DELAY
FIGURE 6A. TEST CIRCUIT
FIGURE 6B. MEASUREMENT POINTS
FIGURE 6. RS-485 RECEIVER ENABLE AND DISABLE TIMES
Test Circuits and Waveforms (Continued)
D
DE485
DI
CL
500Ω
Z
Y
VCC
GND
SW
FOR SHDN TESTS, SWITCH SHDN RATHER THAN DE485
PARAMETER SHDN/DE485 OUTPUT
DI
SW
CL (pF)
tHZ
1/-
Y/Z
1/0
GND
15
tLZ
1/-
Y/Z
0/1
VCC
15
tZH
1/-
Y/Z
1/0
GND
100
tZL
1/-
Y/Z
0/1
VCC
100
tZH(SHDN)
-/1
Y/Z
1/0
GND
100
tZL(SHDN)
-/1
Y/Z
0/1
VCC
100
SIGNAL
GENERATOR
OUT (Y, Z)
3V
0V
50%
50%
VOH
0V
2.3V
VOH - 0.5V
tHZ
OUT (Y, Z)
VCC
VOL
2.3V
VOL + 0.5V
tLZ
DE485
OUTPUT HIGH
OUTPUT LOW
tZL
tZH
tZH(SHDN)
tZL(SHDN)
(SHDN FOR SHDN)
ENABLED
SIGNAL
GENERATOR
R
RO
RE485
A
B
0V
15pF
RO
+1.5V
-1.5V
tPLH
0V
0V
VCC
0V
1.5V
1.5V
tPHL
A
1kΩ
VCC
GND
SW
FOR SHDN TESTS, SWITCH SHDN RATHER THAN RE485
PARAMETER
SHDN/RE485
ASW
tHZ
1/-
+1.5V
GND
tLZ
1/-
-1.5V
VCC
tZH
1/-
+1.5V
GND
tZL
1/-
-1.5V
VCC
tZH(SHDN)
-/0
+1.5V
GND
tZL(SHDN)
-/0
-1.5V
VCC
SIGNAL
GENERATOR
R
RO
A
B
15pF
RE485
RO
3V
0V
1.5V
1.5V
VOH
0V
1.5V
VOH - 0.5V
tHZ
RO
VCC
VOL
1.5V
VOL + 0.5V
tLZ
RE485
OUTPUT HIGH
OUTPUT LOW
tZL
tZH
tZL(SHDN)
tZH(SHDN)
3V
0V
1.5V
SHDN
(FOR SHDN TESTS)
ENABLED


유사한 부품 번호 - ISL33354E

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL33354E INTERSIL-ISL33354E Datasheet
820Kb / 23P
   Operates from a single 3.3V supply
logo
Renesas Technology Corp
ISL33354E RENESAS-ISL33354E Datasheet
1Mb / 23P
   3.3V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
ISL33354E RENESAS-ISL33354E Datasheet
1Mb / 23P
   5V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
ISL33354EIAZ RENESAS-ISL33354EIAZ Datasheet
1Mb / 23P
   5V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
ISL33354EIAZ-T RENESAS-ISL33354EIAZ-T Datasheet
1Mb / 23P
   5V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
More results

유사한 설명 - ISL33354E

제조업체부품명데이터시트상세설명
logo
Maxim Integrated Produc...
MAX3465 MAXIM-MAX3465 Datasheet
309Kb / 14P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/ RS-422 Transceivers
Rev 0; 10/03
MAX3460 MAXIM-MAX3460 Datasheet
376Kb / 14P
   5V, Fail-Safe, 20Mbps, Profibus RS-485/ RS-422 Transceivers
Rev 1; 2/03
MAX3465 MAXIM-MAX3465_09 Datasheet
225Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 2; 8/09
MAX3465_V3 MAXIM-MAX3465_V3 Datasheet
223Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 3; 5/12
logo
Intersil Corporation
ISL3259E INTERSIL-ISL3259E Datasheet
638Kb / 15P
   짹15kV ESD Protected, 100Mbps, 5V, PROFIBUS짰, Full Fail-safe RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL3179E RENESAS-ISL3179E Datasheet
1Mb / 18P
   High ESD Protected, 125째C, 40Mbps, 3.3V, Full Fail-Safe RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3179E INTERSIL-ISL3179E Datasheet
724Kb / 17P
   High ESD Protected, 125째C, 40Mbps 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
ISL3259E INTERSIL-ISL3259E_08 Datasheet
664Kb / 16P
   짹15kV ESD Protected, 100Mbps, 5V, PROFIBUS짰, Full Fail-safe, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL3160E RENESAS-ISL3160E Datasheet
1Mb / 20P
   짹10kV ESD Protected, 125째C, 40Mbps, 5V, Full-Duplex, Full Fail-Safe RS-485/RS-422 Transceiver
ISL3159E RENESAS-ISL3159E Datasheet
1Mb / 17P
   짹15kV ESD Protected, 125째C, 40Mbps, 5V, PROFIBUS, Full Fail-Safe, RS-485/RS-422 Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com