전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL58781 데이터시트(PDF) 1 Page - Intersil Corporation

부품명 ISL58781
상세설명  Laser Diode Driver with Serial Control and Write Current DAC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL58781 데이터시트(HTML) 1 Page - Intersil Corporation

  ISL58781 Datasheet HTML 1Page - Intersil Corporation ISL58781 Datasheet HTML 2Page - Intersil Corporation ISL58781 Datasheet HTML 3Page - Intersil Corporation ISL58781 Datasheet HTML 4Page - Intersil Corporation ISL58781 Datasheet HTML 5Page - Intersil Corporation ISL58781 Datasheet HTML 6Page - Intersil Corporation ISL58781 Datasheet HTML 7Page - Intersil Corporation ISL58781 Datasheet HTML 8Page - Intersil Corporation ISL58781 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
DATASHEET
Laser Diode Driver with Serial Control and Write
Current DAC
ISL58781
The ISL58781 is a highly integrated laser diode driver
designed to support multi-standard writable optical
drives in CD, DVD, and Blu-Ray at various speeds. It is a
‘hybrid’ part having an interface compatible with a
conventional LDD, but an internal architecture similar to
a write strategy LDD. This combination adds versatility to
the conventional interface.
The rise and fall times and overshoot of the blue output
are adjustable to compensate for high and low resistance
lasers.
There are two banks of write currents with a bank select
line, BSEL. This eliminates the need to synchronize the
serial port to the media.
The oscillator can be controlled by external LVDS lines, or
internally activated through program assignment to any
WEN state.
The WEN lines have internal 100Ω terminators. There is a
skew detector on the WEN receiver outputs.
The ISL58781 requires a single 5V supply.
Features
• Compatible with all Conventional Controllers Having
a Serial Port, with Some Programming
• Programmable Snubber on all Outputs
• Compatible with Future Controllers Having Gray
Coded WEN Lines for Glitchless High-Speed
Operation
• WEN Line Skew Detection
• 1000mA Maximum Total Output
• 10-bit x 10-bit Multiplying DAC Output Provides
10-bit Full Scale Adjustment and 10-bit Resolution at
any Full Scale Output
• Three Laser Outputs Allow Read/Write DVD, CD, and
Blue Combinations
• Analog Inputs Supports Read APC
• HFM Oscillator Programmable to 100mAP-P and
Range from 100MHz to >1GHz
• Programmable HFM On, Off and Cooling Levels
• Programmable Spread Spectrum for Low EMI
• Built-in ADC to Sample Laser Voltage Allows Power
Reduction by Optimizing Headroom
• Built-in Thermal Sensor Aids in Thermal Design
• Serial Input Works up to 50MHz
• Pb-Free (RoHS Compliant)
Applications
• Combination DVD, CD, and Blue Writable Drives
•BD Camcorders
•BD Video Recorders
December 3, 2015
FN6909.3
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Copyright Intersil Americas LLC 2009, 2011, 2013, 2015. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.


유사한 부품 번호 - ISL58781

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL58781 RENESAS-ISL58781 Datasheet
822Kb / 15P
   Laser Diode Driver with Serial Control and Write Current DAC
December 3, 2015
ISL58781CRZ-T13 RENESAS-ISL58781CRZ-T13 Datasheet
822Kb / 15P
   Laser Diode Driver with Serial Control and Write Current DAC
December 3, 2015
More results

유사한 설명 - ISL58781

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL58792 INTERSIL-ISL58792 Datasheet
458Kb / 16P
   Laser Diode Driver with Serial Control and Write Current DAC
logo
Renesas Technology Corp
ISL58792 RENESAS-ISL58792 Datasheet
788Kb / 16P
   Laser Diode Driver with Serial Control and Write Current DAC
ISL58781 RENESAS-ISL58781 Datasheet
822Kb / 15P
   Laser Diode Driver with Serial Control and Write Current DAC
December 3, 2015
ISL58797 RENESAS-ISL58797 Datasheet
195Kb / 2P
   Laser Diode Driver with Write Current DAC and PDIC Control Outputs
logo
Intersil Corporation
ISL58797 INTERSIL-ISL58797 Datasheet
116Kb / 2P
   Laser Diode Driver with Write Current DAC and PDIC Control Outputs
logo
Renesas Technology Corp
ISL58797 RENESAS-ISL58797_V01 Datasheet
207Kb / 2P
   Laser Diode Driver with Write Current DAC and PDIC Control Outputs
April 26, 2012
logo
Analog Devices
AD9661A AD-AD9661A Datasheet
174Kb / 12P
   Laser Diode Driver with Light Power Control
REV. 0
logo
Vitesse Semiconductor C...
VSC7938 VITESSE-VSC7938 Datasheet
213Kb / 16P
   Laser Diode Driver with Automatic Power Control
logo
Analog Devices
AD9661A AD-AD9661A_15 Datasheet
626Kb / 12P
   Laser Diode Driver with Light Power Control
REV. 0
logo
Vitesse Semiconductor C...
VSC7939 VITESSE-VSC7939 Datasheet
226Kb / 18P
   Laser Diode Driver with Automatic Power Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com