전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL58831CRZ 데이터시트(PDF) 8 Page - Intersil Corporation

부품명 ISL58831CRZ
상세설명  Dual Laser Driver with APC Amplifier and Spread Spectrum Oscillator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL58831CRZ 데이터시트(HTML) 8 Page - Intersil Corporation

Back Button ISL58831CRZ Datasheet HTML 4Page - Intersil Corporation ISL58831CRZ Datasheet HTML 5Page - Intersil Corporation ISL58831CRZ Datasheet HTML 6Page - Intersil Corporation ISL58831CRZ Datasheet HTML 7Page - Intersil Corporation ISL58831CRZ Datasheet HTML 8Page - Intersil Corporation ISL58831CRZ Datasheet HTML 9Page - Intersil Corporation ISL58831CRZ Datasheet HTML 10Page - Intersil Corporation ISL58831CRZ Datasheet HTML 11Page - Intersil Corporation ISL58831CRZ Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ISL58831
8
FN7440.1
January 28, 2016
Submit Document Feedback
Timing Diagram
The ISL58831 oscillator frequency is controlled by the current
being sourced at the RFREQ pin. For a typical part, Equation 1
(accurate to better than 5MHz at any frequency) should be used
to determine the frequency of operation:
ENA
WEN2
IOUT1
ten
toff
ton
tf2
tr2
tdis
OSEN
WEN3
WEN4
FIGURE 3. TIMING DIAGRAM
Typical Performance Curves
FIGURE 4. FREQUENCY CONTROL
FIGURE 5. ICC vs FREQUENCY (EXCLUDING IOUT)
FIGURE 6. AMPLITUDE CONTROL
250
FREQUENCY (MHz)
650
350
450
550
7
6
5
4
3
2
1
200
FREQUENCY (MHz)
600
300
400
500
60
50
45
40
35
30
55
RFREQ = 1.65kΩ
0
RAMP (kΩ)
5
234
140
80
60
40
20
0
120
1
RFREQ = 2.5kΩ
RFREQ = 5kΩ
100
FREQ MHz

-5.9672 10
-10
RFREQ
3
1.5839 10
-5
RFREQ
2
0.1596 RFREQ 841.34
+
+
=
(EQ. 1)


유사한 부품 번호 - ISL58831CRZ

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL58831CRZ RENESAS-ISL58831CRZ Datasheet
687Kb / 12P
   Dual Laser Driver with APC Amplifier and Spread Spectrum Oscillator
Jan 28, 2016
ISL58831CRZ-T13 RENESAS-ISL58831CRZ-T13 Datasheet
687Kb / 12P
   Dual Laser Driver with APC Amplifier and Spread Spectrum Oscillator
Jan 28, 2016
More results

유사한 설명 - ISL58831CRZ

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL58831 RENESAS-ISL58831 Datasheet
687Kb / 12P
   Dual Laser Driver with APC Amplifier and Spread Spectrum Oscillator
Jan 28, 2016
logo
Elantec Semiconductor
EL6258C ELANTEC-EL6258C Datasheet
135Kb / 2P
   3-Channel Laser Driver Oscillator APC Amplifier
logo
ECS, Inc.
ECS-3250SS ECS-ECS-3250SS Datasheet
203Kb / 2P
   SPREAD SPECTRUM OSCILLATOR
logo
Elantec Semiconductor
EL6241C ELANTEC-EL6241C Datasheet
138Kb / 2P
   Dual Laser Driver with APC Amp
EL6240C ELANTEC-EL6240C Datasheet
138Kb / 2P
   Dual Laser Driver with APC Amp
EL6280C ELANTEC-EL6280C Datasheet
136Kb / 2P
   Dual Laser Driver with APC Amp
EL6270C ELANTEC-EL6270C Datasheet
37Kb / 2P
   Laser Driver with Ocillator and APC
EL6273C ELANTEC-EL6273C Datasheet
135Kb / 2P
   3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
EL6242C ELANTEC-EL6242C Datasheet
140Kb / 2P
   3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
EL6245C ELANTEC-EL6245C Datasheet
135Kb / 2P
   3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com