전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL33337EIRZ-T7A 데이터시트(PDF) 8 Page - Intersil Corporation

부품명 ISL33337EIRZ-T7A
상세설명  Operates from a single 3.3V supply
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL33337EIRZ-T7A 데이터시트(HTML) 8 Page - Intersil Corporation

Back Button ISL33337EIRZ-T7A Datasheet HTML 4Page - Intersil Corporation ISL33337EIRZ-T7A Datasheet HTML 5Page - Intersil Corporation ISL33337EIRZ-T7A Datasheet HTML 6Page - Intersil Corporation ISL33337EIRZ-T7A Datasheet HTML 7Page - Intersil Corporation ISL33337EIRZ-T7A Datasheet HTML 8Page - Intersil Corporation ISL33337EIRZ-T7A Datasheet HTML 9Page - Intersil Corporation ISL33337EIRZ-T7A Datasheet HTML 10Page - Intersil Corporation ISL33337EIRZ-T7A Datasheet HTML 11Page - Intersil Corporation ISL33337EIRZ-T7A Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
ISL33334E, ISL33337E
8
FN8776.1
October 21, 2016
Submit Document Feedback
Receiver Propagation Delay Skew
tRSKEW
tRPHL - tRPLH (Figure 8)
Full
-
18
40
ns
Receiver Maximum Data Rate
DRR
CL = 15pF
Full
0.46
2
-
Mbps
RS-485 DRIVER SWITCHING CHARACTERISTICS (FAST DATA RATE (20Mbps), PORT 2, (SLOW485 = VCC))
Driver Differential Input to Output
Delay
tDLH, tDHL RDIFF = 54Ω, CL = 100pF (Figure 3)Full
10
20
35
ns
Driver Output Skew
tSKEW
RDIFF = 54Ω, CL = 100pF (Figure 3)Full
-
2
10
ns
Driver Differential Rise or Fall Time
tR, tF
RDIFF = 54Ω, CL = 100pF, (Figure 3)Full
3
20
30
ns
Driver Enable to Output Low
tZL
CL = 100pF, SW = VCC (Figure 4)Full
-
28
60
ns
Driver Enable to Output High
tZH
CL = 100pF, SW = GND (Figure 4)Full
-
35
60
ns
Driver Disable from Output Low
tLZ
CL = 15pF, SW = VCC (Figure 4)Full
-
30
60
ns
Driver Disable from Output High
tHZ
CL = 15pF, SW = GND Figure 4)Full
-
30
60
ns
Driver Enable from Shutdown to
Output Low
tZL(SHDN) RL = 500Ω, CL = 100pF, SW = VCC (Figure 4)Full
-
100
250
ns
Driver Enable from Shutdown to
Output High
tZH(SHDN) RL = 500Ω, CL = 100pF, SW = GND (Figure 4)
Full
-
290
375
ns
Driver Maximum Data Rate
fMAX
RDIFF = 54Ω, CL = 100pF (Figure 3)Full
20
35
-
Mbps
RS-485 DRIVER SWITCHING CHARACTERISTICS (SLOW DATA RATE (115kbps), PORT 2, (SLOW485 = GND))
Driver Differential Input to Output
Delay
tDLH, tDHL RDIFF = 54Ω, CL = 100pF (Figure 3)Full
800
1600
2500
ns
Driver Output Skew
tSKEW
RDIFF = 54Ω, CL = 100pF (Figure 3)Full
-
250
500
ns
Driver Differential Rise or Fall Time
tR, tF
RDIFF = 54Ω, CL = 100pF (Figure 3)Full
1000
1700
3100
ns
Driver Enable to Output Low
tZL
CL = 100pF, SW = VCC (Figure 4)Full
-
45
100
ns
Driver Enable to Output High
tZH
CL = 100pF, SW = GND (Figure 4)
Full
-
900
1200
ns
Driver Disable from Output Low
tLZ
CL = 15pF, SW = VCC (Figure 4)Full
-
35
60
ns
Driver Disable from Output High
tHZ
CL = 15pF, SW = GND (Figure 4)Full
-
25
60
ns
Driver Enable from Shutdown to
Output Low
tZL(SHDN) RL = 500Ω, CL = 100pF, SW = VCC (Figure 4)Full
-
-
800
ns
Driver Enable from Shutdown to
Output High
tZH(SHDN) RL = 500Ω, CL = 100pF, SW = GND (Figure 4)Full
-
-
1500
ns
Driver Maximum Data Rate
fMAX
RDIFF = 54Ω, CL = 100pF (Figure 3)Full
115
800
-
kbps
RS-485 RECEIVER SWITCHING CHARACTERISTICS (PORT 2, ALL SPEEDS)
Receiver Input to Output Delay
tPLH, tPHL (Figure 5)Full
20
45
70
ns
Receiver Skew | tPLH - tPHL |tSKEW
(Figure 5)Full
-
3
10
ns
Receiver Maximum Data Rate
fMAX
Full
20
40
-
Mbps
Receiver Enable to Output Low
tZL
CL = 15pF, SW = VCC (Figure 6)Full
-
20
60
ns
Receiver Enable to Output High
tZH
CL = 15pF, SW = GND (Figure 6)Full
-
20
60
ns
Receiver Disable from Output Low
tLZ
CL = 15pF, SW = VCC (Figure 6)Full
-
20
60
ns
Receiver Disable from Output High
tHZ
CL = 15pF, SW = GND (Figure 6)Full
-
20
60
ns
Receiver Enable from Shutdown to
Output Low
tZLSHDN
CL = 15pF, SW = VCC (Figure 6)
Full
-
500
900
ns
Receiver Enable from Shutdown to
Output High
tZHSHDN CL = 15pF, SW = GND (Figure 6)
Full
-
500
900
ns
Electrical Specifications Test Conditions: VCC = 3.15V to 3.45V, C1 - C4 = 0.1µF; unless otherwise specified. Typicals are at VCC = 3.3V,
TA = +25°C (Note 10). (Continued)Boldface limits apply across the operating temperature range, -40°C to +85°C. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
TEMP
(°C)
MIN
(Note 14)TYP
MAX
(Note 14)UNIT


유사한 부품 번호 - ISL33337EIRZ-T7A

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL33337EIRZ-T7A RENESAS-ISL33337EIRZ-T7A Datasheet
1Mb / 23P
   3.3V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
More results

유사한 설명 - ISL33337EIRZ-T7A

제조업체부품명데이터시트상세설명
logo
Maxim Integrated Produc...
MAX14882EVKIT MAXIM-MAX14882EVKIT Datasheet
673Kb / 7P
   Operates from a Single 3.3V Supply
Rev 0; 5/18
MAX14880EVKIT MAXIM-MAX14880EVKIT Datasheet
577Kb / 8P
   Operates from a Single 3.3V Supply
Rev 0; 5/17
MAX149X1EVKIT MAXIM-MAX149X1EVKIT Datasheet
2Mb / 9P
   Operates From a Single 3.3V Supply
Rev 1; 7/16
MAX148X1EVKIT MAXIM-MAX148X1EVKIT Datasheet
2Mb / 13P
   Operates From a Single 3.3V Supply
Rev 0; 7/16
MAX14851EVKIT MAXIM-MAX14851EVKIT Datasheet
758Kb / 8P
   Operates from a Single Supply
Rev 0; 11/17
MAX14883EEVKIT MAXIM-MAX14883EEVKIT Datasheet
624Kb / 7P
   Operates from a Single 5V Supply
Rev 2; 12/18
logo
STMicroelectronics
STLVDS9637 STMICROELECTRONICS-STLVDS9637 Datasheet
210Kb / 10P
   OPERATES WITH A SINGLE 3.3V SUPPLY
September 2003
logo
Texas Instruments
TL712CP TI1-TL712CP_14 Datasheet
946Kb / 17P
[Old version datasheet]   Operates From a Single 5-V Supply
logo
Micross Components
AS111 MICROSS-AS111 Datasheet
243Kb / 21P
   Operates from single 5V supply
logo
Maxim Integrated Produc...
MAX22506EEVKIT MAXIM-MAX22506EEVKIT Datasheet
478Kb / 7P
   Operates From a Single 3V to 5.5V Supply
Rev 0; 2/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com