전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SB1045L 데이터시트(PDF) 2 Page - DIYI Electronic Technology Co., Ltd.

부품명 SB1045L
상세설명  10 0A Surface Mount Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DYELEC [DIYI Electronic Technology Co., Ltd.]
홈페이지  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

SB1045L 데이터시트(HTML) 2 Page - DIYI Electronic Technology Co., Ltd.

  SB1045L Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. SB1045L Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
version: 01
2/2
T =25
T =100
Fig3: Surge Forward Current Capadility
Fig2 : Instantaneous Forward Voltage
10 0A Surface Mount Schottky Barrier Rectifiers
300
250
200
150
100
50
Fig4: Typical Reverse Characteristics
1
0
2
10
20
100
Number of Cycles
0
20
40
60
80
100
0.01
0.1
1.0
10
100
VRM(%)
0.4
0.6
0.8
1.0
VF(V)
0.1
10
1.0
100
0
0.2
Fig.1 - Forward Current Derating Curve
O
Ambient Temperature,T ( C)
A
25
50
75
100
125
150
175
12
8
4
Based on Lead Temp(T )
L
0
.
A
A
SB1045L-SB1050L
SB1060L
T =25
A
SB1080L
SB1045L THRU SB10100L
www.dyelec.com


유사한 부품 번호 - SB1045L

제조업체부품명데이터시트상세설명
logo
Formosa MS
SB1045L FORMOSA-SB1045L Datasheet
555Kb / 2P
   10.0A SUPER BARRIER RECTIFIER
logo
Shanghai Leiditech Elec...
SB1045L LEIDITECH-SB1045L Datasheet
1Mb / 2P
   10.0A Schottky BARRIER RECTIFIER
logo
MAKO SEMICONDUCTOR CO.,...
SB1045L MAKOSEMI-SB1045L Datasheet
499Kb / 4P
   High current capability, low forward voltage
logo
Changzhou Shunye Electr...
SB1045L SY-SB1045L Datasheet
1Mb / 2P
   10A Surface Mount Schottky Barrier Rectifiers
logo
MAKO SEMICONDUCTOR CO.,...
SB1045L MAKOSEMI-SB1045L Datasheet
499Kb / 4P
   High current capability, low forward voltage
More results

유사한 설명 - SB1045L

제조업체부품명데이터시트상세설명
logo
DIYI Electronic Technol...
SL1045 DYELEC-SL1045 Datasheet
2Mb / 2P
   10 0A Surface Mount Schottky Barrier Rectifiers
SR1045L DYELEC-SR1045L Datasheet
3Mb / 2P
   10 0A Surface Mount Schottky Barrier Rectifiers
logo
Changzhou Shunye Electr...
SR1045L SY-SR1045L Datasheet
3Mb / 2P
   10 0A Surface Mount Schottky Barrier Rectifiers
logo
Microdiode Electronics ...
SR1045L CHENDA-SR1045L Datasheet
3Mb / 2P
   10 0A Surface Mount Schottky Barrier Rectifiers
SL1045 CHENDA-SL1045 Datasheet
3Mb / 2P
   10 0A Surface Mount Schottky Barrier Rectifiers
SL0540 CHENDA-SL0540 Datasheet
5Mb / 2P
   5 0A Surface Mount Schottky Barrier Rectifiers
logo
Bytesonic Electronics C...
SB20T100L BYTESONIC-SB20T100L Datasheet
810Kb / 2P
   20 0A Surface Mount Schottky Barrier Rectifiers
logo
DIYI Electronic Technol...
SL0540 DYELEC-SL0540 Datasheet
1Mb / 2P
   5 0A Surface Mount Schottky Barrier Rectifiers
SL0540R DYELEC-SL0540R Datasheet
1Mb / 2P
   5 0A Surface Mount Schottky Barrier Rectifiers
SL0845 DYELEC-SL0845 Datasheet
2Mb / 2P
   8 .0A Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com