전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCPL-273L 데이터시트(PDF) 10 Page - Agilent(Hewlett-Packard)

부품명 HCPL-273L
상세설명  Low Input Current High Gain LVTTL/LVCMOS Compatible 3.3 V Optocouplers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HP [Agilent(Hewlett-Packard)]
홈페이지  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-273L 데이터시트(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button HCPL-273L Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-273L Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-273L Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-273L Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-273L Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-273L Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-273L Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-273L Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-273L Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
Figure 1. Current transfer ratio vs. forward
current.
Figure 2. Output current vs. input diode
forward current.
Figure 3. Input diode forward current vs.
forward voltage.
Figure 4. Forward voltage vs. temperature.
1.6
1.5
1.4
1.3
-60
-20
20
40
100
TA – TEMPERATURE – °C
60
80
0
-40
1.2
IF = 1.6 mA
IF – INPUT DIODE FORWARD CURRENT – mA
0.01
0.01
0.1
10
0.1
1.0
10
100
TA = 25° C
TA = 0° C
TA = 70° C
TA = 85° C
TA = -40° C
1
VF – FORWARD VOLTAGE – V
100
10
0.1
0.01
1.1
1.2
1.3
1.4
1.6
1.5
1.0
0.001
1000
VF
+
TA = 25°C
TA = 0°C
IF
TA = 85°C
TA = 70°C
TA = -40°C
IF – FORWARD CURRENT – mA
2000
1600
800
400
0.1
1.0
10
1200
0
VCC = 3.3 V
VO = 0.4 V
85°C
70°C
25°C
70°C
-40°C


유사한 부품 번호 - HCPL-273L

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-273L AVAGO-HCPL-273L Datasheet
250Kb / 12P
   Low Input Current, High Gain, LVTTL/LVCMOS Compatbie Optocouplers
HCPL-273L AVAGO-HCPL-273L Datasheet
250Kb / 12P
   Low Input Current, High Gain, LVTTL/LVCMOS Compatible Optocouplers
More results

유사한 설명 - HCPL-273L

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-070L-500E AVAGO-HCPL-070L-500E Datasheet
250Kb / 12P
   Low Input Current, High Gain, LVTTL/LVCMOS Compatible Optocouplers
logo
Fairchild Semiconductor
FOD070L FAIRCHILD-FOD070L Datasheet
352Kb / 17P
   LVTTL/LVCMOS COMPATIBLE LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-270L AVAGO-HCPL-270L Datasheet
250Kb / 12P
   Low Input Current, High Gain, LVTTL/LVCMOS Compatbie Optocouplers
HCPL-050L AVAGO-HCPL-050L Datasheet
281Kb / 12P
   LVTTL/LVCMOS Compatible 3.3 V Optocouplers (1 Mb/s)
logo
Agilent(Hewlett-Packard...
HCPL-050L HP-HCPL-050L Datasheet
87Kb / 11P
   LVTTL/LVCMOS Compatible 3.3 V Optocouplers (1 Mb/s)
logo
Fairchild Semiconductor
FOD073L FAIRCHILD-FOD073L_09 Datasheet
291Kb / 12P
   LVTTL/LVCMOS Compatible Low Input Current High Gain Split Darlington Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-060L-000E AVAGO-HCPL-060L-000E Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-060L-500E AVAGO-HCPL-060L-500E Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-260L-000E AVAGO-HCPL-260L-000E Datasheet
216Kb / 20P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL260L HP-HCPL260L Datasheet
187Kb / 14P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com