전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDSD0630-H-6R8M 데이터시트(PDF) 1 Page - TOKO, Inc

부품명 FDSD0630-H-6R8M
상세설명  Metal Alloy Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOKO [TOKO, Inc]
홈페이지  http://www.toko.com
Logo TOKO - TOKO, Inc

FDSD0630-H-6R8M 데이터시트(HTML) 1 Page - TOKO, Inc

  FDSD0630-H-6R8M Datasheet HTML 1Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FDSD0630
Inductance Range: 0.68~10
H
Tolerance:±0.3
(Unit: mm)
(Unit: mm)
FEATURES
特長
 7.0  6.6mm square and 3.0mm Max. height.
 Magnetically shielded construction, low DC resistance.
 The use of magnetic iron powder ensure capability for
large current.
 Low audible core noise.
 Ideal for DC-DC converter applications
 7.0  6.6mm 角、高さ3.0mm Max.
 閉磁路構造、低直流抵抗
 磁性材に鉄系磁性粉を用いた大電流対応
 低コア鳴きノイズ
 DC-DCコンバータ用インダクタに最適
STANDARD PART NUMBERS
標準品一覧
TYPE FDSD0630 (Quantity/reel; 1,000 PCS)
品番
インダクタンス
(1)
許容差
直流抵抗
(2)
直流重畳許容電流
(3)
温度上昇許容電流
(4)
Part
Number
Inductance
(1)
(
H)
Tolerance
(%)
DC
Resistance
(2)
(m
) Max. (Typ.)
Inductance
Decrease Current
(3)
(A) Max. (Typ.)
=30%
Temperature
Rise Current
(4)
T=40C
(A) Max. (Typ.)
FDSD0630-H-R68M=P3
0.68
 20
8.6 (7.1)
17 (21)
9.61 (12)
FDSD0630-H-1R0M=P3
1.0
 20
11 (9)
15 (19)
9.4 (11)
FDSD0630-H-1R5N=P3
1.5
 30
13 (11)
13 (16)
8.5 (10)
FDSD0630-H-2R2M=P3
2.2
 20
17 (14)
12 (15)
7.1 (8.3)
FDSD0630-H-3R3M=P3
3.3
 20
28 (23)
8.0 (10)
5.6 (6.6)
FDSD0630-H-4R7M=P3
4.7
 20
40 (33)
7.6 (9.5)
4.7 (5.5)
FDSD0630-H-5R6M=P3
5.6
 20
46 (38)
7.0 (8.8)
4.2 (4.9)
FDSD0630-H-6R8M=P3
6.8
 20
61 (51)
5.9 (7.4)
3.7 (4.3)
FDSD0630-H-8R2M=P3
8.2
 20
70 (58)
5.5 (6.9)
3.4 (4.0)
FDSD0630-H-100M=P3
10
 20
74 (62)
5.4 (6.8)
3.2 (3.8)
(1) Inductance is measured with a LCR meter 4284A (Agilent
Technologies) or equivalent.
Test frequency at 100kHz
(2) DC resistance is measured with 34420A (Agilent Technologies) or
3541(HIOKI). (Reference ambient temperature 25°C)
(3) Inductance Decrease Current based upon 30% inductance
reduction from the initial value
(4) Temperature Rise Current based upon 40°C temperature rise.
(Reference ambient temperature 25°C)
(5) Absolute maximum voltage 30VDC.
NOTICE: Please be sure that you carefully discuss your planned
purchase with our sales division if you intend to use the
product for business use etc. is severe.
(1) インダクタンスはLCR メータ4284A(Agilent Technologies)
または同等品により測定する。
測定周波数は100kHz。
(2) 直流抵抗は測定器34420A(Agilent Technologies)または3541
(HIOKI)と同等品により測定する。(周囲温度25°C)
(3) 直流重畳許容電流:直流重畳電流を流した時インダクタンスの
値が初期値より30%減少する直流電流値
(4) 温度上昇許容電流:コイルの温度が40°C上昇する値
(周囲温度25°Cを基準とする。)
(5) 絶対最大電圧
30VDC
ご注意:業務用など、厳しい使用条件でのご使用をご検討の場合
は必ず事前に弊社営業窓口までご相談ください。
L
L
Recommended patterns
推奨パターン図
Metal Alloy Inductors
メタルアロイ®インダクタ


유사한 부품 번호 - FDSD0630-H-6R8M

제조업체부품명데이터시트상세설명
logo
Murata Manufacturing Co...
FDSD0630-H-6R8M MURATA-FDSD0630-H-6R8M Datasheet
977Kb / 2P
   Inductor
More results

유사한 설명 - FDSD0630-H-6R8M

제조업체부품명데이터시트상세설명
logo
TOKO, Inc
DFE201612C TOKO-DFE201612C Datasheet
76Kb / 1P
   Metal Alloy Inductors
DFE252010P TOKO-DFE252010P Datasheet
186Kb / 1P
   Metal Alloy Inductors
FCUL1040 TOKO-FCUL1040 Datasheet
106Kb / 1P
   Metal Alloy Inductors
FDSD0312 TOKO-FDSD0312 Datasheet
105Kb / 1P
   Metal Alloy Inductors
FDSD0630 TOKO-FDSD0630 Datasheet
106Kb / 1P
   Metal Alloy Inductors
FDU1040D TOKO-FDU1040D Datasheet
117Kb / 1P
   Metal Alloy Inductors
DFE201210U TOKO-DFE201210U_16 Datasheet
210Kb / 1P
   Metal Alloy Inductors
FDA1254 TOKO-FDA1254_16 Datasheet
236Kb / 1P
   Metal Alloy Inductors
FCUL0624 TOKO-FCUL0624_16 Datasheet
237Kb / 1P
   Metal Alloy Inductors
DFE201610P TOKO-DFE201610P_16 Datasheet
221Kb / 1P
   Metal Alloy Inductors
DFE252010P TOKO-DFE252010P_16 Datasheet
225Kb / 1P
   Metal Alloy Inductors
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com