전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC74VHCT244A 데이터시트(PDF) 3 Page - ON Semiconductor

부품명 MC74VHCT244A
상세설명  Octal Bus Buffer/Line Driver with 3-State Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHCT244A 데이터시트(HTML) 3 Page - ON Semiconductor

  MC74VHCT244A Datasheet HTML 1Page - ON Semiconductor MC74VHCT244A Datasheet HTML 2Page - ON Semiconductor MC74VHCT244A Datasheet HTML 3Page - ON Semiconductor MC74VHCT244A Datasheet HTML 4Page - ON Semiconductor MC74VHCT244A Datasheet HTML 5Page - ON Semiconductor MC74VHCT244A Datasheet HTML 6Page - ON Semiconductor MC74VHCT244A Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MC74VHCT244A
http://onsemi.com
3
MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage
–0.5 to +7.0
V
Vin
DC Input Voltage
–0.5 to +7.0
V
Vout
DC Output Voltage
Output in 3−State
High or Low State
–0.5 to +7.0
–0.5 to VCC + 0.5
V
IIK
Input Diode Current
−20
mA
IOK
Output Diode Current (VOUT < GND; VOUT > VCC)
±20
mA
Iout
DC Output Current, per Pin
±25
mA
ICC
DC Supply Current, VCC and GND Pins
±75
mA
PD
Power Dissipation in Still Air,
SOIC Packages†
TSSOP Package†
500
450
mW
Tstg
Storage Temperature
–65 to +150
°C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings
applied to the device are individual stress limit values (not normal operating conditions) and are
not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
†Derating − SOIC Packages: – 7 mW/
°C from 65° to 125°C
TSSOP Package: − 6.1 mW/
°C from 65° to 125°C
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
DC Supply Voltage
4.5
5.5
V
Vin
DC Input Voltage
0
5.5
V
Vout
DC Output Voltage
Output in 3−State
High or Low State
0
0
5.5
VCC
V
TA
Operating Temperature
−40
+125
°C
tr, tf
Input Rise and Fall Time
VCC = 5.0 V ± 0.5 V
0
20
ns/V
DC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Test Conditions
VCC
V
TA = 25°C
TA = − 40 to 85°C
TA = 85 to 125°C
Unit
Min
Typ
Max
Min
Max
Min
Max
VIH
Minimum High−Level
Input Voltage
4.5 to
5.5
2.0
2.0
2.0
V
VIL
Maximum Low−Level
Input Voltage
4.5 to
5.5
0.8
0.8
0.8
V
VOH
Minimum High−Level
Output Voltage
Vin = VIH or VIL
IOH = −50 mA
4.5
4.4
4.5
4.4
4.4
V
IOH = −8 mA
4.5
3.94
3.80
3.66
VOL
Maximum Low−Level
Output Voltage
Vin = VIH or VIL
IOL = 50 mA
4.5
0.0
0.1
0.1
0.1
V
IOL = 8 mA
4.5
0.36
0.44
0.52
Iin
Maximum Input
Leakage Current
Vin = 5.5 V or GND
0 to
5.5
±0.1
±1.0
±1.0
mA
IOZ
Maximum 3−State
Leakage Current
Vin = VIL or VIH
Vout = VCC or GND
5.5
±0.25
±2.5
2.5
mA
ICC
Maximum Quiescent
Supply Current
Vin = VCC or GND
5.5
4.0
40.0
40.0
mA
ICCT
Quiescent Supply
Current
Per Input: VIN =3.4 V
Other Input: VCC or
GND
5.5
1.35
1.50
1.65
mA
IOPD
Output Leakage
Current
VOUT = 5.5 V
0
0.5
5.0
10
mA
This device contains protection
circuitry to guard against damage
due to high static voltages or electric
fields. However, precautions must
be taken to avoid applications of any
voltage higher than maximum rated
voltages to this high−impedance cir-
cuit. For proper operation, Vin and
Vout should be constrained to the
range GND
v (Vin or Vout) v VCC.
Unused inputs must always be
tied to an appropriate logic voltage
level (e.g., either GND or VCC).
Unused outputs must be left open.


유사한 부품 번호 - MC74VHCT244A

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC74VHCT244A ONSEMI-MC74VHCT244A Datasheet
162Kb / 6P
   Octal Bus Buffer/Line Driver with 3-State Outputs
1997 REV 0
MC74VHCT244ADT ONSEMI-MC74VHCT244ADT Datasheet
162Kb / 6P
   Octal Bus Buffer/Line Driver with 3-State Outputs
1997 REV 0
MC74VHCT244ADTG ONSEMI-MC74VHCT244ADTG Datasheet
146Kb / 8P
   Octal Bus Buffer/Line Driver with 3-State Outputs
May, 2011 ??Rev. 7
MC74VHCT244ADTRG ONSEMI-MC74VHCT244ADTRG Datasheet
146Kb / 8P
   Octal Bus Buffer/Line Driver with 3-State Outputs
May, 2011 ??Rev. 7
MC74VHCT244ADW ONSEMI-MC74VHCT244ADW Datasheet
162Kb / 6P
   Octal Bus Buffer/Line Driver with 3-State Outputs
1997 REV 0
More results

유사한 설명 - MC74VHCT244A

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC74VHCT244A ONSEMI-MC74VHCT244A_11 Datasheet
146Kb / 8P
   Octal Bus Buffer/Line Driver with 3-State Outputs
May, 2011 ??Rev. 7
MC74VHCT244A ONSEMI-MC74VHCT244A Datasheet
162Kb / 6P
   Octal Bus Buffer/Line Driver with 3-State Outputs
1997 REV 0
MC74VHC240 ONSEMI-MC74VHC240_11 Datasheet
133Kb / 7P
   Octal Bus Buffer/Line Driver Inverting with 3-State Outputs
May, 2011 ??Rev. 5
logo
Fairchild Semiconductor
74VHC244 FAIRCHILD-74VHC244 Datasheet
84Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74AC244 FAIRCHILD-74AC244 Datasheet
111Kb / 10P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
Motorola, Inc
SN54LS240 MOTOROLA-SN54LS240 Datasheet
191Kb / 6P
   OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244_15 Datasheet
93Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 8
MC74ACT241 ONSEMI-MC74ACT241_15 Datasheet
89Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 6
logo
Fairchild Semiconductor
74AC540 FAIRCHILD-74AC540_05 Datasheet
97Kb / 7P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244 Datasheet
91Kb / 8P
   Octal Buffer/Line Driver with 3-State Outputs
May, 2001 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com