전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC74VHCT257A 데이터시트(PDF) 5 Page - ON Semiconductor

부품명 MC74VHCT257A
상세설명  Quad 2-Channel Multiplexer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHCT257A 데이터시트(HTML) 5 Page - ON Semiconductor

  MC74VHCT257A Datasheet HTML 1Page - ON Semiconductor MC74VHCT257A Datasheet HTML 2Page - ON Semiconductor MC74VHCT257A Datasheet HTML 3Page - ON Semiconductor MC74VHCT257A Datasheet HTML 4Page - ON Semiconductor MC74VHCT257A Datasheet HTML 5Page - ON Semiconductor MC74VHCT257A Datasheet HTML 6Page - ON Semiconductor MC74VHCT257A Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MC74VHCT257A
http://onsemi.com
5
A, B or S
Figure 5. Switching Waveform
Figure 6. Switching Waveform
Figure 7. Test Circuit
VCC
GND
Y
tPHL
tPLH
50%
50% VCC
Figure 8. Test Circuit
INPUT
*Includes all probe and jig capacitance
OUTPUT
TEST POINT
CL *
1 k
W
CONNECT TO VCC WHEN
TESTING tPLZ AND tPZL.
CONNECT TO GND WHEN
TESTING tPHZ AND tPZH.
DEVICE
UNDER
TEST
Figure 9. Input Equivalent Circuit
*Includes all probe and jig capacitance
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
50%
50% VCC
50% VCC
VCC
GND
HIGH
IMPEDANCE
VOL + 0.3V
VOH - 0.3V
Y
Y
OE
tPZL
tPLZ
tPZH
tPHZ
HIGH
IMPEDANCE
ORDERING INFORMATION
Device
Package
Shipping
MC74VHCT257ADG
SOIC−16
(Pb−Free)
48 Units / Rail
MC74VHCT257ADR2G
SOIC−16
(Pb−Free)
2500 Tape & Reel
MC74VHCT257ADTG
TSSOP−16
(Pb−Free)
96 Units / Rail
M74VHCT257ADTR2G
TSSOP−16
(Pb−Free)
2500 Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


유사한 부품 번호 - MC74VHCT257A

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC74VHCT257A ONSEMI-MC74VHCT257A Datasheet
98Kb / 8P
   Quad 2-Channel Multiplexer with 3-State Outputs
April, 2001 ??Rev. 1
MC74VHCT257A ONSEMI-MC74VHCT257A Datasheet
99Kb / 8P
   Quad 2-Channel Multiplexer with 3-State Outputs
September, 2004 ??Rev. 2
MC74VHCT257AD ONSEMI-MC74VHCT257AD Datasheet
98Kb / 8P
   Quad 2-Channel Multiplexer with 3-State Outputs
April, 2001 ??Rev. 1
MC74VHCT257AD ONSEMI-MC74VHCT257AD Datasheet
99Kb / 8P
   Quad 2-Channel Multiplexer with 3-State Outputs
September, 2004 ??Rev. 2
MC74VHCT257ADG ONSEMI-MC74VHCT257ADG Datasheet
146Kb / 8P
   Quad 2-Channel Multiplexer with 3-State Outputs
May, 2011 ??Rev. 6
More results

유사한 설명 - MC74VHCT257A

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74VHC157F TOSHIBA-TC74VHC157F Datasheet
234Kb / 6P
   QUAD 2-CHANNEL MULTIPLEXER
logo
STMicroelectronics
74AC157 STMICROELECTRONICS-74AC157 Datasheet
81Kb / 9P
   QUAD 2 CHANNEL MULTIPLEXER
May 1997
74ACT157 STMICROELECTRONICS-74ACT157 Datasheet
74Kb / 8P
   QUAD 2 CHANNEL MULTIPLEXER
74VHCT157A STMICROELECTRONICS-74VHCT157A Datasheet
64Kb / 9P
   QUAD 2 CHANNEL MULTIPLEXER
logo
ON Semiconductor
MC74VHCT157A ONSEMI-MC74VHCT157A Datasheet
94Kb / 8P
   Quad 2-Channel Multiplexer
April, 2001 ??Rev. 1
logo
Toshiba Semiconductor
TC74AC157P TOSHIBA-TC74AC157P Datasheet
266Kb / 6P
   QUAD 2-CHANNEL MULTIPLEXER
logo
ON Semiconductor
MC74VHC157 ONSEMI-MC74VHC157 Datasheet
231Kb / 7P
   Quad 2--Channel Multiplexer
March, 2006 -- Rev. 5
logo
STMicroelectronics
74AC157 STMICROELECTRONICS-74AC157_01 Datasheet
275Kb / 10P
   QUAD 2 CHANNEL MULTIPLEXER
logo
ON Semiconductor
MC74LVX157 ONSEMI-MC74LVX157_14 Datasheet
114Kb / 6P
   Quad 2-Channel Multiplexer
August, 2014 ??Rev. 4
logo
Motorola, Inc
MC74VHC157 MOTOROLA-MC74VHC157 Datasheet
149Kb / 6P
   Quad 2-Channel Multiplexer
logo
STMicroelectronics
74VHC157 STMICROELECTRONICS-74VHC157 Datasheet
65Kb / 9P
   QUAD 2 CHANNEL MULTIPLEXER
June 1999
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com