전자부품 데이터시트 검색엔진 |
|
MC141555P1 데이터시트(PDF) 11 Page - Motorola, Inc |
|
MC141555P1 데이터시트(HTML) 11 Page - Motorola, Inc |
11 / 16 page MC141555 11 MOTOROLA Table 8. Standard Requests bmRequestType bRequest wValue wIndex wLength Data/Handshake 00000000b (device) 00000001b (interface) 00000010b (endpoint) 01h Clear_Feature 0001h xxxxh 0000h 0000h xxxxh 0000h (e.p. 0) 0081h (e.p. 1) 0000h xxxxh 0000h None/Ack Disable remote wakeup feature STALL None/Ack Clear Endpoint Stall condition 10000000b 08h Get_Configuration 0000h 0000h 0001h ConfigurationValue 10000000b 06h Get_Descriptor 0100h 0200h 0400h 0500h 0000h 0012h 0019h xxxx xxxx Device Descriptor Configuration Descriptor STALL STALL 10000001b 0Ah Get_Interface 0000h 0001h 0001h 00h 10000000b (device) 10000001b (interface) 10000010b (endpoint) 00h Get_Status 0000h 0000h xxxxh 0000h 0081h 0002h current Remote Wakeup/ Pow- ered status 0000h 0001h = STALLed 0000h = not STALLed 00000000b 05h Set_Address Device address 0000h 0000h None/Ack 00000000b 09h Set_Configuration 0000h/ 0001h 0000h 0000h None/Ack 00000000b 07h Set_Descriptior xxxxh xxxxh xxxxh xxxx/STALL 00000000b (device) 00000001b (interface) 00000010b (endpoint) 03h Set_Feature 0001h xxxxh 0000h 0000h xxxxh 0000h (e.p. 0) 0081h (e.p. 1) 0000h xxxxh 0000h None/Ack Enable remote wakeup feature None/STALL None/ACK Set Endpoint STALL condition 00000001b 0Bh Set_Interface 0000h 0000h 0000h None/Ack 10000010b 0Ch Synch_Frame xxxxh xxxxh xxxxh STALL Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
유사한 부품 번호 - MC141555P1 |
|
유사한 설명 - MC141555P1 |