전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SS32U 데이터시트(PDF) 1 Page - DIYI Electronic Technology Co., Ltd.

부품명 SS32U
상세설명  Low Power Loss,High Efficiency
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DYELEC [DIYI Electronic Technology Co., Ltd.]
홈페이지  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

SS32U 데이터시트(HTML) 1 Page - DIYI Electronic Technology Co., Ltd.

  SS32U Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. SS32U Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SS32 U
5
C J
RRM
V
A
STG
J
JL
@T =100
@T =25
@T =90
0
RECTIFIER
5
10
0.05
0.1
.0
90A
plastic SMA
@IF=3.0A
90
3.0
SS
SS
SS
SS
SS
SS
SS
SS
SS
3
T
THRU
Features
Schottky Brrier Chip
Low Power Loss,High Efficiency
·
Ideally Suited for Automatic Assembly
·
Surge Overload Rating to
Peak
·
Plastic Case Material has UL Flammability
Classification Rating 94V-
Mechanical Data
·
Case: Molded
·
Terminals: Plated leads solderable per
MIL-STD-750,Method 2026 guaranteed
·
Polarity: Color band denotes cathode end
·
Mounting Position: Any
·
Making: Type Number
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ ambient temperature unless otherwise specified
Single phase,half wave,60Hz,resistive or inductive load
For capacitive load derate current by 20%
Type Number
SYMBOL
Unit
Maximum Recurrent Peak Reverse Voltage
V
Maximum RMS Voltage
VRMS
V
Maximum DC Blocking Voltage
VDC
V
Average Rectified Output Current
IO
A
Peak Forward Surge Current 8.3ms Single half
sine-wave superimposed on rated load (JEDEC
Method)
IFSM
A
Forward Voltage
VFM
V
Peak Reverse Current
IR
mA
At Rated DC Blocking Voltage
Typical Junction Capacitance
(Note 2)
28.0
℃/W
Rθ
88
Operating Temperature Range
T
-55 to+150
Storage Temperature Range
-55 to +150
Note: 1.Pulse Test with PW=300usec,1%Duty Cycle.
2.Mounted on P.C.Board with 5.0 mm²(0.13mm thick)copper pad areas.
version:01
1of2
·
·
140
105
70
56
200
150
100
80
80
60
35
40
40
20
30
50
60
14
21
28
42
20
30
50
100 150 200
0.92
0.90
0.82
0.50
0.67
SS32U
SURFACE MOUNT SCHOTTKY BARRIER
(Note1)
AMP
A
A
pF
Typical Thermal Resistance per leg
32U 33U 34U 345U 35U 36U 38U 310U 315U
45
45
31
SS
320U
SS
325U
175
250
250
www.dyelec.com
SMA/DO-214AC
0.086(2.62)
0.059(1.50)
0.051(1.30)
0.110(2.80)
0.094(2.40)
0.181(4.60)
0.157(4.00)
0.079(2.00)
0.060(1.52)
0.030(0.76)
0.208(5.28)
0.188(4.80)
0.012(0.305)
0.006(0.150)
0.008(0.203)
0.002(0.051)
Dimensions in inches and (millimeters)
0.010(0.25)
0.004(0.1)


유사한 부품 번호 - SS32U

제조업체부품명데이터시트상세설명
logo
Orister Corporation
SS32 ORISTER-SS32 Datasheet
486Kb / 11P
   2A, 20V, 400KHz DC/DC Asynchronous Step.Down Converter
logo
Microdiode Electronics ...
SS32 CHENDA-SS32 Datasheet
654Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SS32 ZOWIE-SS32 Datasheet
53Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Nanjing International G...
SS32 DGNJDZ-SS32 Datasheet
258Kb / 2P
   3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Galaxy Semi-Conductor H...
SS32 BILIN-SS32 Datasheet
86Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

유사한 설명 - SS32U

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
MBR20H200CT PANJIT-MBR20H200CT Datasheet
111Kb / 4P
   Low power loss, high efficiency.
logo
New Jersey Semi-Conduct...
MBR1635 NJSEMI-MBR1635 Datasheet
81Kb / 1P
   Low power loss, high efficiency
logo
DIYI Electronic Technol...
SS14L DYELEC-SS14L Datasheet
1Mb / 2P
   Low Power Loss,High Efficiency
S22 DYELEC-S22 Datasheet
1Mb / 2P
   Low Power Loss,High Efficiency
S32 DYELEC-S32 Datasheet
1Mb / 2P
   Low Power Loss,High Efficiency
SS52U DYELEC-SS52U Datasheet
1Mb / 2P
   Low Power Loss,High Efficiency
logo
Sangdest Microelectroni...
SK32BF SMC-SK32BF Datasheet
252Kb / 4P
   Low power loss, high efficiency
logo
DIYI Electronic Technol...
KMB32S DYELEC-KMB32S Datasheet
1Mb / 2P
   Low Power Loss,High Efficiency
MUR810 DYELEC-MUR810 Datasheet
789Kb / 3P
   Low power loss, high efficiency
logo
Micro Commercial Compon...
MBR10U60 MCC-MBR10U60 Datasheet
466Kb / 3P
   Low Power loss, High efficiency
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com