전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2674MX-5.0 데이터시트(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 LM2674MX-5.0
상세설명  SIMPLE SWITCHER Power Converter High Efficiency 500 mA Step-Down Voltage Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2674MX-5.0 데이터시트(HTML) 9 Page - National Semiconductor (TI)

Back Button LM2674MX-5.0 Datasheet HTML 5Page - National Semiconductor (TI) LM2674MX-5.0 Datasheet HTML 6Page - National Semiconductor (TI) LM2674MX-5.0 Datasheet HTML 7Page - National Semiconductor (TI) LM2674MX-5.0 Datasheet HTML 8Page - National Semiconductor (TI) LM2674MX-5.0 Datasheet HTML 9Page - National Semiconductor (TI) LM2674MX-5.0 Datasheet HTML 10Page - National Semiconductor (TI) LM2674MX-5.0 Datasheet HTML 11Page - National Semiconductor (TI) LM2674MX-5.0 Datasheet HTML 12Page - National Semiconductor (TI) LM2674MX-5.0 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
Test Circuit and Layout Guidelines
10004122
CIN - 22 µF, 50V Tantalum, Sprague “199D Series”
COUT - 47 µF, 25V Tantalum, Sprague “595D Series”
D1 - 3.3A, 50V Schottky Rectifier, IR 30WQ05F
L1 - 68 µH Sumida #RCR110D-680L
CB - 0.01 µF, 50V Ceramic
FIGURE 2. Standard Test Circuits and Layout Guides
Fixed Output Voltage Versions
10004123
CIN - 22 µF, 50V Tantalum, Sprague “199D Series”
COUT - 47 µF, 25V Tantalum, Sprague “595D Series”
D1 - 3.3A, 50V Schottky Rectifier, IR 30WQ05F
L1 - 68 µH Sumida #RCR110D-680L
R1 - 1.5 k
Ω,1%
CB - 0.01 µF, 50V Ceramic
For a 5V output, select R2 to be 4.75 k
Ω,1%
where VREF = 1.21V
Use a 1% resistor for best stability.
FIGURE 3. Standard Test Circuits and Layout Guides
Adjustable Output Voltage Versions
www.national.com
9


유사한 부품 번호 - LM2674MX-5.0

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM2674MX-5.0/NOPB TI1-LM2674MX-5.0/NOPB Datasheet
1Mb / 32P
[Old version datasheet]   LM2674 SIMPLE SWITCHER짰 Power Converter High Efficiency 500 mA Step-Down Voltage Regulator
More results

유사한 설명 - LM2674MX-5.0

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM2674M TI-LM2674M Datasheet
1Mb / 31P
[Old version datasheet]   LM2674 SIMPLE SWITCHER Power Converter High Efficiency 500 mA Step-Down Voltage Regulator
LM2674 TI1-LM2674 Datasheet
1Mb / 32P
[Old version datasheet]   LM2674 SIMPLE SWITCHER짰 Power Converter High Efficiency 500 mA Step-Down Voltage Regulator
LM2674M-3.3 TI-LM2674M-3.3 Datasheet
1Mb / 32P
[Old version datasheet]   LM2674 SIMPLE SWITCHER짰 Power Converter High Efficiency 500 mA Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2675 NSC-LM2675 Datasheet
912Kb / 26P
   SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2675M-5 TI1-LM2675M-5 Datasheet
1Mb / 30P
[Old version datasheet]   LM2675 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator
LM2590HV-AQ-Q1 TI1-LM2590HV-AQ-Q1 Datasheet
3Mb / 30P
[Old version datasheet]   SIMPLE SWITCHER Power Converter Step-Down Voltage Regulator
LM2671M-ADJ TI1-LM2671M-ADJ Datasheet
1Mb / 31P
[Old version datasheet]   LM2671 SIMPLE SWITCHER Power Converter High Efficiency 500mA Step-Down Voltage Regulator
LM2675MX-5 TI1-LM2675MX-5 Datasheet
1Mb / 30P
[Old version datasheet]   LM2675 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator
LM2591HV TI1-LM2591HV Datasheet
3Mb / 31P
[Old version datasheet]   SIMPLE SWITCHER Power Converter Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2676 NSC-LM2676 Datasheet
350Kb / 25P
   SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com