전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BC817-16 데이터시트(PDF) 1 Page - SUNMATE electronic Co., LTD

부품명 BC817-16
상세설명  NPN SMALL SIGNAL TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUNMATE [SUNMATE electronic Co., LTD]
홈페이지  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

BC817-16 데이터시트(HTML) 1 Page - SUNMATE electronic Co., LTD

  BC817-16 Datasheet HTML 1Page - SUNMATE electronic Co., LTD BC817-16 Datasheet HTML 2Page - SUNMATE electronic Co., LTD BC817-16 Datasheet HTML 3Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Case: SOT-23, Molded Plastic
Terminals: Solderable per MIL-STD-202, Method 208
Polarity: See Diagram
Weight: 0.008 grams ( approx.)
Charateristic
Symbol
Value
Unit
Collector-Emitter Voltage
V
CEO
Emitter-Base Voltage
V
EBO
Collector Current
I
C
500
mA
Peak Collector Current
ICM
Peak Emitter Current
IEM
Power Dissipation@Ts=50
oC(Note1)
Pd
300
mW
j, TSTG
-55~150
oC
Note: 1.
Device mounted on Ceramic Substrate 0.7mm X 2.5cm2 area
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.110
.120
2.80
3.04
B
.083
.
104
2.10
2.64
C
.047
.055
1.20
1.40
D
.035
.041
.89
1.03
E
.070
.081
1.78
2.05
F
.018
.024
.45
.60
G
.0005
.0039
.013
.100
H
.035
.044
.89
1.12
J
.003
.007
.085
.180
K
.015
.020
.37
.51
A
B
C
D
E
F
G
H
J
SOT-23
E
B
C
Ideally Suited for Automatic Insertion
150 C Junction Temperature
For Switching and AF Amplifier Applications
Epitaxial Planar Die Construction
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
Epoxy meets UL 94 V-0 flammability rating
Moisure Sensitivity Level 1
K
Halogen free available upon request by adding suffix "-HF"
Features
Mechanical Data
BC817-16 - BC817-40
NPN SMALL SIGNAL TRANSISTOR
1000
mA
1000
mA
45
V
5
V
Operating & Storage Temperature
T
Maximum Ratings and Electrical Characteristics T
A = 25
°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
1 of 3
www.sunmate.tw
!
!
!
!
!
!
!
!
!
!
!
!


유사한 부품 번호 - BC817-16

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BC817-16 PHILIPS-BC817-16 Datasheet
47Kb / 8P
   NPN general purpose transistor
1999 Jun 01
logo
Yea Shin Technology Co....
BC817-16 YEASHIN-BC817-16 Datasheet
629Kb / 3P
   General Purpose Transistors
logo
Pan Jit International I...
BC817-16 PANJIT-BC817-16 Datasheet
462Kb / 3P
   NPN GENERAL PURPOSE TRANSISTORS
logo
Shenzhen Jin Yu Semicon...
BC817-16 HTSEMI-BC817-16 Datasheet
311Kb / 2P
   TRANSISTOR (NPN)
logo
Transys Electronics
BC817-16 TRSYS-BC817-16 Datasheet
49Kb / 2P
   NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
More results

유사한 설명 - BC817-16

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
DTC144 TSC-DTC144 Datasheet
201Kb / 2P
   NPN Small Signal Transistor Small Signal Diode
DTC143 TSC-DTC143 Datasheet
178Kb / 2P
   NPN Small Signal Transistor Small Signal Diode
DTC113 TSC-DTC113 Datasheet
201Kb / 2P
   NPN Small Signal Transistor Small Signal Diode
DTC114 TSC-DTC114 Datasheet
434Kb / 3P
   NPN Small Signal Transistor Small Signal Diode
logo
STMicroelectronics
MMBT3904 STMICROELECTRONICS-MMBT3904 Datasheet
58Kb / 4P
   SMALL SIGNAL NPN TRANSISTOR
PN2222A STMICROELECTRONICS-PN2222A Datasheet
65Kb / 6P
   SMALL SIGNAL NPN TRANSISTOR
logo
Transys Electronics
2N4124 TRSYS-2N4124 Datasheet
124Kb / 1P
   NPN SMALL SIGNAL TRANSISTOR
logo
Rohm
BCX19T116 ROHM-BCX19T116 Datasheet
155Kb / 3P
   NPN small signal transistor
logo
Taiwan Semiconductor Co...
DTC143XM TSC-DTC143XM Datasheet
201Kb / 2P
   NPN Small Signal Transistor
logo
American Microsemicondu...
2N5320 AMMSEMI-2N5320 Datasheet
656Kb / 3P
   Small Signal NPN Transistor
logo
General Semiconductor
BCX70 GE-BCX70 Datasheet
55Kb / 3P
   Small Signal Transistor (NPN)
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com