전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA741 데이터시트(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
부품명 TPA741
상세설명  700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPA741 데이터시트(HTML) 7 Page - Texas Instruments

Back Button TPA741 Datasheet HTML 3Page - Texas Instruments TPA741 Datasheet HTML 4Page - Texas Instruments TPA741 Datasheet HTML 5Page - Texas Instruments TPA741 Datasheet HTML 6Page - Texas Instruments TPA741 Datasheet HTML 7Page - Texas Instruments TPA741 Datasheet HTML 8Page - Texas Instruments TPA741 Datasheet HTML 9Page - Texas Instruments TPA741 Datasheet HTML 10Page - Texas Instruments TPA741 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
TPA741
700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
WITH DIFFERENTIAL INPUTS
SLOS316A – JUNE 2000 – REVISED APRIL 2001
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 7
f – Frequency – Hz
TOTAL HARMONIC DISTORTION PLUS NOISE
vs
FREQUENCY
AV = –2 V/V
VDD = 3.3 V
PO = 250 mW
RL = 8 Ω
20
1k
10k
1
0.01
10
0.1
20k
100
AV = –20 V/V
AV = –10 V/V
Figure 8
f – Frequency – Hz
TOTAL HARMONIC DISTORTION PLUS NOISE
vs
FREQUENCY
PO = 125 mW
VDD = 3.3 V
RL = 8 Ω
AV = –2 V/V
20
1k
10k
1
0.01
10
0.1
20k
100
PO = 50 mW
PO = 250 mW
Figure 9
PO – Output Power – W
TOTAL HARMONIC DISTORTION PLUS NOISE
vs
OUTPUT POWER
0
0.15
0.4
1
0.01
10
0.1
0.2
0.25
0.3
0.35
VDD = 3.3 V
f = 1 kHz
AV = –2 V/V
0.05
0.1
RL = 8 Ω
Figure 10
PO – Output Power – W
TOTAL HARMONIC DISTORTION PLUS NOISE
vs
OUTPUT POWER
f = 20 kHz
VDD = 3.3 V
RL = 8 Ω
CB = 1 µF
AV = –2 V/V
0.01
0.1
1
1
0.01
10
0.1
f = 1 kHz
f = 10 kHz
f = 20 Hz


유사한 부품 번호 - TPA741

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA741 TI-TPA741 Datasheet
695Kb / 24P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA741D TI-TPA741D Datasheet
695Kb / 24P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA741DGN TI-TPA741DGN Datasheet
695Kb / 24P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA741DGNG4 TI-TPA741DGNG4 Datasheet
695Kb / 24P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA741DGNR TI-TPA741DGNR Datasheet
695Kb / 24P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
More results

유사한 설명 - TPA741

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA741 TI-TPA741_07 Datasheet
695Kb / 24P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA731 TI-TPA731_07 Datasheet
724Kb / 25P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA741 TI-TPA741_15 Datasheet
994Kb / 28P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA751 TI-TPA751_15 Datasheet
745Kb / 29P
[Old version datasheet]   700-MW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA751 TI-TPA751 Datasheet
362Kb / 23P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA751 TI-TPA751_07 Datasheet
919Kb / 32P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA731 TI-TPA731 Datasheet
343Kb / 22P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA731 TI-TPA731_15 Datasheet
1Mb / 29P
[Old version datasheet]   700-MW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA711 TI-TPA711_07 Datasheet
945Kb / 37P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA701 TI-TPA701_15 Datasheet
896Kb / 29P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com