전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FW.95.B.SMA-.M 데이터시트(PDF) 1 Page - List of Unclassifed Manufacturers

부품명 FW.95.B.SMA-.M
상세설명  FW.95.B.SMA-.M
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

FW.95.B.SMA-.M 데이터시트(HTML) 1 Page - List of Unclassifed Manufacturers

  FW.95.B.SMA-.M Datasheet HTML 1Page - List of Unclassifed Manufacturers FW.95.B.SMA-.M Datasheet HTML 2Page - List of Unclassifed Manufacturers FW.95.B.SMA-.M Datasheet HTML 3Page - List of Unclassifed Manufacturers FW.95.B.SMA-.M Datasheet HTML 4Page - List of Unclassifed Manufacturers FW.95.B.SMA-.M Datasheet HTML 5Page - List of Unclassifed Manufacturers FW.95.B.SMA-.M Datasheet HTML 6Page - List of Unclassifed Manufacturers FW.95.B.SMA-.M Datasheet HTML 7Page - List of Unclassifed Manufacturers FW.95.B.SMA-.M Datasheet HTML 8Page - List of Unclassifed Manufacturers FW.95.B.SMA-.M Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SP-15- SP-15-8- SPE-16-8-007/A/WY
Page 1 of 12
SPECIFICATION
Part No.
: FW.95.B.SMA.M
Description
: Meteor
ISM Band 915Mhz Flexible Whip Monopole
Antenna SMA(M) Straight
Features
: External 915MHz Monopole Antenna
Designed for Outdoor Use
Over 60% high efficiency*
2.71 dBi high peak gain*
Robust Inner Steel Core
Antenna Length: 226mm
SMA Type(M) Straight Connector
IP65 dust and water-resistant
*Tested on 30cm*30cm Ground Plane
RoHS ü


유사한 부품 번호 - FW.95.B.SMA-.M

제조업체부품명데이터시트상세설명
logo
Taoglas antenna solutio...
FW.95.B.SMA.M TAOGLAS-FW.95.B.SMA.M Datasheet
2Mb / 12P
   Designed for Outdoor Use
More results

유사한 설명 - FW.95.B.SMA-.M

제조업체부품명데이터시트상세설명
logo
Cree, Inc
C12086 CREE-C12086 Datasheet
313Kb / 4P
   Strada-FW series
logo
OPTEK Technologies
DMF-50081ZNB-FW OPTEK-DMF-50081ZNB-FW Datasheet
169Kb / 18P
   DMF-50081ZNB-FW
logo
Cree, Inc
CA12238 CREE-CA12238 Datasheet
1Mb / 11P
   Strada-FW-N83 series
logo
TT Electronics.
DS1951 TTELEC-DS1951 Datasheet
541Kb / 2P
   FW Series Digital Flow Indicator
logo
PHOENIX CONTACT
1212336 PHOENIX-1212336 Datasheet
46Kb / 2P
   Replacement die - CRIMPFOX-C120 AI 95/M-DIE
2700184 PHOENIX-2700184 Datasheet
45Kb / 2P
   License - FL MGUARD LIC LIFETIME FW
2701356 PHOENIX-2701356 Datasheet
45Kb / 2P
   License - FL MGUARD LIC FW RD
3010013 PHOENIX-3010013 Datasheet
176Kb / 7P
   UKH 95
2702478 PHOENIX-2702478 Datasheet
61Kb / 3P
   LED machine light - PLD M 160 W-95/105 896
2702477 PHOENIX-2702477 Datasheet
62Kb / 3P
   LED machine light - PLD M 160 W-95/105 616
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com