전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSOM350G 데이터시트(PDF) 1 Page - Sensortechnics GmbH

부품명 SSOM350G
상세설명  Compensated stainless steel pressure sensors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SENSORTECHNICS [Sensortechnics GmbH]
홈페이지  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

SSOM350G 데이터시트(HTML) 1 Page - Sensortechnics GmbH

  SSOM350G Datasheet HTML 1Page - Sensortechnics GmbH SSOM350G Datasheet HTML 2Page - Sensortechnics GmbH SSOM350G Datasheet HTML 3Page - Sensortechnics GmbH SSOM350G Datasheet HTML 4Page - Sensortechnics GmbH SSOM350G Datasheet HTML 5Page - Sensortechnics GmbH SSOM350G Datasheet HTML 6Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1/6
E / 11657 / D
SSO Series
Compensated stainless steel pressure sensors
www.first-sensor.com
www.sensortechnics.com
FEATURES
· 200 mbar to 35 bar (3 to 500 psi),
absolute, gage or vacuum/gage pressure
(custom pressure ranges on request)
· Calibrated and temperature
compensated
· Rugged stainless steel isolated package
· RoHS compliant
· Quality Management System according
to ISO 13485:2003 and ISO 9001:2008
SPECIFICATIONS
Maximum ratings
Supply current
2 mA
Temperature ranges
Compensated
0 ... +50 °C
Operating
-40 ... +125 °C
Storage
-40 ... +125 °C
Insulation resistance
100 M
Ω at 100 V
DC
Proof pressure5
2 x rated pressure
Burst pressure6
4 x rated pressure
ELECTRICAL CONNECTION
n
i
Pn
o
i
t
c
e
n
n
o
C
1I
+
s
2t
u
O
+
3I
-
s
4t
u
O
-
Vent tube
MEDIA COMPATIBILITY
Wetted materials:
Stainless steel 316/316 L


유사한 부품 번호 - SSOM350G

제조업체부품명데이터시트상세설명
logo
EIC discrete Semiconduc...
SSOM EIC-SSOM Datasheet
32Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIERS
logo
GOOD-ARK Electronics
SSOM GOOD-ARK-SSOM Datasheet
188Kb / 2P
   SURFACE MOUNT SUPER FAST RECOVERY RECTIFIER
logo
SynSemi, Inc.
SSOM SYNSEMI-SSOM Datasheet
35Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIERS
logo
EIC discrete Semiconduc...
SSOM EIC-SSOM Datasheet
40Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIERS
More results

유사한 설명 - SSOM350G

제조업체부품명데이터시트상세설명
logo
Sensortechnics GmbH
SSC2035AA SENSORTECHNICS-SSC2035AA Datasheet
132Kb / 3P
   Temperature compensated silicon stainless steel pressure sensors
SSCM3175GA SENSORTECHNICS-SSCM3175GA Datasheet
118Kb / 2P
   Temperature compensated silicon stainless steel pressure sensors
SSC1001GA SENSORTECHNICS-SSC1001GA Datasheet
97Kb / 2P
   Temperature compensated silicon stainless steel pressure sensors
SSC3001AA SENSORTECHNICS-SSC3001AA Datasheet
134Kb / 3P
   Temperature compensated silicon stainless steel pressure sensors
logo
Honeywell Accelerometer...
ST015PG2SPGF HONEYWELL-ACC-ST015PG2SPGF Datasheet
272Kb / 4P
   Stainless Steel Pressure Sensors
logo
Sensortechnics GmbH
RTOP003A1 SENSORTECHNICS-RTOP003A1 Datasheet
190Kb / 6P
   Stainless steel pressure sensors
logo
Honeywell Solid State E...
ST150PG2SPGF HONEYWELL-ST150PG2SPGF Datasheet
220Kb / 4P
   Stainless Steel Pressure Sensors
ST005PG2BPCF HONEYWELL-ST005PG2BPCF Datasheet
220Kb / 4P
   Stainless Steel Pressure Sensors
logo
Sensortechnics GmbH
SSIB001-GU9AH5 SENSORTECHNICS-SSIB001-GU9AH5 Datasheet
106Kb / 7P
   Amplified stainless steel pressure sensors
logo
Honeywell Solid State E...
19CXXXPA1K HONEYWELL-19CXXXPA1K Datasheet
1Mb / 8P
   Pressure Sensors Low-Cost, Stainless Steel, Isolated Sensors
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com