전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TL431Z 데이터시트(PDF) 1 Page - IK Semicon Co., Ltd

부품명 TL431Z
상세설명  Programmable Precision Reference
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IKSEMICON [IK Semicon Co., Ltd]
홈페이지  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

TL431Z 데이터시트(HTML) 1 Page - IK Semicon Co., Ltd

  TL431Z_16 Datasheet HTML 1Page - IK Semicon Co., Ltd TL431Z_16 Datasheet HTML 2Page - IK Semicon Co., Ltd TL431Z_16 Datasheet HTML 3Page - IK Semicon Co., Ltd TL431Z_16 Datasheet HTML 4Page - IK Semicon Co., Ltd TL431Z_16 Datasheet HTML 5Page - IK Semicon Co., Ltd TL431Z_16 Datasheet HTML 6Page - IK Semicon Co., Ltd TL431Z_16 Datasheet HTML 7Page - IK Semicon Co., Ltd TL431Z_16 Datasheet HTML 8Page - IK Semicon Co., Ltd TL431Z_16 Datasheet HTML 9Page - IK Semicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
TECHNICAL DATA
2011, January, rev. 03
Programmable Precision Reference
Description
The TL431Z is a three-terminal adjustable
regulator series with a guaranteed thermal
stability over applicable temperature ranges.
The output voltage may be set to any value
between Vref (approximately 2.5 volts) and 40
volts with two external resistors. These devices
have a typical dynamic output impedance of
0.2
Ω. Active output circuitry provides a very
sharp turn-on characteristic, making these
devices
excellent
replacement
for
zener
diodes in many applications.The TL431Z is
characterized for operation from -40
oC to
+125
oC.
Pin Connections
TO-92
SOT-89
CATHODE
ANODE
REFERENCE
SOT-23
Features
• Programmable Output Voltage to 40V
• Low Dynamic Output Impedance 0.2Ω
• Sink Current Capability of 0.1 mA to 100 mA
• Equivalent Full-Range Temperature Coefficient
of 50 ppm/
oC
• Temperature Compensated for Operation over
Full Rated Operating Temperature Range
• Low Output Noise Voltage
• Fast Turn on Response
• TO-92, SOT-89, SOT-23 packages
Ordering Information
Product Number
Reference Input Voltage
Package
TL431ZCLF
TL431ZCLS
0.5%
TO-92
TL431ZCS
SOT-23
TL431ZCP
SOT-89
TL431ZALF
TL431ZALS
1%
TO-92
TL431ZAS
SOT-23
TL431ZAP
SOT-89
TL431ZLF
TL431ZLS
2%
TO-92
TL431ZS
SOT-23
TL431ZP
SOT-89
TL431Z


유사한 부품 번호 - TL431Z_16

제조업체부품명데이터시트상세설명
logo
IK Semicon Co., Ltd
TL431ZAD IKSEMICON-TL431ZAD Datasheet
569Kb / 14P
   Programmable Precision Reference
TL431ZALF IKSEMICON-TL431ZALF Datasheet
569Kb / 14P
   Programmable Precision Reference
TL431ZALS IKSEMICON-TL431ZALS Datasheet
569Kb / 14P
   Programmable Precision Reference
TL431ZAP IKSEMICON-TL431ZAP Datasheet
569Kb / 14P
   Programmable Precision Reference
TL431ZAS IKSEMICON-TL431ZAS Datasheet
569Kb / 14P
   Programmable Precision Reference
More results

유사한 설명 - TL431Z_16

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
TL431L UTC-TL431L_11 Datasheet
231Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL431_102 TI-TL431_102 Datasheet
1Mb / 76P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Weitron Technology
WT431LT1 WEITRON-WT431LT1 Datasheet
591Kb / 5P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431 TI1-TL1431_12 Datasheet
812Kb / 27P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Unisonic Technologies
TL431H UTC-TL431H Datasheet
197Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431M TI-TL1431M_15 Datasheet
1Mb / 32P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL1431-Q1 TI-TL1431-Q1_15 Datasheet
232Kb / 19P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Hangzhou Youwang Electr...
UTC431 YOUWANG-UTC431 Datasheet
97Kb / 4P
   PROGRAMMABLE PRECISION REFERENCE
logo
Shanghai Leiditech Elec...
LR431ATLT1G LEIDITECH-LR431ATLT1G Datasheet
831Kb / 5P
   PROGRAMMABLE PRECISION REFERENCE
logo
Dongguan Pingjingsemi T...
TL432 PJSEMI-TL432 Datasheet
1Mb / 4P
   Programmable Precision Reference
logo
Texas Instruments
TL1431 TI-TL1431 Datasheet
268Kb / 18P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com