전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KFH-A 데이터시트(PDF) 3 Page - Cooper Bussmann, Inc.

부품명 KFH-A
상세설명  250V and 600V cable limiters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  COOPER [Cooper Bussmann, Inc.]
홈페이지  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

KFH-A 데이터시트(HTML) 3 Page - Cooper Bussmann, Inc.

  KFH-A Datasheet HTML 1Page - Cooper Bussmann, Inc. KFH-A Datasheet HTML 2Page - Cooper Bussmann, Inc. KFH-A Datasheet HTML 3Page - Cooper Bussmann, Inc. KFH-A Datasheet HTML 4Page - Cooper Bussmann, Inc. KFH-A Datasheet HTML 5Page - Cooper Bussmann, Inc. KFH-A Datasheet HTML 6Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Technical Data 1042
Effective December 2015
Cable limiters
Eaton.com/bussmannseries
Terminals:
Tube-to-tube — copper conductor only
Dimensions - in (mm)
Catalog
symbol
Copper
cable size
A
B
C
D
E
KCY
4AWG
1.25 (31.8)
2.88 (73.0)
1.06 (27.0)
0.31 (7.9)
0.25 (6.4)
KCZ
3AWG
1.25 (31.8)
2.88 (73.0)
1.06 (27.0)
0.34 (8.7)
0.28 (7.1)
KCA
2AWG
1.25 (31.8)
2.88 (73.0)
1.06 (27.0)
0.44 (11.1)
0.31 (7.9)
KCB
1AWG
1.25 (31.8)
2.88 (73.0)
1.06 (27.0)
0.47 (11.9)
0.34 (8.7)
KCC
1/0AWG
1.5 (38.1)
2.625 (66.7)
1.25 (31.8)
0.52 (13.1)
0.39 (9.9)
KCD*,
2/0AWG
1.63 (41.3)
2.625 (66.7)
1.25 (31.8)
0.44 (14.3)
0.70 (11.1)
KCE
3/0AWG
1.63 (41.3)
3.63 (92.1)
1.44 (36.5)
0.61 (15.5)
0.48 (12.3)
KCF
4/0AWG
1.75 (44.5)
3.63 (92.1)
1.44 (36.5)
0.34 (17.5)
0.55 (14.0)
KCH
250kcmil
1.88 (47.6)
3.63 (92.1)
1.44 (36.5)
0.75 (19.0)
0.59 (15.0)
KCJ*
350kcmil
2.0 (50.8)
3.63 (92.1)
1.63 (41.3)
0.88 (22.2)
0.70 (17.9)
KCM*, , ††
500kcmil
2.88 (73.0)
3.08 (78.2)
1.88 (47.6)
1.06 (27.0)
0.83 (21.0)
KCV
600kcmil
3.5 (88.9)
3.08 (78.2)
1.88 (47.6)
1.155 (29.3)
0.92 (23.4)
KCR*,
750kcmil
3.5 (88.9)
3.75 (95.25)
2.5 (63.5)
1.31 (33.3)
1.06 (27.0)
KCS
1000kcmil
5.0 (127.0)
3.75 (95.25)
2.5 (63.5)
1.56 (39.7)
1.22 (31.0)
* UL Listed, File E90818, 600Vac, 200kA I.R.
† Available with shrink tube “–V” suffix.
††Available with molded rubber boot “-B” suffix. Boot can be purchased separately, order Part# - BOOT-KCM
B
A
A
C
E
D
600V K Series
Catalog Symbol: K__
Applications:
The 600Vac K cable limiters are designed for use on
non-residential 277/480, 120/208 and 120/240 volt systems.
Ratings:
Volts: up to 600Vac
Interrupting Rating: 200kA, RMS Sym.
Agency information:
KCD, KCJ, KCM, KCR, KDM, KDR, KDP and KFM cable limiters
are UL Listed under File E90818 for only copper conductors.
Terminals:
Tube-to-tube
Tube-to-offset bolt
Compression rod-to-tube
Center bolt-to-offset bolt
Conductors:
Copper only on:
Tube-to-tube
Tube-to-offset bolt
Compression rod-to-tube
Copper or aluminum on
Center bolt-to-offset bolt


유사한 부품 번호 - KFH-A

제조업체부품명데이터시트상세설명
logo
Eaton All Rights Reserv...
KFH-A EATON-KFH-A Datasheet
1Mb / 5P
   250 V and 600 V cable limiters
More results

유사한 설명 - KFH-A

제조업체부품명데이터시트상세설명
logo
Littelfuse
600VOLTSAC LITTELFUSE-600VOLTSAC Datasheet
154Kb / 1P
   Cable Limiters
LFCL0500ZC6 LITTELFUSE-LFCL0500ZC6 Datasheet
650Kb / 3P
   LFCL CABLE LIMITERS
Rev: 101017
logo
Eaton All Rights Reserv...
UHA EATON-UHA Datasheet
1Mb / 5P
   250 V and 600 V cable limiters
logo
Littelfuse
LFCL-500-C-1 LITTELFUSE-LFCL-500-C-1 Datasheet
425Kb / 1P
   Cable Limiters - 600 Volts AC
logo
M/A-COM Technology Solu...
2690 MA-COM-2690 Datasheet
61Kb / 2P
   Coaxial Limiters
logo
Ohmite Mfg. Co.
RES-SLIMMOX OHMITE-RES-SLIMMOX Datasheet
439Kb / 5P
   Current pulse limiters
logo
Tyco Electronics
2690 MACOM-2690 Datasheet
138Kb / 2P
   Coaxial Limiters
logo
Cooper Bussmann, Inc.
KWN-R-1 COOPER-KWN-R-1 Datasheet
1Mb / 4P
   250V KWN-R and 600V KWS-R Class RK1 fuses
logo
List of Unclassifed Man...
KWN-R-1 ETC1-KWN-R-1 Datasheet
1Mb / 4P
   250V KWN-R and 600V KWS-R Class RK1 fuses
REN-1 ETC1-REN-1 Datasheet
615Kb / 5P
   REN (250V) and RES (600V) Renewable Class H size fuses
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com