전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMB-141N 데이터시트(PDF) 2 Page - SUNMATE electronic Co., LTD

부품명 SMB-141N
상세설명  SURFACE MOUNT GLASS TUBE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUNMATE [SUNMATE electronic Co., LTD]
홈페이지  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

SMB-141N 데이터시트(HTML) 2 Page - SUNMATE electronic Co., LTD

  SMB-141N Datasheet HTML 1Page - SUNMATE electronic Co., LTD SMB-141N Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMB
501
M
DC Spark-Over Voltage Accuracy ±20
DC Spark-Over Voltage 500V
Dimension:Diameterφ2.6
Length 5.0mm
2 of 2


유사한 부품 번호 - SMB-141N

제조업체부품명데이터시트상세설명
logo
HuaXinAn Electronics CO...
SMB-141N HUAXINAN-SMB-141N Datasheet
193Kb / 2P
   Surge Absorbers
SMB-141N HUAXINAN-SMB-141N Datasheet
294Kb / 5P
   SMB Series
SMB-141N HUAXINAN-SMB-141N_V01 Datasheet
294Kb / 5P
   SMB Series
More results

유사한 설명 - SMB-141N

제조업체부품명데이터시트상세설명
logo
Shenzhen Luguang Electr...
HGL341A LUGUANG-HGL341A Datasheet
612Kb / 2P
   SURFACE MOUNT GLASS
logo
NIC-Components Corp.
NGTM NIC-NGTM Datasheet
341Kb / 3P
   Surface Mount Gas Discharge Tube
NGTC NIC-NGTC Datasheet
303Kb / 3P
   Surface Mount Gas Discharge Tube
logo
SUNMATE electronic Co.,...
3R1100A-5S SUNMATE-3R1100A-5S Datasheet
539Kb / 2P
   SURFACE MOUNT GAS DISCHARGE TUBE
logo
NIC-Components Corp.
NGTA NIC-NGTA Datasheet
295Kb / 3P
   Surface Mount Gas Discharge Tube
NGTF NIC-NGTF Datasheet
322Kb / 3P
   Surface Mount Gas Discharge Tube
NGTD NIC-NGTD Datasheet
191Kb / 3P
   Surface Mount Gas Discharge Tube
logo
Leshan Radio Company
HFM103 LRC-HFM103_15 Datasheet
179Kb / 4P
   Surface Mount Glass Passivated
FM4937 LRC-FM4937_15 Datasheet
272Kb / 4P
   Surface Mount Glass Passivated
logo
Chenmko Enterprise Co. ...
HBM21PT CHENMKO-HBM21PT Datasheet
215Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com