전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC74AC573DWG 데이터시트(PDF) 3 Page - ON Semiconductor

부품명 MC74AC573DWG
상세설명  Octal Buffer/Line Driver with 3-State Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74AC573DWG 데이터시트(HTML) 3 Page - ON Semiconductor

  MC74AC573DWG Datasheet HTML 1Page - ON Semiconductor MC74AC573DWG Datasheet HTML 2Page - ON Semiconductor MC74AC573DWG Datasheet HTML 3Page - ON Semiconductor MC74AC573DWG Datasheet HTML 4Page - ON Semiconductor MC74AC573DWG Datasheet HTML 5Page - ON Semiconductor MC74AC573DWG Datasheet HTML 6Page - ON Semiconductor MC74AC573DWG Datasheet HTML 7Page - ON Semiconductor MC74AC573DWG Datasheet HTML 8Page - ON Semiconductor MC74AC573DWG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MC74AC573, MC74ACT573
www.onsemi.com
3
MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage (Referenced to GND)
−0.5 to +7.0
V
VIN
DC Input Voltage (Referenced to GND)
−0.5 to VCC +0.5
V
VOUT
DC Output Voltage (Referenced to GND) (Note 1)
−0.5 to VCC +0.5
V
IIK
DC Input Diode Current
±20
mA
IOK
DC Output Diode Current
±50
mA
IOUT
DC Output Sink/Source Current
±50
mA
ICC
DC Supply Current, per Output Pin
±50
mA
IGND
DC Ground Current, per Output Pin
±100
mA
TSTG
Storage Temperature Range
*65 to )150
_C
TL
Lead temperature, 1 mm from Case for 10 Seconds
260
_C
TJ
Junction Temperature Under Bias
140
_C
qJA
Thermal Resistance (Note 2)
SOIC
TSSOP
65.8
110.7
_C/W
MSL
Moisture Sensitivity
Level 1
FR
Flammability Rating
Oxygen Index: 30% − 35%
UL 94 V−0 @ 0.125 in
VESD
ESD Withstand Voltage
Human Body Model (Note 3)
Machine Model (Note 4)
Charged Device Model (Note 5)
> 2000
> 200
> 1000
V
ILatchup
Latchup Performance
Above VCC and Below GND at 85_C (Note 6)
±100
mA
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. IOUT absolute maximum rating must be observed.
2. The package thermal impedance is calculated in accordance with JESD 51−7.
3. Tested to EIA/JESD22−A114−A.
4. Tested to EIA/JESD22−A115−A.
5. Tested to JESD22−C101−A.
6. Tested to EIA/JESD78.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
′AC
2.0
5.0
6.0
V
′ACT
4.5
5.0
5.5
VIN, VOUT
DC Input Voltage, Output Voltage (Ref. to GND)
0
VCC
V
tr, tf
Input Rise and Fall Time (Note 1)
′AC Devices except Schmitt Inputs
VCC @ 3.0 V
150
VCC @ 4.5 V
40
ns/V
VCC @ 5.5 V
25
tr, tf
Input Rise and Fall Time (Note 2)
′ACT Devices except Schmitt Inputs
VCC @ 4.5 V
10
ns/V
VCC @ 5.5 V
8.0
TA
Operating Ambient Temperature Range
−40
25
85
°C
IOH
Output Current − High
−24
mA
IOL
Output Current − Low
24
mA
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond
the Recommended Operating Ranges limits may affect device reliability.
1. VIN from 30% to 70% VCC; see individual Data Sheets for devices that differ from the typical input rise and fall times.
2. VIN from 0.8 V to 2.0 V; see individual Data Sheets for devices that differ from the typical input rise and fall times.


유사한 부품 번호 - MC74AC573DWG

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC74AC573DWG ONSEMI-MC74AC573DWG Datasheet
126Kb / 12P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
September, 2005 ??Rev. 7
More results

유사한 설명 - MC74AC573DWG

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74VHC244 FAIRCHILD-74VHC244 Datasheet
84Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74AC244 FAIRCHILD-74AC244 Datasheet
111Kb / 10P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
Motorola, Inc
SN54LS240 MOTOROLA-SN54LS240 Datasheet
191Kb / 6P
   OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244_15 Datasheet
93Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 8
MC74ACT241 ONSEMI-MC74ACT241_15 Datasheet
89Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 6
logo
Fairchild Semiconductor
74AC540 FAIRCHILD-74AC540_05 Datasheet
97Kb / 7P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244 Datasheet
91Kb / 8P
   Octal Buffer/Line Driver with 3-State Outputs
May, 2001 ??Rev. 5
74AC244 ONSEMI-74AC244 Datasheet
396Kb / 14P
   Octal Buffer/Line Driver with 3-STATE Outputs
January 2008 Rev. 1.4.0
74VHC240 ONSEMI-74VHC240 Datasheet
263Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
April 2007 Rev. 1.3
logo
Fairchild Semiconductor
74ABT240 FAIRCHILD-74ABT240 Datasheet
105Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74ABT244 FAIRCHILD-74ABT244 Datasheet
125Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com