전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

7-1393765-0 데이터시트(PDF) 6 Page - TE Connectivity Ltd

부품명 7-1393765-0
상세설명  1 through 8 form C (CO) contact arrangement
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TEC [TE Connectivity Ltd]
홈페이지  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

7-1393765-0 데이터시트(HTML) 6 Page - TE Connectivity Ltd

  7-1393765-0 Datasheet HTML 1Page - TE Connectivity Ltd 7-1393765-0 Datasheet HTML 2Page - TE Connectivity Ltd 7-1393765-0 Datasheet HTML 3Page - TE Connectivity Ltd 7-1393765-0 Datasheet HTML 4Page - TE Connectivity Ltd 7-1393765-0 Datasheet HTML 5Page - TE Connectivity Ltd 7-1393765-0 Datasheet HTML 6Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
08-2015, Rev. 0815
www.te.com
© 2015 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
6
Potter & Brumfield
R10 Series Relay (Continued)
Product Code Arrangement Material Contact Style/Rating Nom. Coil V
Terminals & Mounting
Part Number
R10-E1P2-115V
2 form C, 2 CO Au overlay Ag
Bif crossbar / dry circuit
115 VAC
Solder/plug-in w/ #3-48 mounting stud
7-1393765-0
R10-E1P2-V700
24 VDC
6-1393765-9
R10-E1P4-115V
4 form C, 4 CO
115 VAC
7-1393765-6
R10-E1P4-V700
24 VDC
7-1393765-5
R10-E1W2-V185
2 form C, 2 CO
AgCdO
Single contact / 7.5A
12 VDC
8-1393765-9
R10-E1W2-V700
24 VDC
9-1393765-1
R10-E1W4-V185
4 form C, 4 CO
12 VDC
9-1393765-3
R10-E1W4-V700
24 VDC
9-1393765-5
R10-E1X2-24V
2 form C, 2 CO
Single contact / 5A
24 VAC
1-1393766-1
R10-E1X2-115V
115 VAC
1-1393766-0
R10-E1X2-S800
12 VDC
1393766-3
R10-E1X2-V185
1393766-5
R10-E1X2-V700
24 VDC
1393766-9
R10-E1X4-115V
4 form C, 4 CO
115 VAC
1-1393766-8
R10-E1X4-V185
12 VDC
1-1393766-4
R10-E1X4-V700
24 VDC
1-1393766-7
R10-E1X4-V2.5K
48 VDC
1-1393766-5
R10-E1X6-115V
6 form C, 6 CO
115 VAC
2-1393766-5
R10-E1X6-V90
12 VDC
2-1393766-4
R10-E1X6-V430
24 VDC
2-1393766-2
R10-E1Y2-J1.0K
2 form C, 2 CO
Ag
Single contact / 2A typical
Not applicable
3-1393766-3
R10-E1Y2-J2.5K
3-1393766-4
R10-E1Y2-V185
12 VDC
4-1393766-0
R10-E1Y2-V700
24 VDC
4-1393766-4
R10-E1Y2-V2.5K
48 VDC
4-1393766-1
R10-E1Y2-V15.0K
115 VDC
3-1393766-9
R10-E1Y4-J10.0K
4 form C, 4 CO
Not applicable
4-1393766-9
R10-E1Y4-V52
6 VDC
5-1393766-6
R10-E1Y4-V2.5K
48 VDC
5-1393766-5
R10-E1Y4-V700
24 VDC
5-1393766-7
R10-E1Y6-V430
6 form C, 6 CO
6-1393766-1
R10-E1Y6-V1.5K
48 VDC
6-1393766-0
R10-E1Z2-V185
2 form C, 2 CO
Bifurcated / 100mA typical
12 VDC
7-1393766-2
R10-E1Z2-V700
24 VDC
7-1393766-4
R10-E1Z4-V185
4 form C, 4 CO
12 VDC
7-1393766-9
R10-E1Z4-V700
24 VDC
8-1393766-1
R10-E1Z4-V2.5K
48 VDC
8-1393766-0
R10-E1Z6-V430
6 form C, 6 CO
24 VDC
8-1393766-6
R10-E1Z6-V1.5K
48 VDC
8-1393766-5
R10-T1P2-115V
2 form C, 2 CO Au overlay Ag
Bif crossbar / dry circuit
115 VAC
2-1393769-8
R10S-E1Y1-J1.0K
1 form C, 1 CO
Ag
Single contact / 2A typical
Not applicable
7-1393769-0
R10S-E1Y2-J5.0K
2 form C, 2 CO
7-1393769-5
R10-E2P4-V185
4 form C, 4 CO Au overlay Ag
Bif crossbar / dry circuit
12 VDC
PCB, .064" clearance, 1.25" seated ht.
1393767-3
R10-E2P4-V700
24 VDC
1393767-4
R10-E2W2-V185
2 form C, 2 CO
AgCdO
Single contact / 5A
12 VDC
1393767-7
R10-E2X2-V185
1-1393767-1
R10-E2X2-V700
24 VDC
1-1393767-5
R10-E2X4-V185
4 form C, 4 CO
12 VDC
1-1393767-7
R10-E2X4-V700
24 VDC
1-1393767-8
R10-E2Y2-V185
2 form C, 2 CO
Ag
Single contact / 2A typical
12 VDC
2-1393767-6
R10-E2Y2-V700
24 VDC
2-1393767-9
R10-E2Y4-V185
4 form C, 4 CO
12 VDC
3-1393767-5
R10-E2Y4-V700
24 VDC
3-1393767-6
R10S-E2Y1-J1.0K
1 form C, 1 CO
Not applicable
8-1393769-1
Signal
Signal Relays


유사한 부품 번호 - 7-1393765-0

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
7-1393765-0 MACOM-7-1393765-0 Datasheet
1Mb / 6P
   R10 Series Panel Plug-in Relay
7-1393765-0 MACOM-7-1393765-0 Datasheet
762Kb / 6P
   General Purpose Relays Industrial Relays
7-1393765-0 MACOM-7-1393765-0 Datasheet
1Mb / 6P
   R10 Series Panel Plug-in Relay
More results

유사한 설명 - 7-1393765-0

제조업체부품명데이터시트상세설명
logo
TE Connectivity Ltd
ORWH TEC-ORWH Datasheet
463Kb / 3P
   Compact relay with 1 Form A and 1 Form C contact arrangement
T81 TEC-T81 Datasheet
645Kb / 2P
   Au clad contacts in a 1 Form C (CO) arrangement
logo
List of Unclassifed Man...
RP310024 ETC2-RP310024 Datasheet
494Kb / 3P
   1 pole 8/12/16A, 1 form C (CO) or 1 form A (NO) contact
RP730036 ETC2-RP730036 Datasheet
494Kb / 3P
   1 pole 8/12/16A, 1 form C (CO) or 1 form A (NO) contact
logo
TE Connectivity Ltd
V23057-A0002-A101 TEC-V23057-A0002-A101 Datasheet
332Kb / 3P
   1 pole 8A, 1 form C (CO) or 1 form A (NO) contact
V23061 TEC-V23061 Datasheet
255Kb / 3P
   1 pole 8/10A, 1form C (CO) or 1 form A (NO) contact
PBH TEC-PBH Datasheet
225Kb / 2P
   1pole 6 A, 1 form C (CO) or 1 form A (NO) contact
RT114012F TEC-RT114012F Datasheet
567Kb / 3P
   1 pole 12A/16A, 1 form C (CO) or 1 form A (NO) contact
RT114024AP TEC-RT114024AP Datasheet
336Kb / 3P
   1 pole 12A/16A, 1 form C (CO) or 1 form A (NO) contact
SNR TEC-SNR_15 Datasheet
258Kb / 3P
   1 pole 6A, 1 form C (CO), 1 form A (NO)
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com