전자부품 데이터시트 검색엔진 |
|
9-1393818-0 데이터시트(PDF) 7 Page - TE Connectivity Ltd |
|
9-1393818-0 데이터시트(HTML) 7 Page - TE Connectivity Ltd |
7 / 10 page 07-2012, Rev. 0712 www.te.com © 2011 Tyco Electronics Corporation, a TE Connectivity Ltd. company Datasheets and product specification according to IEC 61810-1 and to be used only together with the ‘Definitions’ section. Datasheets and product data is subject to the terms of the disclaimer and all chapters of the ‘Definitions’ section, available at http://relays.te.com/definitions Datasheets, product data, ‘Definitions’ sec- tion, application notes and all specifications are subject to change. 7 AXICOM Signal Relays Cradle N Relay V23154/V23162 (Continued) Product code Version Coil Operate/Lim.Arrangement Contacts Terminals Enclosure PartNumber V23154-D0XX, standard, size II V23154-D0726-C110 Standard, size II 48VDC 45/75VDC 4 form C (4 CO) Bifurcated Plug-in/solder Dust protected 3-1393809-9 V23154-D0726-C112 Standard, size II 48VDC 37/75VDC 6 form A (6 (NO) Bifurcated Plug-in/solder Dust protected 4-1393809-0 V23154-D0726-C410 Standard, size II 48VDC 37/75VDC 4 form C (4 CO) Bifurcated Plug-in/solder Dust protected 4-1393809-2 V23154-D0734-B110 Standard, size II 60VDC 36/92VDC 4 form C (4 CO) Single Plug-in/solder Dust protected 5-1393809-6 V23154-D0734-B610 Standard, size II 60VDC 36/92VDC 4 form C (4 CO) Single Plug-in/solder Dust protected 5-1393809-7 V23154-D0734-C410 Standard, size II 60VDC 43/92VDC 4 form C (4 CO) Bifurcated Plug-in/solder Dust protected 5-1393809-8 V23154-D0404-B110 Standard, size II 72VDC 48/100VDC 4 form C (4 CO) Single Plug-in/solder Dust protected 1-1393807-8 V23154-D0404-B112 Standard, size II 72VDC 48/100VDC 6 form A (6 (NO) Single Plug-in/solder Dust protected 1-1393807-9 V23154-D0404-B610 Standard, size II 72VDC 48/100VDC 4 form C (4 CO) Single Plug-in/solder Dust protected 2-1393807-1 V23154-D0704-B110 Standard, size II 72VDC 48.4/114VDC 4 form C (4 CO) Single Plug-in/solder Dust protected 1393808-6 V23154-D0704-B112 Standard, size II 72VDC 48.4/114VDC 6 form A (6 (NO) Single Plug-in/solder Dust protected 1393808-8 V23154-D0704-C110 Standard, size II 72VDC 58.7/114VDC 4 form C (4 CO) Bifurcated Plug-in/solder Dust protected 1-1393808-6 V23154-D0704-C112 Standard, size II 72VDC 58.7/114VDC 6 form A (6 (NO) Bifurcated Plug-in/solder Dust protected 1-1393808-7 V23154-D0735-B110 Standard, size II 110VDC 65/164VDC 4 form C (4 CO) Single Plug-in/solder Dust protected 6-1393809-2 V23154-D0735-B610 Standard, size II 110VDC 65/164VDC 4 form C (4 CO) Single Plug-in/solder Dust protected 6-1393809-4 V23154-D0703-B110 Standard, size II 125VDC 81/190VDC 4 form C (4 CO) Single Plug-in/solder Dust protected 1393808-1 V23154-D0XX, 5A , size V23154-D0711-F104 5A, size II 5VDC 1.8/7.2VDC 2 form C (2 CO) Single Plug-in/solder Dust protected 3-1393808-2 V23154-C0712-B104 5A, size II 7VDC 3.6/10.5VDC 2 form C (2 CO) Single Plug-in/solder Dust protected 3-1393808-6 V23154-D0418-F104 5A, size II 12VDC 6.6/20.5VDC 2 form C (2 CO) Single Plug-in/solder Dust protected 3-1393807-1 V23154-D0717-F104 5A, size II 12VDC 7.1/20VDC 2 form C (2 CO) Single Plug-in/solder Dust protected 5-1393808-4 V23154-D0719-F104 5A, size II 15VDC 6.8/24.5VDC 2 form C (2 CO) Single Plug-in/solder Dust protected 6-1393808-2 V23154-D0720-F104 5A, size II 20VDC 11.9/32VDC 2 form C (2 CO) Single Plug-in/solder Dust protected 7-1393808-6 V23154-D0421-F104 5A, size II 24VDC 15/36VDC 2 form C (2 CO) Single Plug-in/solder Dust protected 4-1393807-4 V23154-D0721-F104 5A, size II 24VDC 11/40VDC 2 form C (2 CO) Single Plug-in/solder Dust protected 1393809-1 V23154-D0722-F104 5A, size II 32VDC 22.6/54VDC 2 form C (2 CO) Single Plug-in/solder Dust protected 2-1393809-4 V23154-D0726-F104 5A, size II 48VDC 30/75VDC 2 form C (2 CO) Single Plug-in/solder Dust protected 4-1393809-4 V23154-D0734-F104 5A, size II 60VDC 27/92VDC 2 form C (2 CO) Single Plug-in/solder Dust protected 6-1393809-0 V23154-D0404-F104 5A, size II 72VDC 36/100VDC 2 form C (2 CO) Single Plug-in/solder Dust protected 2-1393807-2 V23154-D0704-F104 5A, size II 72VDC 48.4/114VDC 2 form C (2 CO) Single Plug-in/solder Dust protected 1-1393808-9 V23154-D0735-F104 5A, size II 110VDC 65/164VDC 2 form C (2 CO) Single Plug-in/solder Dust protected 6-1393809-5 V23154-D0703-F104 5A, size II 125VDC 81/190VDC 2 form C (2 CO) Single Plug-in/solder Dust protected 1393808-4 V23154-M0XX, standard, size I V23154-M0712-B104 Standard, size I 7VDC 2.7/10.5VDC 2 form C (2 CO) Single PCB, earth t. Dust protected 1-1393810-8 V23154-M0717-B104 Standard, size I 12VDC 5.3/20VDC 2 form C (2 CO) Single PCB, earth t. Dust protected 2-1393810-1 V23154-M0717-C104 Standard, size I 12VDC 7.1/20VDC 2 form C (2 CO) Bifurcated PCB, earth t. Dust protected 2-1393810-2 V23154-M0719-B104 Standard, size I 15VDC 6.8/24.5VDC 2 form C (2 CO) Single PCB, earth t. Dust protected 2-1393810-3 V23154-M0719-C104 Standard, size I 15VDC 9.1/24.5VDC 2 form C (2 CO) Bifurcated PCB, earth t. Dust protected 2-1393810-4 V23154-M0XX, standard, size I V23154-M0720-B104 Standard, size I 20VDC 8.9/32VDC 2 form C (2 CO) Single PCB, earth t. Dust protected 2-1393810-5 V23154-M0720-B604 Standard, size I 20VDC 8.9/32VDC 2 form C (2 CO) Single PCB, earth t. Dust protected 2-1393810-6 V23154-M0721-B104 Standard, size I 24VDC 11/40VDC 2 form C (2 CO) Single PCB, earth t. Dust protected 2-1393810-7 V23154-M0721-B604 Standard, size I 24VDC 11/40VDC 2 form C (2 CO) Single PCB, earth t. Dust protected 2-1393810-9 V23154-M0721-C104 Standard, size I 24VDC 14.5/40VDC 2 form C (2 CO) Bifurcated PCB, earth t. Dust protected 3-1393810-0 V23154-M0722-B104 Standard, size I 32VDC 16.9/54VDC 2 form C (2 CO) Single PCB, earth t. Dust protected 3-1393810-4 V23154-M0722-B604 Standard, size I 32VDC 16.9/54VDC 2 form C (2 CO) Single PCB, earth t. Dust protected 3-1393810-5 V23154-M0722-C104 Standard, size I 33VDC 22.6/54VDC 2 form C (2 CO) Bifurcated PCB, earth t. Dust protected 2-1419172-5 V23154-M0722-C404 Standard, size I 33VDC 22.6/54VDC 2 form C (2 CO) Bifurcated PCB, earth t. Dust protected 3-1393810-6 V23154-M0726-B104 Standard, size I 48VDC 23/75VDC 2 form C (2 CO) Single PCB, earth t. Dust protected 3-1393810-8 V23154-M0726-C104 Standard, size I 48VDC 30/75VDC 2 form C (2 CO) Bifurcated PCB, earth t. Dust protected 4-1393810-0 V23154-M0704-B104 Standard, size I 72VDC 36.2/114VDC 2 form C (2 CO) Single PCB, earth t. Dust protected 1-1393810-5 V23154-M0703-B104 Standard, size I 125VDC 61/190VDC 2 form C (2 CO) Single PCB, earth t. Dust protected 1-1393810-4 V23154-M0XX, 5A, size I V23154-M0720-F105 5A, size I 19VDC 8.2/31VDC 2 form A (2 NO) Single PCB, earth t. Dust protected 2-1422030-5 V23154-M0721-F105 5A, size I 24VDC 11/40VDC 2 form A (2 NO) Single PCB, earth t. Dust protected 3-1393810-2 V23154-M0721-F106 5A, size I 24VDC 11/40VDC 1A+1B Single PCB, earth t. Dust protected 3-1393810-3 V23154-M0722-F106 5A, size I 33VDC 16/54VDC 1A+1B Single PCB, earth t. Dust protected 3-1393810-7 V23154-M0726-F106 5A, size I 48VDC 23/75VDC 1A+1B Single PCB, earth t. Dust protected 4-1393810-1 V23154-M4XX, standard, size I V23154-M4717-C104 Standard, size I 12VDC 7.1/20VDC 2 form C (2 CO) Bifurcated PCB Dust protected 4-1393810-5 V23154-M4719-C104 Standard, size I 15VDC 9.1/24.5VDC 2 form C (2 CO) Bifurcated PCB Dust protected 4-1393810-6 V23154-M4721-C104 Standard, size I 24VDC 14.5/40VDC 2 form C (2 CO) Bifurcated PCB Dust protected 4-1393810-7 V23154-M4XX, 5A, size I V23154-M4721-F106 5A, size I 24VDC 11/40VDC 1A+1B Single PCB Dust protected 2-1422030-4 |
유사한 부품 번호 - 9-1393818-0 |
|
유사한 설명 - 9-1393818-0 |