전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP422-Q1 데이터시트(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
부품명 TMP422-Q1
상세설명  Remote and Local Temperature Sensor
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TMP422-Q1 데이터시트(HTML) 3 Page - Texas Instruments

  TMP422-Q1 Datasheet HTML 1Page - Texas Instruments TMP422-Q1 Datasheet HTML 2Page - Texas Instruments TMP422-Q1 Datasheet HTML 3Page - Texas Instruments TMP422-Q1 Datasheet HTML 4Page - Texas Instruments TMP422-Q1 Datasheet HTML 5Page - Texas Instruments TMP422-Q1 Datasheet HTML 6Page - Texas Instruments TMP422-Q1 Datasheet HTML 7Page - Texas Instruments TMP422-Q1 Datasheet HTML 8Page - Texas Instruments TMP422-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
1
2
3
4
8
7
6
5
V+
SCL
GND
DXP
DXN
A1
A0
SDA
3
TMP421-Q1, TMP422-Q1, TMP423-Q1
www.ti.com
SBOS821 – NOVEMBER 2016
Product Folder Links: TMP421-Q1 TMP422-Q1 TMP423-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
5 Device Comparison Table
PART NUMBER
DESCRIPTION
TWO-WIRE
ADDRESS
TMP421-Q1
Single-channel remote junction temperature sensor
100 11xx
TMP422-Q1
Dual-channel remote junction temperature sensor
100 11xx
TMP423-Q1
Triple-channel remote junction temperature sensor
100 1100
6 Pin Configuration and Functions
TMP421-Q1 DCN Package
8-Pin SOT-23
Top View
TMP421-Q1 Pin Functions
PIN
TYPE
DESCRIPTION
NO.
NAME
1
DXP
Analog input
Positive connection to remote temperature sensor
2
DXN
Analog input
Negative connection to remote temperature sensor
3
A1
Digital input
Address pin
4
A0
Digital input
Address pin
5
GND
Ground
Ground
6
SDA
Bidirectional digital input-output
Serial data line for SMBus, open-drain; requires pullup resistor to V+
7
SCL
Digital input
Serial clock line for SMBus, open-drain; requires pullup resistor to V+
8
V+
Power supply
Positive supply voltage (2.7 V to 5.5 V for the TMP421-Q1)


유사한 부품 번호 - TMP422-Q1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMP422-EP TI1-TMP422-EP Datasheet
380Kb / 28P
[Old version datasheet]   짹1째C REMOTE TEMPERATURE AND 짹2.5째C LOCAL TEMPERATURE SENSOR IN SOT23-8
TMP422-EP TI1-TMP422-EP Datasheet
885Kb / 31P
[Old version datasheet]   짹1째C REMOTE TEMPERATURE AND 짹2.5째C LOCAL TEMPERATURE SENSOR IN SOT23-8
More results

유사한 설명 - TMP422-Q1

제조업체부품명데이터시트상세설명
logo
uPI Group Inc.
US5004 UPI-US5004 Datasheet
876Kb / 15P
   Digital Remote and Local Temperature Sensor
logo
Texas Instruments
TMP421 TI1-TMP421_15 Datasheet
1Mb / 35P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR
TMP421 TI1-TMP421_12 Datasheet
904Kb / 34P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR
logo
Maxim Integrated Produc...
MAX1668 MAXIM-MAX1668_00 Datasheet
224Kb / 16P
   Multichannel Remote/Local Temperature Sensor
Rev 0; 8/00
logo
Texas Instruments
TMP461-SP TI1-TMP461-SP Datasheet
115Kb / 5P
[Old version datasheet]   Radiation Hardened Remote and Local Digital Temperature Sensor
TMP461-SP TI1-TMP461-SP_18 Datasheet
528Kb / 34P
[Old version datasheet]   Radiation Hardened Remote and Local Digital Temperature Sensor
TMP421 TI-TMP421 Datasheet
644Kb / 30P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR in SOT23-8
logo
Burr-Brown (TI)
TMP421 BURR-BROWN-TMP421 Datasheet
575Kb / 26P
   짹1째C Remote and Local TEMPERATURE SENSOR in SOT23-8
logo
Global Mixed-mode Techn...
G788 GMT-G788 Datasheet
45Kb / 1P
   Remote and Local Temperature Sensor with SMBus Serial Interface
Ver: 0.4 Oct 16, 2013
logo
Texas Instruments
TMP422-EP TI1-TMP422-EP Datasheet
380Kb / 28P
[Old version datasheet]   짹1째C REMOTE TEMPERATURE AND 짹2.5째C LOCAL TEMPERATURE SENSOR IN SOT23-8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com