전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SST11CP16-QXCE-K 데이터시트(PDF) 6 Page - Microchip Technology

부품명 SST11CP16-QXCE-K
상세설명  5.1-5.9 GHz High-Linearity Power Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST11CP16-QXCE-K 데이터시트(HTML) 6 Page - Microchip Technology

Back Button SST11CP16-QXCE-K Datasheet HTML 2Page - Microchip Technology SST11CP16-QXCE-K Datasheet HTML 3Page - Microchip Technology SST11CP16-QXCE-K Datasheet HTML 4Page - Microchip Technology SST11CP16-QXCE-K Datasheet HTML 5Page - Microchip Technology SST11CP16-QXCE-K Datasheet HTML 6Page - Microchip Technology SST11CP16-QXCE-K Datasheet HTML 7Page - Microchip Technology SST11CP16-QXCE-K Datasheet HTML 8Page - Microchip Technology SST11CP16-QXCE-K Datasheet HTML 9Page - Microchip Technology SST11CP16-QXCE-K Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
©2013 Silicon Storage Technology, Inc.
DS70005050B
9/14
6
5.1-5.9 GHz High-Linearity Power Amplifier
SST11CP16
Data Sheet
Table 4: AC Electrical Characteristics for Configuration, VCC = 5.0V1,VREG= 2.85V
Symbol
Parameter
Min
Typ
Max
Unit
FL-U
Frequency range
5.1
5.9
GHz
Linear Power
Output power at 3% EVM at 54 Mbps OFDM signal, 802.11a
21.5
dBm
Output power at 2.5% EVM at 54 Mbps OFDM signal, 802.11a
20
dBm
Output power at 1.8% EVM at 802.11ac, MCS9 80 MHz
19
dBm
ACPRa
Output power level with 802.11a mask compliance
25.5
dBm
ACPRn20
Output power level with 802.11n HT20 mask compliance
24.5
dBm
Gain
Power gain from 5.18–5.9 GHz
30
dB
Input Return
Loss
RF Input Return Loss
10
dB
2FO
Second Harmonic Power Level
-26
dBm/MHz
3FO
Third Harmonic Power Level
-35
dBm/MHz
T4.1 75050
1. EVM is measured with equalizer channel estimation set to “Sequence Only”


유사한 부품 번호 - SST11CP16-QXCE-K

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST11CP15 SST-SST11CP15 Datasheet
647Kb / 11P
   4.9-5.8 GHz High-Linearity Power Amplifier
logo
Microchip Technology
SST11CP15 MICROCHIP-SST11CP15 Datasheet
181Kb / 18P
   4.9-5.9 GHz High-Linearity Power Amplifier
08/13
SST11CP15E MICROCHIP-SST11CP15E Datasheet
174Kb / 17P
   4.9-5.9 GHz High-Linearity Power Amplifier
2013 05/13
More results

유사한 설명 - SST11CP16-QXCE-K

제조업체부품명데이터시트상세설명
logo
Microchip Technology
SST11CP15E MICROCHIP-SST11CP15E Datasheet
174Kb / 17P
   4.9-5.9 GHz High-Linearity Power Amplifier
2013 05/13
SST11CP15 MICROCHIP-SST11CP15 Datasheet
181Kb / 18P
   4.9-5.9 GHz High-Linearity Power Amplifier
08/13
SST11CP22 MICROCHIP-SST11CP22 Datasheet
871Kb / 17P
   5.1-5.9 GHz 802.11ac WLAN Power Amplifier
01/27/15
logo
ANADIGICS, Inc
RFS1003 ANADIGICS-RFS1003 Datasheet
75Kb / 4P
   5.1-5.9 GHz U-NII Power Amplifier
logo
SIRENZA MICRODEVICES
SZA-6044 SIRENZA-SZA-6044 Datasheet
154Kb / 6P
   5.1- 5.9 GHz 1/4 Watt Power Amplifier with Active Bias
logo
Hittite Microwave Corpo...
HMC408LP3 HITTITE-HMC408LP3 Datasheet
264Kb / 7P
   GaAs InGaP HBT MMIC 1 WATT POWER AMPLIFIER, 5.1 - 5.9 GHz
HMC408LP3 HITTITE-HMC408LP3_09 Datasheet
246Kb / 8P
   GaAs InGaP HBT MMIC 1 WATT POWER AMPLIFIER, 5.1 - 5.9 GHz
HMC408LP3 HITTITE-HMC408LP3_06 Datasheet
352Kb / 8P
   GaAs InGaP HBT MMIC 1 WATT POWER AMPLIFIER, 5.1 - 5.9 GHz
logo
Qorvo, Inc
TGA2753-SM QORVO-TGA2753-SM Datasheet
908Kb / 15P
   5.9 ??7.1 GHz Power Amplifier
September 2020
logo
Tyco Electronics
MAAP-007899 MACOM-MAAP-007899 Datasheet
120Kb / 4P
   High Power Linear Amplifier 5.7 - 5.9 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com