전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP75C-Q1 데이터시트(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
부품명 TMP75C-Q1
상세설명  TMP75C-Q1 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TMP75C-Q1 데이터시트(HTML) 5 Page - Texas Instruments

  TMP75C-Q1 Datasheet HTML 1Page - Texas Instruments TMP75C-Q1 Datasheet HTML 2Page - Texas Instruments TMP75C-Q1 Datasheet HTML 3Page - Texas Instruments TMP75C-Q1 Datasheet HTML 4Page - Texas Instruments TMP75C-Q1 Datasheet HTML 5Page - Texas Instruments TMP75C-Q1 Datasheet HTML 6Page - Texas Instruments TMP75C-Q1 Datasheet HTML 7Page - Texas Instruments TMP75C-Q1 Datasheet HTML 8Page - Texas Instruments TMP75C-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
5
TMP75C-Q1
www.ti.com
SBOS840 – NOVEMBER 2016
Product Folder Links: TMP75C-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
6.5 Electrical Characteristics
At TA = –40°C to +125°C and VS = +1.4 V to +3.6 V, unless otherwise noted. Typical values at TA = 25°C and VS = +1.8 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TEMPERATURE INPUT
Temperature range
–40
125
°C
Temperature resolution
0.0625
°C
Temperature accuracy
(error)
0°C to +70°C
±0.25
±1
°C
–20°C to +85°C
±0.5
±2
–40°C to +125°C
±1
±3
DIGITAL INPUT/OUTPUT
VIH
High-level input voltage
0.7(VS)
VS
V
VIL
Low-level input voltage
-0.3
0.3(VS)
V
IIN
Input current
0 V < VIN < (VS) + 0.3 V
1
μA
VOL
Low-level output
voltage
VS ≥ 2 V, IOUT = 3 mA
0.4
V
VS < 2 V, IOUT = 3 mA
0.2(VS)
ADC resolution
12
Bit
Conversion time
One-shot mode
20
27
35
ms
Update Rate
80
ms
Bus timeout time
16
22
29
ms
POWER SUPPLY
Operating supply range
1.4
3.6
V
IQ
Quiescent current
Serial bus inactive
15
37
µA
Serial bus active, SCL frequency = 400 kHz
25
Serial bus active, SCL frequency = 3.4 MHz
95
ISD
Shutdown current
Serial bus inactive
0.3
8
µA
Serial bus active, SCL frequency = 400 kHz
10
Serial bus active, SCL frequency = 3.4 MHz
80


유사한 부품 번호 - TMP75C-Q1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMP75C TI-TMP75C Datasheet
980Kb / 31P
[Old version datasheet]   TMP75C 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
TMP75CID TI-TMP75CID Datasheet
980Kb / 31P
[Old version datasheet]   TMP75C 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
TMP75CIDGKR TI-TMP75CIDGKR Datasheet
980Kb / 31P
[Old version datasheet]   TMP75C 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
TMP75CIDGKT TI-TMP75CIDGKT Datasheet
980Kb / 31P
[Old version datasheet]   TMP75C 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
TMP75CIDR TI-TMP75CIDR Datasheet
980Kb / 31P
[Old version datasheet]   TMP75C 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
More results

유사한 설명 - TMP75C-Q1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMP75C TI-TMP75C Datasheet
980Kb / 31P
[Old version datasheet]   TMP75C 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
TMP75B-Q1 TI-TMP75B-Q1 Datasheet
959Kb / 31P
[Old version datasheet]   TMP75B-Q1 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
TMP75B TI-TMP75B Datasheet
989Kb / 31P
[Old version datasheet]   TMP75B 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
TMP175 TI-TMP175 Datasheet
295Kb / 13P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP75AIDGKRG4 TI1-TMP75AIDGKRG4 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP175 TI1-TMP175_12 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
logo
ATMEL Corporation
AT30TS00 ATMEL-AT30TS00 Datasheet
369Kb / 28P
   Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
TMP75AIDGKRG4 TI-TMP75AIDGKRG4 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP105 TI-TMP105_15 Datasheet
849Kb / 22P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
logo
Burr-Brown (TI)
TMP106 BURR-BROWN-TMP106 Datasheet
265Kb / 16P
   Digital Temperature Sensor with Two-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com