전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BTB08-XXXSW 데이터시트(PDF) 4 Page - STMicroelectronics

부품명 BTB08-XXXSW
상세설명  8A TRIACS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTB08-XXXSW 데이터시트(HTML) 4 Page - STMicroelectronics

  BTB08-XXXSW Datasheet HTML 1Page - STMicroelectronics BTB08-XXXSW Datasheet HTML 2Page - STMicroelectronics BTB08-XXXSW Datasheet HTML 3Page - STMicroelectronics BTB08-XXXSW Datasheet HTML 4Page - STMicroelectronics BTB08-XXXSW Datasheet HTML 5Page - STMicroelectronics BTB08-XXXSW Datasheet HTML 6Page - STMicroelectronics BTB08-XXXSW Datasheet HTML 7Page - STMicroelectronics BTB08-XXXSW Datasheet HTML 8Page - STMicroelectronics BTB08-XXXSW Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
BTA08, BTB08 and T8 Series
4/11
Figure 1: Maximum power dissipation versus
RMS on-state current (full cycle)
Figure 2: RMS on-state current versus case
temperature (full cycle)
Figure 3: RMS on-state current versus ambient
temperature (printed circuit board FR4, copper
thickness: 35µm) (full cycle)
Figure 4: Relative
variation
of
thermal
impedance versus pulse duration
Figure 5: On-state characteristics (maximum
values)
Figure 6: Surge peak on-state current versus
number of cycles
P(W)
0
1
23
45
678
0
1
2
3
4
5
6
7
8
9
10
I
(A)
T(RMS)
0
25
50
75
100
125
0
1
2
3
4
5
6
7
8
9
10
I
(A)
T(RMS)
T (°C)
C
BTA
BTB / T8
0
25
50
75
100
125
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
I
(A)
T(RMS)
T (°C)
C
DPAK
(S=1CM )
2
2
DPAK
(S=0.5CM )
2
1E-3
1E-2
1E-1
1E+0
1E+1
1E+2
5E+2
1E-3
1E-2
1E-1
1E+0
K=[Z /R
th
th]
t (s)
p
Zth(j-c)
DPAK/IPAK
Zth(j-a)
TO-220AB/D PAK
2
Zth(j-a)
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
1
10
100
I
(A)
TM
V
(V)
TM
T max.
V = 0.85V
R = 50 m
j
to
d
T=
j
T max.
j
T = 25°C
j
.
1
10
100
1000
0
10
20
30
40
50
60
70
80
90
I
(A)
TSM
Number of cycles
t=20ms
One cycle
Non repetitive
T initial=25°C
j
Repetitive
T =110°C
C


유사한 부품 번호 - BTB08-XXXSW

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
BTB08-XXXSW STMICROELECTRONICS-BTB08-XXXSW Datasheet
274Kb / 21P
   Snubberless™, logic level and standard 8 A Triacs
DS2114 - Rev 15 - August 2018
More results

유사한 설명 - BTB08-XXXSW

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
BTA08 UTC-BTA08_15 Datasheet
195Kb / 3P
   8A TRIACS
BTA08A UTC-BTA08A_15 Datasheet
200Kb / 4P
   8A TRIACS
BTB08A UTC-BTB08A Datasheet
187Kb / 4P
   8A TRIACS
logo
JIEJIE MICROELECTRONICS...
ACJT8 JIEJIE-ACJT8 Datasheet
390Kb / 6P
   8A TRIACs
logo
Tiger Electronic Co.,Lt...
T810-600B TGS-T810-600B Datasheet
56Kb / 1P
   8A TRIACS
BTA08-600B TGS-BTA08-600B Datasheet
93Kb / 1P
   8A TRIACS
logo
JIEJIE MICROELECTRONICS...
BTA08 JIEJIE-BTA08 Datasheet
589Kb / 5P
   8A TRIACs
logo
Unisonic Technologies
BTA08A UTC-BTA08A Datasheet
170Kb / 4P
   8A TRIACS
logo
JIEJIE MICROELECTRONICS...
JST08 JIEJIE-JST08 Datasheet
554Kb / 5P
   8A TRIACs
JST08I JIEJIE-JST08I Datasheet
562Kb / 5P
   8A TRIACs
logo
Tiger Electronic Co.,Lt...
BTA08-600C TGS-BTA08-600C Datasheet
31Kb / 1P
   8A TRIACS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com