전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC050PA 데이터시트(PDF) 1 Page - Ohmite Mfg. Co.

부품명 TC050PA
상세설명  Easy to Install
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OHMITE [Ohmite Mfg. Co.]
홈페이지  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

TC050PA 데이터시트(HTML) 1 Page - Ohmite Mfg. Co.

  TC050PA Datasheet HTML 1Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2
Ohmite Manufacturing Company
Tel. 847-675-2600 • Fax 847-675-1505 • www.ohmite.com • info@ohmite.com
TC Series
PECOS® Resistors
Thick Film on Porcelainized
Steel Substrate
Dimensions (in. / mm
Dimensions (in. /
Dimensions (in. /
)
Series Watts
A
B
C
D
E
TC010PA
TC010PA
10
10
0.300 /
0.300 / 7.62
7.62 0.55 /
0.55 / 13.97
13.97
13.97
13.97 1.25 /
1.25 / 31.75
31.75 0.29 /
0.29 / 7.37
7.37
7.37
7.37 0.50 /
0.50 / 12.70
12.70
TC020PA
20 0.600 / 15.24 1.10 / 27.94 1.40 / 35.56 0.37 / 9.40 1.00 / 25.40
TC025PA
TC025PA
25
25 1.000 /
1.000 / 25.40
25.40 1.60 /
1.60 / 40.64
40.64 1.25 /
1.25 / 31.75
31.75 0.37 /
0.37 / 9.40
9.40 1.40 /
1.40 / 35.56
35.56
TC050PA
50 1.000 / 25.40 1.75 / 44.45
44.45
44.45 2.50 / 63.50 0.37 / 9.40 1.40 / 35.56
TC100PA
TC100PA 100
100 1.300 /
1.300 / 33.02
33.02 2.55/
2.55/ 64.77
64.77 3.35 /
3.35 / 85.09
85.09 0.37 /
0.37 / 9.40
9.40 1.70 /
1.70 / 43.18
43.18
PECOS® stands for Porcelain
®
®
Enamel Coating on Steel. It is
a plate resistor system utiliz-
ing thick film ruthenium oxide
on a porcelain coated steel
substrate. Copper plated silver
conductors are employed and
the resistive element is pro-
tected by a glass passivation
layer.
These resistors offer low
inductance (50nh @1MHz)
and very high power densities
(15W/in2). Being PC-board
mountable, they are economic
to install and best suited for
applications under 200V oper-
ating.
F E A T U R E S
• 15W/in2 Power Density
• Low Inductance
• Easy to Install
D
A
B
0.04" diam. Pins
(corner pins can
be omitted at
customer request)
E
C
0.41"/
10.41mm
0.28"/
7.11mm
typical
0.2"/
5.08mm
(0.1"/
2.54mm
for 10 watt)
5.08mm
Terminal Detail:
T
T
O R D E R I N G I N F O R M A T I O N
*20% Values are not laser trimmed and offer enhanced surge handling.
S P E C I F I C A T I O N S
Material
Substrate: PECOS® (Porcelain
®
®
Enamel Coating on Steel)
Resistor: Ruthenium Oxide
Coating: Glass
Terminals: Solder Plated
Phosphor Bronze, riveted in
place and electrically connected
with high temperature solder.
Thermal Conductivity: 60 Watts/
Meter/°C, x-y direction
Temperature Coefficient:
150 ppm/°C
≥ 1Ω
Electrical
Ohmic Range: 1-2500
Tolerance: ±1-5% to 20%
Power Rating: Based on 25°C
free air
Maximum Operating Voltage:
200 VDC
Overload: Five times rated power,
as long as the one second aver-
age dissipation does not exceed
the wattage rating.
∆R: ±2%, 2000 hours
� � � � � � � � � � � �
Series
Power Rating
Package
PA = standard
Resistance (�)
5R00 = 5.0
50R0 = 50.0
Tolerance
J = 5%
K = 10%
L* = 20%
E = RoHS compliant
Available Jan. 2006
D E R A T I N G C U R V E
100
Ambient Temperature,
°C
60
20
0
350
80
40
50
200 250
25
100 150
300
This product has been
DISCONTINUED
This product has been
DISCONTINUED


유사한 부품 번호 - TC050PA

제조업체부품명데이터시트상세설명
logo
Ohmite Mfg. Co.
TC050PA OHMITE-TC050PA Datasheet
89Kb / 1P
   PECOS Resistors Thick Film on Porcelainized Steel Substrate
More results

유사한 설명 - TC050PA

제조업체부품명데이터시트상세설명
logo
Abracon Corporation
APAMP-112 ABRACON-APAMP-112 Datasheet
3Mb / 3P
   Easy to install
10.27.14
logo
List of Unclassifed Man...
SM1EZSM4T ETC-SM1EZSM4T Datasheet
844Kb / 1P
   Easy Install Speakers
logo
Omron Electronics LLC
TLM2ME2 OMRON-TLM2ME2 Datasheet
281Kb / 5P
   As Easy To Install as a Microswitch
TL-M2ME1 OMRON-TL-M2ME1 Datasheet
178Kb / 4P
   As Easy To Install as a Microswitch
logo
STMicroelectronics
STW69N65M5-4 STMICROELECTRONICS-STW69N65M5-4 Datasheet
792Kb / 13P
   Easy to drive
January 2014 Rev 2
logo
Maxim Integrated Produc...
MAX1403EVSYSTEM MAXIM-MAX1403EVSYSTEM Datasheet
1Mb / 20P
   Easy to Configure
Rev 0; 5/99
logo
AVAGO TECHNOLOGIES LIMI...
AEDT-9140 AVAGO-AEDT-9140 Datasheet
233Kb / 9P
   Easy to mount
logo
Tyco Electronics
408-6775 MACOM-408-6775 Datasheet
652Kb / 4P
   Install dies according to the instructions packaged with the tooling.
logo
Ralston Instruments.
QTVF-000B RALSTON-QTVF-000B Datasheet
303Kb / 1P
   Install between a pressure gauge
logo
Generalplus Technology ...
GPES216B2 GENERALPLUS-GPES216B2 Datasheet
423Kb / 14P
   Easy-to-use SOUNDPLUS
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com