전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF7341GPBF 데이터시트(PDF) 8 Page - International Rectifier

부품명 IRF7341GPBF
상세설명  HEXFET짰 Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF7341GPBF 데이터시트(HTML) 8 Page - International Rectifier

  IRF7341GPBF Datasheet HTML 1Page - International Rectifier IRF7341GPBF Datasheet HTML 2Page - International Rectifier IRF7341GPBF Datasheet HTML 3Page - International Rectifier IRF7341GPBF Datasheet HTML 4Page - International Rectifier IRF7341GPBF Datasheet HTML 5Page - International Rectifier IRF7341GPBF Datasheet HTML 6Page - International Rectifier IRF7341GPBF Datasheet HTML 7Page - International Rectifier IRF7341GPBF Datasheet HTML 8Page - International Rectifier IRF7341GPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
February 20, 2014
IRF7341GPbF
SO-8 Package Outline(Mosfet & Fetky)
e1
D
E
y
b
A
A1
H
K
L
.189
.1497
.013
.050 BASIC
.0532
.0040
.2284
.0099
.016
.1968
.1574
.020
.0688
.0098
.2440
.0196
.050
4.80
3.80
0.33
1.35
0.10
5.80
0.25
0.40
1.27 BASIC
5.00
4.00
0.51
1.75
0.25
6.20
0.50
1.27
MIN
MAX
MILLIMET ERS
INCHES
MIN
MAX
DIM
e
c
.0075
.0098
0.19
0.25
.025 BASIC
0.635 BASIC
87
5
65
D
B
E
A
e
6X
H
0.25 [.010]
A
6
7
K x 45°
8X L
8X c
y
0.25 [.010]
C A B
e1
A
A1
8X b
C
0.10 [.004]
4
3
12
FOOTPRINT
8X 0.72 [.028]
6.46 [.255]
3X 1.27 [.050]
8X 1.78 [.070]
4. OUT LINE CONFORMS T O JEDEC OUT LINE MS-012AA.
NOT ES:
1. DIMENS IONING & TOLERANCING PER AS ME Y14.5M-1994.
2. CONT ROLLING DIMENSION: MILLIMET ER
3. DIMENS IONS ARE SHOWN IN MILLIMET ERS [INCHES ].
5 DIMENS ION DOES NOT INCLUDE MOLD PROT RUS IONS.
6 DIMENS ION DOES NOT INCLUDE MOLD PROT RUS IONS.
MOLD PROTRUSIONS NOT T O EXCEED 0.25 [.010].
7 DIMENS ION IS T HE LENGTH OF LEAD FOR S OLDERING TO
A SUBST RAT E.
MOLD PROTRUSIONS NOT T O EXCEED 0.15 [.006].
Dimensions are shown in milimeters (inches)
SO-8 Part Marking Information
Note: For the most current drawing please refer to IR website at http://www.irf.com/package/
EXAMPLE: THIS IS AN IRF8707GPBF
RECTIFIER
LOGO
INTERNATIONAL
F8707G
XXXX
P = DISGNATES LEAD - FREE
DATE CODE (YWW)
Y = LAST DIGIT OF THE YEAR
A = ASSEMBLY SITE CODE
WW = WEEK
PRODUCT
PART NUMBER (G DESIGNATES
LOT CODE
HALOGEN-FREE


유사한 부품 번호 - IRF7341GPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7341 IRF-IRF7341 Datasheet
134Kb / 7P
   HEXFET Power MOSFET
logo
Guangdong Youtai Semico...
IRF7341 UMW-IRF7341 Datasheet
379Kb / 7P
   Generation V Technology
logo
International Rectifier
IRF7341IPBF IRF-IRF7341IPBF Datasheet
138Kb / 7P
   HEXFET Power MOSFET
IRF7341PBF IRF-IRF7341PBF Datasheet
158Kb / 7P
   HEXFET Power MOSFET
IRF7341PBF IRF-IRF7341PBF Datasheet
163Kb / 7P
   Generation V Technology
More results

유사한 설명 - IRF7341GPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFBA1405PPBF IRF-IRFBA1405PPBF Datasheet
153Kb / 10P
   HEXFET짰 Power MOSFET
IRFR3707PBF IRF-IRFR3707PBF Datasheet
221Kb / 9P
   HEXFET짰 Power MOSFET
IRFZ44EPBF IRF-IRFZ44EPBF Datasheet
147Kb / 8P
   HEXFET짰 Power MOSFET
IRLZ44NSPBF IRF-IRLZ44NSPBF Datasheet
336Kb / 10P
   HEXFET짰 Power MOSFET
IRF520VPBF IRF-IRF520VPBF Datasheet
150Kb / 8P
   HEXFET짰 Power MOSFET
IRFBC40SPBF IRF-IRFBC40SPBF Datasheet
360Kb / 10P
   HEXFET짰 Power MOSFET
IRLIZ24NPBF IRF-IRLIZ24NPBF Datasheet
843Kb / 8P
   HEXFET짰 Power MOSFET
IRF1010EPBF IRF-IRF1010EPBF Datasheet
231Kb / 8P
   HEXFET짰 Power MOSFET
IRFI1010NPBF IRF-IRFI1010NPBF Datasheet
234Kb / 9P
   HEXFET짰 Power MOSFET
IRFD014PBF IRF-IRFD014PBF Datasheet
2Mb / 8P
   HEXFET짰 Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com