전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD37523FS 데이터시트(PDF) 7 Page - Rohm

부품명 BD37523FS
상세설명  Sound Processor with Built-in 2-band Equalizer
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BD37523FS 데이터시트(HTML) 7 Page - Rohm

Back Button BD37523FS Datasheet HTML 3Page - Rohm BD37523FS Datasheet HTML 4Page - Rohm BD37523FS Datasheet HTML 5Page - Rohm BD37523FS Datasheet HTML 6Page - Rohm BD37523FS Datasheet HTML 7Page - Rohm BD37523FS Datasheet HTML 8Page - Rohm BD37523FS Datasheet HTML 9Page - Rohm BD37523FS Datasheet HTML 10Page - Rohm BD37523FS Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
BD37523FS
7/27
TSZ02201-0C2C0E100480-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
16.Dec.2015 Rev.001
Typical Performance Curves
– continued
-25
-20
-15
-10
-5
0
5
10
15
20
25
10
100
1k
10k
100k
Frequency (Hz)
TREBLE GAIN:-20dB to +20dB
/1dB step
fo : 10kHz
Q : 0.75
Figure 7. Treble Gain vs Frequency
Frequency [Hz]
-25
-20
-15
-10
-5
0
5
10
15
20
25
10
100
1k
10k
100k
fo : 7.5k/10k/12.5k/15kHz
TREBLE GAIN :
±20dB
Q : 0.75
Figure 8. Treble fo vs Frequency
Frequency [Hz]
-25
-20
-15
-10
-5
0
5
10
15
20
25
10
100
1k
10k
100k
Frequency [Hz]
fo : 60/80/100/120Hz
BASS GAIN :
±20dB
Q : 0.5
Figure 5. Bass fo vs Frequency
-25
-20
-15
-10
-5
0
5
10
15
20
25
10
100
1k
10k
100k
Q : 0.5/1/1.5/2
BASS GAIN :
±20dB
fo : 60Hz
Figure 6. Bass Q vs Frequency
Frequency [Hz]


유사한 부품 번호 - BD37523FS

제조업체부품명데이터시트상세설명
logo
Rohm
BD37523FS ROHM-BD37523FS Datasheet
151Kb / 5P
   Silicon Monolithic Integrated Circuit
More results

유사한 설명 - BD37523FS

제조업체부품명데이터시트상세설명
logo
Rohm
BD37522FS ROHM-BD37522FS_15 Datasheet
3Mb / 31P
   Sound Processor with Built-in 2-band Equalizer
BD37512FS ROHM-BD37512FS_15 Datasheet
2Mb / 30P
   Sound Processor with Built-in 2-band Equalizer
BD37511FS ROHM-BD37511FS_15 Datasheet
2Mb / 30P
   Sound Processor with Built-in 2-band Equalizer
BD37503FV ROHM-BD37503FV Datasheet
1Mb / 32P
   Sound processor with Built-in 2-band Equalizer
BD37515FS ROHM-BD37515FS_15 Datasheet
3Mb / 31P
   Sound Processor with Built-in 2-band Equalizer
BD37521FS ROHM-BD37521FS_15 Datasheet
3Mb / 31P
   Sound Processor with Built-in 2-band Equalizer
BD37513FS ROHM-BD37513FS_15 Datasheet
3Mb / 30P
   Sound Processor with Built-in 2-band Equalizer
BD37514FS ROHM-BD37514FS_15 Datasheet
3Mb / 31P
   Sound Processor with Built-in 2-band Equalizer
BD37531FV ROHM-BD37531FV_15 Datasheet
3Mb / 34P
   Sound Processor with Built-in 3-band Equalizer
BD37524FS ROHM-BD37524FS_15 Datasheet
3Mb / 35P
   Sound Processor with Built-in 3-band Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com