|
| RT9164 |
|
||
|
ETC |
|
6 page
RT9164 www.richtek-ic.com.tw DS9164-08 May 2001 6 Temperature Stability (VREF) 1.23 1.24 1.25 1.26 1.27 1.28 -50 -25 0 25 50 75 100 125 Temperature ( C) ° ° Temperature Stability 2.2 2.4 2.6 2.8 3 3.2 3.4 -50 -25 0 25 50 75 100 125 Temperature ( C) 3.3V 2.85V 2.5V T T T 1 > 1 > 1 > 1 > 2 > 2 > 2 > 2 > 0 10 20 30 40 50 60 70 80 90 100 Time ( µS) ≈≈≈≈ RT9164-2.5 Load Transient Response CIN = 10 µF Tantalum COUT = 10 µF Tantalum VIN = 4V Preload = 0.1A 0.3 0.2 0.1 0 -0.1 -0.2≈≈≈≈ 0.5 0 -0.5 Load Transient Response VOUT = 2.5V T T T 1 > 1 > 1 > 1 > 2 > 2 > 2 > 2 > 0 10 20 30 40 50 60 70 80 90 100 Time ( µS) ≈≈≈≈ RT9164-2.5 Load Transient Response CIN = 10 µF Tantalum COUT = 10 µF Tantalum VIN = 4V Preload = 0.1A 0.3 0.2 0.1 0 -0.1 -0.2≈≈≈≈ 1.0 0 -1.0 Load Transient Response VOUT = 2.5V T T T 1 > 1 > 1 > 1 > 2 > 2 > 2 > 2 > 0 10 20 30 40 50 60 70 80 90 100 Time ( µS) ≈≈≈≈ RT9164-2.85 Load Transient Response CIN = 10 µF Tantalum COUT = 10 µF Tantalum VIN = 4.35V Preload = 0.1A 0.3 0.2 0.1 0 -0.1 -0.2≈≈≈≈ 0.5 0 -0.5 Load Transient Response VOUT = 2.85V T T T 1 > 1 > 1 > 1 > 2 > 2 > 2 > 2 > 0 10 20 30 40 50 60 70 80 90 100 Time ( µS) ≈≈≈≈ RT9164-2.85 Load Transient Response CIN = 10 µF Tantalum COUT = 10 µF Tantalum VIN = 4.35V Preload = 0.1A 0.3 0.2 0.1 0 -0.1 -0.2≈≈≈≈ 1.0 0 -1.0 Load Transient Response VOUT = 2.85V |
|
관련 부품명 |
| 부품명 | 상세내용 | Html View | 제조사 |
| IL33269 | LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE VOLTAGE REGULATORS | 1 2 | Integral Corp. |
| IRU1205 | 300mA ULTRA LOW DROPOUT POSITIVE ADJUSTABLE AND FIXED REGULATORS | 1 2 3 4 5 More | International Rectifier |
| TCL1117 | 800mA LOW DROPOUT POSITIVE REGULATORS ADJUSTABLE AND FIXED 2.85V 3.30V 5.00V | 1 2 3 4 5 More | TelCom Semiconductor, Inc |
| IRU1206 | 1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS | 1 2 3 4 5 More | International Rectifier |
| YD1117 | LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS | 1 2 3 4 5 More | Wuxi Youda electronics Co.,LTD |
| LD1117 | LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS | 1 2 3 4 5 More | STMicroelectronics |
| UTCLD1117A | LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS | 1 2 3 4 5 More | Unisonic Technologies |
| LT1086 | 1.5A Low Dropout Positive Regulators Adjustable and Fixed 2.85V 3.3V 3.6V 5V 12V | 1 2 3 4 5 More | Linear Technology |
| LT1585A | 5A LOW DROPOUT FAST RESPONSE POSITIVE ADJUSTABLE AND FIXED VOLTAGE REGULATOR | 1 2 3 4 5 More | ON Semiconductor |
링크 URL |
Alldatasheet 제휴사 |
| ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인 정보 보호 정책 | 즐겨찾기 | 링크교환 | 제조사별 검색 All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |