전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SST12LN01-QU6F-K 데이터시트(PDF) 4 Page - Microchip Technology

부품명 SST12LN01-QU6F-K
상세설명  2.4-2.5 GHz WLAN Low-Noise Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST12LN01-QU6F-K 데이터시트(HTML) 4 Page - Microchip Technology

  SST12LN01-QU6F-K Datasheet HTML 1Page - Microchip Technology SST12LN01-QU6F-K Datasheet HTML 2Page - Microchip Technology SST12LN01-QU6F-K Datasheet HTML 3Page - Microchip Technology SST12LN01-QU6F-K Datasheet HTML 4Page - Microchip Technology SST12LN01-QU6F-K Datasheet HTML 5Page - Microchip Technology SST12LN01-QU6F-K Datasheet HTML 6Page - Microchip Technology SST12LN01-QU6F-K Datasheet HTML 7Page - Microchip Technology SST12LN01-QU6F-K Datasheet HTML 8Page - Microchip Technology SST12LN01-QU6F-K Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
SST12LN01
DS70005150A-page 4
 2015 Microchip Technology Inc.
6.0
TYPICAL PERFORMANCE CHARACTERISTICS
Test Conditions: VDD = 3.3V, TA = 25°C, unless otherwise specified
FIGURE 6-1:
S-PARAMETERS


유사한 부품 번호 - SST12LN01-QU6F-K

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST12LN01-QU6F-K SST-SST12LN01-QU6F-K Datasheet
289Kb / 11P
   2.4-2.5 GHz Low-Noise Amplifier
More results

유사한 설명 - SST12LN01-QU6F-K

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
ALM-2812-BLKG AVAGO-ALM-2812-BLKG Datasheet
156Kb / 10P
   Dual-Band (2.4-2.5) GHz (4.9-6) GHz WLAN Low-Noise Amplifier
logo
Skyworks Solutions Inc.
SKY65152 SKYWORKS-SKY65152 Datasheet
1Mb / 12P
   2.4-2.5 GHz WLAN Power Amplifier
SKY65152-11 SKYWORKS-SKY65152-11 Datasheet
206Kb / 14P
   2.4-2.5 GHz WLAN Power Amplifier
logo
Broadcom Corporation.
ALM-2812 BOARDCOM-ALM-2812 Datasheet
156Kb / 10P
   Dual-Band (2.4-2.5) GHz & (4.9-6) GHz WLAN Low-Noise Amplifier
DEMO-ALM-2X12 BOARDCOM-DEMO-ALM-2X12 Datasheet
156Kb / 10P
   Dual-Band (2.4-2.5) GHz & (4.9-6) GHz WLAN Low-Noise Amplifier
logo
Silicon Storage Technol...
SST12LN01 SST-SST12LN01 Datasheet
289Kb / 11P
   2.4-2.5 GHz Low-Noise Amplifier
logo
Skyworks Solutions Inc.
SKY65006-348LF SKYWORKS-SKY65006-348LF Datasheet
2Mb / 15P
   2.4-2.5 GHz WLAN/Zigbee Power Amplifier
SE2600S SKYWORKS-SE2600S Datasheet
647Kb / 10P
   2.4 GHz WLAN Switch/Low-Noise Amplifier Front-End
SKY65174-21 SKYWORKS-SKY65174-21 Datasheet
1Mb / 13P
   2.4 to 2.5 GHz WLAN Power Amplifier Module
SKY65405-11 SKYWORKS-SKY65405-11 Datasheet
45Kb / 2P
   2.4 GHz Low-Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com