전자부품 데이터시트 검색엔진 |
|
SST25PF080B-80-4C-S2AE 데이터시트(PDF) 1 Page - Microchip Technology |
|
SST25PF080B-80-4C-S2AE 데이터시트(HTML) 1 Page - Microchip Technology |
1 / 32 page 2014 Microchip Technology Inc. DS20005137B-page 1 Features • Single Voltage Read and Write Operations - 2.3-3.6V • Serial Interface Architecture - SPI Compatible: Mode 0 and Mode 3 • High Speed Clock Frequency - 80 MHz (2.7-3.6V) - 50 MHz (2.3-2.7V) • Superior Reliability - Endurance: 100,000 Cycles (typical) - Greater than 100 years Data Retention • Low Power Consumption: - Active Read Current: 10 mA (typical) - Standby Current: 5 μA (typical) • Flexible Erase Capability - Uniform 4 KByte sectors - Uniform 32 KByte overlay blocks - Uniform 64 KByte overlay blocks • Fast Erase and Byte-Program: - Chip-Erase Time: 35 ms (typical) - Sector-/Block-Erase Time: 18 ms (typical) - Byte-Program Time: 7 μs (typical) • Auto Address Increment (AAI) Programming - Decrease total chip programming time over Byte-Program operations • End-of-Write Detection - Software polling the BUSY bit in Status Register - Busy Status readout on SO pin in AAI Mode • Hold Pin (HOLD#) - Suspends a serial sequence to the memory without deselecting the device • Write Protection (WP#) - Enables/Disables the Lock-Down function of the status register • Software Write Protection - Write protection through Block-Protection bits in status register • Temperature Range - Commercial: 0°C to +70°C • Packages Available - 8-lead SOIC (150 mils) - 8-lead SOIC (200 mils) - 8-contact WSON (6mm x 5mm) • All devices are RoHS compliant Product Description The 25 series Serial Flash family features a four-wire, SPI-compatible interface that allows for a low pin-count package which occupies less board space and ulti- mately lowers total system costs. The SST25PF080B devices are enhanced with improved operating fre- quency and lower power consumption. SST25PF080B SPI serial flash memories are manufactured with pro- prietary, high-performance CMOS SuperFlash technol- ogy. The split-gate cell design and thick-oxide tunneling injector attain better reliability and manufacturability compared with alternate approaches. The SST25PF080B devices significantly improve per- formance and reliability, while lowering power con- sumption. The devices write (Program or Erase) with a single power supply of 2.3-3.6V for SST25PF080B. The total energy consumed is a function of the applied voltage, current, and time of application. Since for any given voltage range, the SuperFlash technology uses less current to program and has a shorter erase time, the total energy consumed during any Erase or Pro- gram operation is less than alternative flash memory technologies. The SST25PF080B device is offered in 8-lead SOIC (150 mils), 8-lead SOIC (200 mils), and 8-contact WSON (6mm x 5mm). See Figure 2-1 for pin assign- ments. SST25PF080B 8 Mbit 2.3-3.6V SPI Serial Flash Obsolete Device Please use SST25VF080B |
유사한 부품 번호 - SST25PF080B-80-4C-S2AE |
|
유사한 설명 - SST25PF080B-80-4C-S2AE |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |