전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SST39VF402C-70-4C-MAQE 데이터시트(PDF) 9 Page - Microchip Technology

부품명 SST39VF402C-70-4C-MAQE
상세설명  4 Mbit (x16) Multi-Purpose Flash Plus
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST39VF402C-70-4C-MAQE 데이터시트(HTML) 9 Page - Microchip Technology

Back Button SST39VF402C-70-4C-MAQE Datasheet HTML 5Page - Microchip Technology SST39VF402C-70-4C-MAQE Datasheet HTML 6Page - Microchip Technology SST39VF402C-70-4C-MAQE Datasheet HTML 7Page - Microchip Technology SST39VF402C-70-4C-MAQE Datasheet HTML 8Page - Microchip Technology SST39VF402C-70-4C-MAQE Datasheet HTML 9Page - Microchip Technology SST39VF402C-70-4C-MAQE Datasheet HTML 10Page - Microchip Technology SST39VF402C-70-4C-MAQE Datasheet HTML 11Page - Microchip Technology SST39VF402C-70-4C-MAQE Datasheet HTML 12Page - Microchip Technology SST39VF402C-70-4C-MAQE Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
©2014 Silicon Storage Technology, Inc.
DS20005053B
04/14
9
4 Mbit (x16) Multi-Purpose Flash Plus
SST39VF401C / SST39VF402C / SST39LF401C / SST39LF402C
Data Sheet
Ready/Busy# (RY/BY#)
The devices include a Ready/Busy# (RY/BY#) output signal. RY/BY# is an open drain output pin that
indicates whether an Erase or Program operation is in progress. Since RY/BY# is an open drain out-
put, it allows several devices to be tied in parallel to VDD via an external pull-up resistor. After the rising
edge of the final WE# pulse in the command sequence, the RY/BY# status is valid.
When RY/BY# is actively pulled low, it indicates that an Erase or Program operation is in progress.
When RY/BY# is high (Ready), the devices may be read or left in standby mode.
Data# Polling (DQ7)
When the SST39VF401C/402C and SST39LF401C/402C are in the internal Program operation, any
attempt to read DQ7 will produce the complement of the true data. Once the Program operation is
completed, DQ7 will produce true data. Note that even though DQ7 may have valid data immediately follow-
ing the completion of an internal Write operation, the remaining data outputs may still be invalid: valid data on
the entire data bus will appear in subsequent successive Read cycles after an interval of 1 µs. During internal
Erase operation, any attempt to read DQ7 will produce a ‘0’. Once the internal Erase operation is com-
pleted, DQ7 will produce a ‘1’. The Data# Polling is valid after the rising edge of fourth WE# (or CE#)
pulse for Program operation. For Sector-, Block- or Chip-Erase, the Data# Polling is valid after the ris-
ing edge of sixth WE# (or CE#) pulse. See Figure 9 for Data# Polling timing diagram and Figure 23 for
a flowchart.
Toggle Bits (DQ6 and DQ2)
During the internal Program or Erase operation, any consecutive attempts to read DQ6 will produce
alternating ‘1’s and ‘0’s, i.e., toggling between 1 and 0. When the internal Program or Erase operation
is completed, the DQ6 bit will stop toggling. The device is then ready for the next operation. For Sector-
, Block-, or Chip-Erase, the toggle bit (DQ6) is valid after the rising edge of sixth WE# (or CE#) pulse.
DQ6 will be set to ‘1’ if a Read operation is attempted on an Erase-Suspended Sector/Block. If Pro-
gram operation is initiated in a sector/block not selected in Erase-Suspend mode, DQ6 will toggle.
An additional Toggle Bit is available on DQ2, which can be used in conjunction with DQ6 to check
whether a particular sector is being actively erased or erase-suspended. Table 3 shows detailed status
bits information. The Toggle Bit (DQ2) is valid after the rising edge of the last WE# (or CE#) pulse of
Write operation. See Figure 10 for Toggle Bit timing diagram and Figure 23 for a flowchart.
Note: DQ7 and DQ2 require a valid address when reading status information.
Table 3: Write Operation Status
Status
DQ7
DQ6
DQ2
RY/BY#
Normal Operation
Standard Program
DQ7#
Toggle
No Toggle
0
Standard Erase
0
Toggle
Toggle
0
Erase-Suspend
Mode
Read from Erase-Sus-
pended Sector/Block
1
1
Toggle
1
Read from Non-Erase-
Suspended Sector/Block
Data
Data
Data
1
Program
DQ7#
Toggle
N/A
0
T3.0 25053


유사한 부품 번호 - SST39VF402C-70-4C-MAQE

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST39VF400A SST-SST39VF400A Datasheet
340Kb / 30P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
SST39VF400A SST-SST39VF400A Datasheet
343Kb / 20P
   2 MBIT / 4 MBIT / 8 MBIT ( X 16 ) MULTI - PURPOSE FLASH
SST39VF400A SST-SST39VF400A Datasheet
843Kb / 31P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
SST39VF400A SST-SST39VF400A Datasheet
862Kb / 31P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
logo
Microchip Technology
SST39VF400A MICROCHIP-SST39VF400A Datasheet
4Mb / 37P
   Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
2011 Silicon
More results

유사한 설명 - SST39VF402C-70-4C-MAQE

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST39VF6401B SST-SST39VF6401B Datasheet
476Kb / 30P
   64 Mbit (x16) Multi-Purpose Flash Plus
SST39WF1601 SST-SST39WF1601_11 Datasheet
618Kb / 27P
   16 Mbit (x16) Multi-Purpose Flash Plus
SST39VF801C-70-4C-B3KE SST-SST39VF801C-70-4C-B3KE Datasheet
378Kb / 38P
   8 Mbit (x16) Multi-Purpose Flash Plus
logo
Microchip Technology
SST39VF6401B MICROCHIP-SST39VF6401B_V01 Datasheet
4Mb / 38P
   64 Mbit (x16) Multi-Purpose Flash Plus
Revision C May 2018
SST39VF6401B MICROCHIP-SST39VF6401B Datasheet
530Kb / 36P
   64 Mbit (x16) Multi-Purpose Flash Plus
08/15
logo
Silicon Storage Technol...
SST39VF1601C SST-SST39VF1601C Datasheet
379Kb / 39P
   16 Mbit (x16) Multi-Purpose Flash Plus
logo
Microchip Technology
SST39VF1601C MICROCHIP-SST39VF1601C Datasheet
1Mb / 38P
   16 Mbit (x16) Multi-Purpose Flash Plus
Rev. B / May 2018
logo
Silicon Storage Technol...
SST39WF1601 SST-SST39WF1601_10 Datasheet
811Kb / 29P
   16 Mbit (x16) Multi-Purpose Flash Plus
logo
Microchip Technology
SST39VF3201B-70-4I-EKE MICROCHIP-SST39VF3201B-70-4I-EKE Datasheet
904Kb / 29P
   32 Mbit (x16) Multi-Purpose Flash Plus
1/09
logo
Silicon Storage Technol...
SST39WF1601 SST-SST39WF1601 Datasheet
741Kb / 29P
   16 Mbit (x16) Multi-Purpose Flash Plus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com