전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SST39LF402C-55-4C-MAQE 데이터시트(PDF) 5 Page - Microchip Technology

부품명 SST39LF402C-55-4C-MAQE
상세설명  4 Mbit (x16) Multi-Purpose Flash Plus
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST39LF402C-55-4C-MAQE 데이터시트(HTML) 5 Page - Microchip Technology

  SST39LF402C-55-4C-MAQE Datasheet HTML 1Page - Microchip Technology SST39LF402C-55-4C-MAQE Datasheet HTML 2Page - Microchip Technology SST39LF402C-55-4C-MAQE Datasheet HTML 3Page - Microchip Technology SST39LF402C-55-4C-MAQE Datasheet HTML 4Page - Microchip Technology SST39LF402C-55-4C-MAQE Datasheet HTML 5Page - Microchip Technology SST39LF402C-55-4C-MAQE Datasheet HTML 6Page - Microchip Technology SST39LF402C-55-4C-MAQE Datasheet HTML 7Page - Microchip Technology SST39LF402C-55-4C-MAQE Datasheet HTML 8Page - Microchip Technology SST39LF402C-55-4C-MAQE Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
©2014 Silicon Storage Technology, Inc.
DS20005053B
04/14
5
4 Mbit (x16) Multi-Purpose Flash Plus
SST39VF401C / SST39VF402C / SST39LF401C / SST39LF402C
Data Sheet
Figure 4: Pin Assignments for 48-Ball WFBGA
Table 1: Pin Description
Symbol
Pin Name
Functions
AMS1-A0
1. AMS = Most significant address
AMS =A17
Address Inputs
To provide memory addresses.
During Sector-Erase AMS-A11 address lines will select the sector.
During Block-Erase AMS-A15 address lines will select the block.
DQ15-DQ0
Data Input/output To output data during Read cycles and receive input data during Write cycles.
Data is internally latched during a Write cycle.
The outputs are in tri-state when OE# or CE# is high.
WP#
Write Protect
To protect the top/bottom boot block from Erase/Program operation when
grounded.
RST#
Reset
To reset and return the device to Read mode.
CE#
Chip Enable
To activate the device when CE# is low.
OE#
Output Enable
To gate the data output buffers.
WE#
Write Enable
To control the Write operations.
VDD
Power Supply
To provide power supply voltage: 2.7-3.6V for SST39VF401C/402C or 3.0-3.6V
for SST39LF401C/402C
VSS
Ground
NC
No Connection
Unconnected pins.
RY/BY#
Ready/Busy#
To output the status of a Program or Erase operation
RY/BY# is a open drain output, so a 10K
 - 100K pull-up resistor is required
to allow RY/BY# to transition high indicating the device is ready to read.
T1.2 25053
A2
A1
A0
CE#
VSS
A4
A3
A5
DQ8
OE#
DQ0
A6
A7
NC
DQ10
DQ9
DQ1
A17
WP#
NC
DQ2
NC
DQ3
NC
VDD
WE#
DQ12
RST#
RY/BY#
NC
DQ13
A9
A10
A8
DQ4
DQ5
DQ14
A11
A13
A12
DQ11
DQ6
DQ15
A14
A15
A16
DQ7
VSS
TOP VIEW (balls facing down)
AB C D E F G H J K L
6
5
4
3
2
1
25053 48-wfbga MAQ P3.0


유사한 부품 번호 - SST39LF402C-55-4C-MAQE

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST39LF400A SST-SST39LF400A Datasheet
340Kb / 30P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
SST39LF400A SST-SST39LF400A Datasheet
843Kb / 31P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
SST39LF400A SST-SST39LF400A Datasheet
862Kb / 31P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
logo
Microchip Technology
SST39LF400A MICROCHIP-SST39LF400A Datasheet
4Mb / 37P
   Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
2011 Silicon
logo
Silicon Storage Technol...
SST39LF400A-45-4C-B3K SST-SST39LF400A-45-4C-B3K Datasheet
340Kb / 30P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
More results

유사한 설명 - SST39LF402C-55-4C-MAQE

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST39VF6401B SST-SST39VF6401B Datasheet
476Kb / 30P
   64 Mbit (x16) Multi-Purpose Flash Plus
SST39WF1601 SST-SST39WF1601_11 Datasheet
618Kb / 27P
   16 Mbit (x16) Multi-Purpose Flash Plus
SST39VF801C-70-4C-B3KE SST-SST39VF801C-70-4C-B3KE Datasheet
378Kb / 38P
   8 Mbit (x16) Multi-Purpose Flash Plus
logo
Microchip Technology
SST39VF6401B MICROCHIP-SST39VF6401B_V01 Datasheet
4Mb / 38P
   64 Mbit (x16) Multi-Purpose Flash Plus
Revision C May 2018
SST39VF6401B MICROCHIP-SST39VF6401B Datasheet
530Kb / 36P
   64 Mbit (x16) Multi-Purpose Flash Plus
08/15
logo
Silicon Storage Technol...
SST39VF1601C SST-SST39VF1601C Datasheet
379Kb / 39P
   16 Mbit (x16) Multi-Purpose Flash Plus
logo
Microchip Technology
SST39VF1601C MICROCHIP-SST39VF1601C Datasheet
1Mb / 38P
   16 Mbit (x16) Multi-Purpose Flash Plus
Rev. B / May 2018
logo
Silicon Storage Technol...
SST39WF1601 SST-SST39WF1601_10 Datasheet
811Kb / 29P
   16 Mbit (x16) Multi-Purpose Flash Plus
logo
Microchip Technology
SST39VF3201B-70-4I-EKE MICROCHIP-SST39VF3201B-70-4I-EKE Datasheet
904Kb / 29P
   32 Mbit (x16) Multi-Purpose Flash Plus
1/09
logo
Silicon Storage Technol...
SST39WF1601 SST-SST39WF1601 Datasheet
741Kb / 29P
   16 Mbit (x16) Multi-Purpose Flash Plus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com