전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STK1744-D35 데이터시트(PDF) 5 Page - List of Unclassifed Manufacturers

부품명 STK1744-D35
상세설명  32K x 8 AutoStore nvSRAM with Real-Time Clock
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

STK1744-D35 데이터시트(HTML) 5 Page - List of Unclassifed Manufacturers

  STK1744-D35 Datasheet HTML 1Page - List of Unclassifed Manufacturers STK1744-D35 Datasheet HTML 2Page - List of Unclassifed Manufacturers STK1744-D35 Datasheet HTML 3Page - List of Unclassifed Manufacturers STK1744-D35 Datasheet HTML 4Page - List of Unclassifed Manufacturers STK1744-D35 Datasheet HTML 5Page - List of Unclassifed Manufacturers STK1744-D35 Datasheet HTML 6Page - List of Unclassifed Manufacturers STK1744-D35 Datasheet HTML 7Page - List of Unclassifed Manufacturers STK1744-D35 Datasheet HTML 8Page - List of Unclassifed Manufacturers STK1744-D35 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
STK1744
January 2003
5
Document Control # ML0020 rev 0.0
AutoStore™/POWER-UP RECALL
(VCC = 5.0V ± 10%)
Note j:
tRESTORE starts from the time VCC rises above VSWITCH.
AutoStore™/POWER-UP RECALL
NO.
SYMBOLS
PARAMETER
STK1744
UNITS NOTES
Standard
MIN
MAX
22
tRESTORE
Power-up RECALL Duration
550
µsj
23
tSTORE
STORE Cycle Duration
10
ms
f
24
VSWITCH
Low Voltage Trigger Level
4.0
4.5
V
25
VRESET
Low Voltage Reset Level
3.9
V
VCC
VSWITCH
VRESET
POWER-UP RECALL
W
DQ (DATA OUT)
AutoStore™
5V
22
tRESTORE
23
tSTORE
24
25
POWER-UP
RECALL
BROWN OUT
AutoStore™
NO RECALL
(VCC DID NOT GO
BELOW VRESET)
BROWN OUT
AutoStore™
RECALL WHEN
VCC RETURNS
ABOVE VSWITCH
BROWN OUT
NO STORE DUE TO
NO SRAM WRITES
NO RECALL
(VCC DID NOT GO
BELOW VRESET)


유사한 부품 번호 - STK1744-D35

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
STK1743 ETC-STK1743 Datasheet
253Kb / 10P
   NV TIME 8K X 8 AUTOSTORE NVSRAM WITH REAL - TIME CLOCK
STK1743-D25 ETC-STK1743-D25 Datasheet
253Kb / 10P
   NV TIME 8K X 8 AUTOSTORE NVSRAM WITH REAL - TIME CLOCK
STK1743-D25I ETC-STK1743-D25I Datasheet
253Kb / 10P
   NV TIME 8K X 8 AUTOSTORE NVSRAM WITH REAL - TIME CLOCK
STK1743-D35 ETC-STK1743-D35 Datasheet
253Kb / 10P
   NV TIME 8K X 8 AUTOSTORE NVSRAM WITH REAL - TIME CLOCK
STK1743-D35I ETC-STK1743-D35I Datasheet
253Kb / 10P
   NV TIME 8K X 8 AUTOSTORE NVSRAM WITH REAL - TIME CLOCK
More results

유사한 설명 - STK1744-D35

제조업체부품명데이터시트상세설명
logo
Cypress Semiconductor
STK17T88 CYPRESS-STK17T88 Datasheet
603Kb / 22P
   32K x 8 AutoStore nvSRAM with Real Time Clock
logo
Simtek Corporation
STK17T88 SIMTEK-STK17T88_08 Datasheet
535Kb / 29P
   32K x 8 AutoStore nvSRAM with Real-Time Clock
logo
Cypress Semiconductor
STK17TA8 CYPRESS-STK17TA8 Datasheet
787Kb / 23P
   128k X 8 AutoStore nvSRAM with Real Time Clock
logo
List of Unclassifed Man...
STK17T88 ETC-STK17T88 Datasheet
284Kb / 25P
   nvTime Event Data Recorder 32K x 8 AutoStore nvSRAM With Real-Time Clock
STK1743 ETC-STK1743 Datasheet
253Kb / 10P
   NV TIME 8K X 8 AUTOSTORE NVSRAM WITH REAL - TIME CLOCK
logo
Simtek Corporation
STK17TA8 SIMTEK-STK17TA8 Datasheet
685Kb / 28P
   128Kx8 Autostore nvSRAM With Real-Time Clock
logo
Cypress Semiconductor
CY14B256KA CYPRESS-CY14B256KA Datasheet
755Kb / 26P
   256 Kbit (32K x 8) nvSRAM with Real Time Clock
logo
Simtek Corporation
STK17TA8 SIMTEK-STK17TA8_08 Datasheet
647Kb / 29P
   128Kx8 Autostore nvSRAM With Real-Time Clock
logo
Cypress Semiconductor
CY14B256K CYPRESS-CY14B256K Datasheet
1Mb / 23P
   256-Kbit (32K x 8) nvSRAM with Real-Time-Clock
CY14B256K CYPRESS-CY14B256K_09 Datasheet
796Kb / 28P
   256 Kbit (32K x 8) nvSRAM with Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com