전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPC8402 데이터시트(PDF) 3 Page - Toshiba Semiconductor

부품명 TPC8402
상세설명  TOSHIBA Field Effect Transistor Silicon N, P Channel MOS Type (MOSVI/U-MOSII)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC8402 데이터시트(HTML) 3 Page - Toshiba Semiconductor

  TPC8402 Datasheet HTML 1Page - Toshiba Semiconductor TPC8402 Datasheet HTML 2Page - Toshiba Semiconductor TPC8402 Datasheet HTML 3Page - Toshiba Semiconductor TPC8402 Datasheet HTML 4Page - Toshiba Semiconductor TPC8402 Datasheet HTML 5Page - Toshiba Semiconductor TPC8402 Datasheet HTML 6Page - Toshiba Semiconductor TPC8402 Datasheet HTML 7Page - Toshiba Semiconductor TPC8402 Datasheet HTML 8Page - Toshiba Semiconductor TPC8402 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
TPC8402
2002-05-07
3
P-0ch
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±16 V, VDS = 0 V
±10
µA
Drain cut−OFF current
IDSS
VDS = −30 V, VGS = 0 V
−10
µA
V (BR) DSS
ID = −10 mA, VGS = 0 V
−30
Drain−source breakdown voltage
V (BR) DSX
ID = −10 mA, VGS = 20 V
−15
V
Gate threshold voltage
Vth
VDS = −10 V, ID = −1 mA
−0.8
−2.0
V
RDS (ON)
VGS = −4 V, ID = −2.2 A
55
65
Drain−source ON resistance
RDS (ON)
VGS = −10 V, ID = −2.2 A
27
35
mΩ
Forward transfer admittance
|Yfs|
VDS = −10 V, ID = −2.2 A
3.5
7
S
Input capacitance
Ciss
970
Reverse transfer capacitance
Crss
180
Output capacitance
Coss
VDS = −10 V, VGS = 0 V, f = 1 MHz
370
pF
Rise time
tr
17
Turn−ON time
ton
20
Fall time
tf
75
Switching time
Turn−OFF time
toff
160
ns
Total gate charge (Gate−source
plus gate−drain)
Qg
28
Gate−source charge 1
Qgs1
6
Gate−drain (“miller”) charge
Qgd
VDD ≈ −24 V, VGS = −10 V, ID = −4.5 A
12
nC
Source−Drain Ratings and Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Drain reverse
current
Pulse (Note 1)
IDRP
−18
A
Forward voltage (diode)
VDSF
IDR = −4.5 A, VGS = 0 V
1.2
V


유사한 부품 번호 - TPC8402

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TPC8401 TOSHIBA-TPC8401 Datasheet
750Kb / 11P
   TOSHIBA Field Effect Transistor Silicon N, P Channel MOS Type (U-MOSII)
TPC8403 TOSHIBA-TPC8403 Datasheet
309Kb / 11P
   Field Effect Transistor Silicon P/N Channel MOS Type (P Channel U-MOSII/N Channel U-MOSII)
TPC8403 TOSHIBA-TPC8403 Datasheet
272Kb / 11P
   Motor Drive Applications Notebook PC Applications Portable Equipment Applications
TPC8403 TOSHIBA-TPC8403_06 Datasheet
272Kb / 11P
   Motor Drive Applications Notebook PC Applications Portable Equipment Applications
TPC8405 TOSHIBA-TPC8405 Datasheet
275Kb / 11P
   Field Effect Transistor Silicon N, P Channel MOS Type (P Channel U−MOS IV/N Channel U-MOS III)
More results

유사한 설명 - TPC8402

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TPC8401 TOSHIBA-TPC8401 Datasheet
750Kb / 11P
   TOSHIBA Field Effect Transistor Silicon N, P Channel MOS Type (U-MOSII)
TPC8303 TOSHIBA-TPC8303 Datasheet
520Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSII)
SSM3J130TU TOSHIBA-SSM3J130TU_14 Datasheet
210Kb / 6P
   TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type (U-MOSVI)
SSM3J135TU TOSHIBA-SSM3J135TU_14 Datasheet
214Kb / 6P
   TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type (U-MOSVI)
SSM3J328R TOSHIBA-SSM3J328R_14 Datasheet
235Kb / 6P
   TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type (U-MOSVI)
SSM6J08FU TOSHIBA-SSM6J08FU Datasheet
162Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSII)
SSM3J13T TOSHIBA-SSM3J13T Datasheet
182Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSII)
SSM3J14T TOSHIBA-SSM3J14T Datasheet
179Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSII)
SSM6J501NU TOSHIBA-SSM6J501NU_14 Datasheet
212Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type(U-MOSVI)
SSM3J334R TOSHIBA-SSM3J334R Datasheet
235Kb / 6P
   TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type (U-MOSVI)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com